yageo corporation smd inductor / beads miniature surface mount chip inductors sqv series for high q application sqv series comes in 2 sizes and provides wide inductance range , high q value at high frequencies and low dc resistance appl ic a tio ns personal, cordless phone high freq. communication products gps ( global position system ) personal computers note : sqv series is not suitable for wave soldering fea t u r es this miniature chip inductors wound on a special ferrite core. high q value at high frequencies and low dc resistance. wide inductance range s hapes and dim ens io ns type a b c d e sqv322520 3.2 0.3 2.5 0.2 2.0 0.2 1.3 typ 2.5 0.2 sqv453226 4.5 0.3 3.2 0.2 2.6 0.2 1.0 min 3.6 0.2 d e r ecomm ended p a tt e r n type a b c d e sqv322520 5.5 1.0 1.3 1.0 2.0 sqv453226 7.5 1.5 1.5 1.5 3.0 sqv - - p ro du ct i den tific a tio n intemal no. tolerance inductance packaging style dimensions product symbol packaging : t: tape and reel tolerance : j = 5% ; k= 10% ; m= 20% yageo will start to release lead-free that meet sony ss-00259 ' s criteria, and internal no. well be changed to "n" as identifcation. ex. sqv322520t-220j-n dimensions : mm dimensions : mm
65 e le ctric al cha r a ct e ri s tic s p a rt no . indu ct an c e ( h ) q ual ity fa ctor d c res i s t an c e srf i d c nomi nal t o le r an c e tes t s pe c . t es t (?) max. (mhz) min. (ma) max. value ( %) f r equen cy min. f r equen cy sqv322520t-r10 -s 0.10 20 1mhz 20 25.2mhz 0.25 200 700 sqv322520t-r18 -s 0.18 20 1mhz 20 25.2mhz 0.25 200 650 sqv322520t-r27 -s 0.27 20 1mhz 25 25.2mhz 0.25 200 600 sqv322520t-r39 -s 0.39 20 1mhz 25 25.2mhz 0.25 200 530 sqv322520t-r56 -s 0.56 20 1mhz 30 25.2mhz 0.25 160 530 sqv322520t-r68 -s 0.68 20 1mhz 30 25.2mhz 0.25 160 470 sqv322520t-r82 -s 0.82 20 1mhz 30 25.2mhz 0.25 120 450 sqv322520t-1r0 -s 1.0 20 1mhz 20 1mhz 0.50 100 445 sqv322520t-1r2 -s 1.2 20 1mhz 20 1mhz 0.60 100 425 sqv322520t-1r5 -s 1.5 10/20 1mhz 20 1mhz 0.60 75 400 sqv322520t-1r8 -s 1.8 10/20 1mhz 20 1mhz 0.70 60 390 sqv322520t-2r2 -s 2.2 10/20 1mhz 20 1mhz 0.80 50 370 sqv322520t-2r7 -s 2.7 10/20 1mhz 20 1mhz 0.90 43 320 sqv322520t-3r3 -s 3.3 10/20 1mhz 20 1mhz 1.0 38 300 sqv322520t-3r9 -s 3.9 10/20 1mhz 20 1mhz 1.1 35 290 sqv322520t-4r7 -s 4.7 10/20 1mhz 20 1mhz 1.2 31 270 sqv322520t-5r6 -s 5.6 10/20 1mhz 20 1mhz 1.3 28 250 sqv322520t-6r8 -s 6.8 10/20 1mhz 20 1mhz 1.5 25 240 sqv322520t-8r2 -s 8.2 10/20 1mhz 20 1mhz 1.6 23 225 sqv322520t-100 -s 10 5/10 1mhz 35 1mhz 1.8 20 190 sqv322520t-120 -s 12 5/10 1mhz 35 1mhz 2.0 18 180 sqv322520t-150 -s 15 5/10 1mhz 35 1mhz 2.2 16 170 sqv322520t-180 -s 18 5/10 1mhz 35 1mhz 2.5 15 165 sqv322520t-220 -s 22 5/10 1mhz 35 1mhz 2.8 14 150 sqv322520t-270 -s 27 5/10 1mhz 35 1mhz 3.1 13 125 sqv322520t-330 -s 33 5/10 1mhz 40 1mhz 3.5 12 115 sqv322520t-390 -s 39 5/10 1mhz 40 1mhz 3.9 11 110 sqv322520t-470 -s 47 5/10 1mhz 40 1mhz 4.3 11 100 sqv322520t-560 -s 56 5/10 1mhz 40 1mhz 4.9 10.0 85 sqv322520t-680 -s 68 5/10 1mhz 40 1mhz 5.5 9.0 80 sqv322520t-820 -s 82 5/10 1mhz 40 1mhz 6.2 8.5 70 sqv322520t-101 -s 100 5/10 1mhz 40 796khz 7.0 8.0 80 sqv322520t-121 -s 120 5/10 1mhz 40 796khz 8.0 7.5 75 sqv322520t-151 -s 150 5/10 1mhz 40 796khz 9.3 7.0 70 sqv322520t-181 -s 180 5/10 1mhz 40 796khz 10.2 6.0 65 sqv322520t-221 -s 220 5/10 1mhz 40 796khz 11.8 5.5 65 sqv322520t-271 -s 270 5/10 1mhz 40 796khz 12.5 5.0 65 sqv322520t-331 -s 330 5/10 1mhz 40 796khz 13.0 5.0 65 sqv322520t-391 -s 390 5/10 1mhz 50 796khz 22.0 5.0 50 sqv322520t-471 -s 470 5/10 1khz 50 796khz 25.0 5.0 45 sqv322520t-561 -s 560 5/10 1khz 50 796khz 28.0 5.0 40
66 ele ctric al c ha r a ct e ri s tic s : l ead- fr ee & ro hs com pl i an c e pa rt n o. indu ct an c e l / q t es t fr eq q srf rd c r ated current to le r an c e (h) min. (mhz) min. (?) max. (a) max. ( %) sqv322520t-r10 -n 0.1 1mhz/25.2mhz 20 200 0.025 0.7 m sqv322520t-1r0 -n 1 1mhz/1mhz 20 100 0.5 0.445 m sqv322520t-1r2 -n 1.2 1mhz/1mhz 20 100 0.6 0.425 k,m sqv322520t-1r5 -n 1.5 1mhz/1mhz 20 75 0.6 0.4 k,m sqv322520t-1r8 -n 1.8 1mhz/1mhz 20 60 0.7 0.39 k,m sqv322520t-2r2 -n 2.2 1mhz/1mhz 20 50 0.8 0.37 k,m sqv322520t-2r7 -n 2.7 1mhz/1mhz 20 43 0.9 0.32 k,m sqv322520t-3r3 -n 3.3 1mhz/1mhz 20 38 1 0.3 k,m sqv322520t-3r9 -n 3.9 1mhz/1mhz 20 35 1.1 0.29 k,m sqv322520t-4r7 -n 4.7 1mhz/1mhz 20 31 1.2 0.27 k,m sqv322520t-5r6 -n 5.6 1mhz/1mhz 20 28 1.3 0.25 k,m sqv322520t-6r8 -n 6.8 1mhz/1mhz 20 25 1.5 0.24 k,m sqv322520t-8r2 -n 8.2 1mhz/1mhz 20 23 1.6 0.225 k,m sqv322520t-100 -n 10 1mhz/1mhz 35 20 1.8 0.19 j,k,m sqv322520t-120 -n 12 1mhz/1mhz 35 18 2 0.18 j,k,m sqv322520t-150 -n 15 1mhz/1mhz 35 16 2.2 0.17 j,k,m sqv322520t-180 -n 18 1mhz/1mhz 35 15 2.5 0.165 j,k,m sqv322520t-220 -n 22 1mhz/1mhz 35 14 2.8 0.15 j,k,m sqv322520t-270 -n 27 1mhz/1mhz 35 13 3.1 0.125 j,k,m sqv322520t-330 -n 33 1mhz/1mhz 40 12 3.5 0.115 j,k,m sqv322520t-390 -n 39 1mhz/1mhz 40 11 3.9 0.11 j,k,m sqv322520t-470 -n 47 1mhz/1mhz 40 11 4.3 0.1 j,k,m sqv322520t-560 -n 56 1mhz/1mhz 40 10 4.9 0.085 j,k,m sqv322520t-680 -n 68 1mhz/1mhz 40 9 5.5 0.08 j,k,m sqv322520t-820 -n 82 1mhz/1mhz 40 8.5 6.2 0.07 j,k,m sqv322520t-101 -n 100 1mhz/796khz 40 8 7 0.08 j,k,m sqv322520t-121 -n 120 1mhz/796khz 40 7.5 8 0.075 j,k,m sqv322520t-151 -n 150 1mhz/796khz 40 7 9.3 0.07 j,k,m sqv322520t-181 -n 180 1mhz/796khz 40 6 10.2 0.065 j,k,m sqv322520t-221 -n 220 1mhz/796khz 40 5.5 11.8 0.065 j,k,m sqv322520t-271 -n 270 1mhz/796khz 40 5 12.5 0.065 j,k,m sqv322520t-331 -n 330 1mhz/796khz 40 5 13 0.065 j,k,m sqv322520t-391 -n 390 1mhz/796khz 50 5 22 0.05 j,k,m sqv322520t-471 -n 470 1khz/796khz 50 5 25 0.045 j,k,m sqv322520t-561 -n 560 1khz/796khz 50 5 28 0.04 j,k,m note: -tolerance j= 5% / k= 10% / m= 20% 1.operating temperature range -25c~85c 2.rated current: self temperature rise shall be limited to 35c max. inductance drop 10% typ. 3.l/q test osc @1v "-n"for completely lead free type(including ferrite body & solder)
67 e le ctric al cha r a ct e ri s tic s p a rt no . indu ct an c e ( h ) q ual ity fa ctor d c res i s t an c e s rf i d c nomi nal t o le r an c e tes t s pe c . t es t ( ? ) max. (m h z) min. (m a ) max. value ( %) f r equen cy min. f r equen cy sqv453226t-1r0 -s 1.0 20 1mhz 20 1mhz 0.20 120 500 sqv453226t-1r2 -s 1.2 20 1mhz 20 1mhz 0.20 100 500 sqv453226t-1r5 -s 1.5 20 1mhz 20 1mhz 0.30 85 500 sqv453226t-1r8 -s 1.8 20 1mhz 20 1mhz 0.30 75 500 sqv453226t-2r2 -s 2.2 20 1mhz 20 1mhz 0.30 62 500 sqv453226t-2r7 -s 2.7 20 1mhz 20 1mhz 0.32 53 500 sqv453226t-3r3 -s 3.3 20 1mhz 20 1mhz 0.35 47 500 sqv453226t-3r9 -s 3.9 20 1mhz 20 1mhz 0.38 41 500 sqv453226t-4r7 -s 4.7 10/20 1mhz 30 1mhz 0.40 38 500 sqv453226t-5r6 -s 5.6 10/20 1mhz 30 1mhz 0.47 33 500 sqv453226t-6r8 -s 6.8 10/20 1mhz 30 1mhz 0.50 31 450 sqv453226t-8r2 -s 8.2 10/20 1mhz 30 1mhz 0.56 27 450 sqv453226t-100 -s 10 5/10 1mhz 35 1mhz 0.56 23 400 sqv453226t-120 -s 12 5/10 1mhz 35 1mhz 0.62 21 380 sqv453226t-150 -s 15 5/10 1mhz 35 1mhz 0.73 19 360 sqv453226t-180 -s 18 5/10 1mhz 35 1mhz 0.82 17 340 sqv453226t-220 -s 22 5/10 1mhz 35 1mhz 0.94 15 320 sqv453226t-270 -s 27 5/10 1mhz 35 1mhz 1.1 14 300 sqv453226t-330 -s 33 5/10 1mhz 35 1mhz 1.2 12 270 sqv453226t-390 -s 39 5/10 1mhz 35 1mhz 1.4 11 240 sqv453226t-470 -s 47 5/10 1mhz 35 1mhz 1.5 10 220 sqv453226t-560 -s 56 5/10 1mhz 35 1mhz 1.7 9.3 200 sqv453226t-680 -s 68 5/10 1mhz 35 1mhz 1.9 8.4 180 sqv453226t-820 -s 82 5/10 1mhz 35 1mhz 2.2 7.5 170 sqv453226t-101 -s 100 5/10 1mhz 40 796khz 2.5 6.8 160 sqv453226t-121 -s 120 5/10 1mhz 40 796khz 3.0 6.2 150 sqv453226t-151 -s 150 5/10 1mhz 40 796khz 3.7 5.5 130 sqv453226t-181 -s 180 5/10 1mhz 40 796khz 4.5 5.0 120 sqv453226t-221 -s 220 5/10 1mhz 40 796khz 5.4 4.5 110 sqv453226t-271 -s 270 5/10 1mhz 40 796khz 6.8 4.0 100 sqv453226t-331 -s 330 5/10 1mhz 40 796khz 8.2 3.6 95 sqv453226t-391 -s 390 5/10 1mhz 40 796khz 9.7 3.3 90 sqv453226t-471 -s 470 5/10 1khz 40 796khz 11.8 3.0 80 sqv453226t-561 -s 560 5/10 1khz 40 796khz 14.5 2.7 70 sqv453226t-681 -s 680 5/10 1khz 40 796khz 17.5 2.5 65 sqv453226t-821 -s 820 5/10 1khz 40 796khz 20.5 2.2 60 sqv453226t-102 -s 1000 5/10 1khz 40 252khz 25.0 2.0 50 sqv453226t-122 -s 1200 5/10 1khz 40 252khz 30.0 1.8 45 sqv453226t-152 -s 1500 5/10 1khz 40 252khz 37.0 1.6 40 sqv453226t-182 -s 1800 5/10 1khz 40 252khz 45.0 1.5 35 sqv453226t-222 -s 2200 5/10 1khz 40 252khz 50.0 1.3 30 ? rated current : self temperature rise shall be limited to 35c max. inductance drop 10% typ. ? operating temp : -25c~85c ? soldering heat : 230c 10 sec after 150c preheat cycle for 4 min. ? inductance tolerance : j=5% k=10% m=20% ? test equipment : l&q : hp4192a. lf impedance analyzer srf : hp4291a rf impedance analyzer dcr : ch502bc/hp4338b
68 ele ctric al c ha r a ct e ri s tic s : l ead- fr ee & ro hs com pl i an c e pa rt n o. indu ct an c e l / q t es t fr eq q srf rd c r ated current to le r an c e (h) min. (mhz) min. (?) max. (a) max. ( %) sqv453226t-1r0 -n 1 1mhz/1mhz 20 120 0.2 0.5 m sqv453226t-1r2 -n 1.2 1mhz/1mhz 20 100 0.2 0.5 m sqv453226t-1r5 -n 1.5 1mhz/1mhz 20 85 0.3 0.5 m sqv453226t-1r8 -n 1.8 1mhz/1mhz 20 75 0.3 0.5 m sqv453226t-2r2 -n 2.2 1mhz/1mhz 20 62 0.3 0.5 m sqv453226t-2r7 -n 2.7 1mhz/1mhz 20 53 0.32 0.5 m sqv453226t-3r3 -n 3.3 1mhz/1mhz 20 47 0.35 0.5 m sqv453226t-3r9 -n 3.9 1mhz/1mhz 20 41 0.38 0.5 m sqv453226t-4r7 -n 4.7 1mhz/1mhz 30 38 0.4 0.5 k,m sqv453226t-5r6 -n 5.6 1mhz/1mhz 30 33 0.47 0.5 k,m sqv453226t-6r8 -n 6.8 1mhz/1mhz 30 31 0.5 0.45 k,m sqv453226t-8r2 -n 8.2 1mhz/1mhz 30 27 0.56 0.45 k,m sqv453226t-100 -n 10 1mhz/1mhz 35 23 0.56 0.4 j,k,m sqv453226t-120 -n 12 1mhz/1mhz 35 21 0.62 0.38 j,k,m sqv453226t-150 -n 15 1mhz/1mhz 35 19 0.73 0.36 j,k,m sqv453226t-180 -n 18 1mhz/1mhz 35 17 0.82 0.34 j,k,m sqv453226t-220 -n 22 1mhz/1mhz 35 15 0.94 0.32 j,k,m sqv453226t-270 -n 27 1mhz/1mhz 35 14 1.1 0.3 j,k,m sqv453226t-330 -n 33 1mhz/1mhz 35 12 1.2 0.27 j,k,m sqv453226t-390 -n 39 1mhz/1mhz 35 11 1.4 0.24 j,k,m sqv453226t-470 -n 47 1mhz/1mhz 35 10 1.5 0.22 j,k,m sqv453226t-560 -n 56 1mhz/1mhz 35 9.3 1.7 0.2 j,k,m sqv453226t-680 -n 68 1mhz/1mhz 35 8.4 1.9 0.18 j,k,m sqv453226t-820 -n 82 1mhz/1mhz 35 7.5 2.2 0.17 j,k,m sqv453226t-101 -n 100 1mhz/0.796mhz 40 6.8 2.5 0.16 j,k,m sqv453226t-121 -n 120 1mhz/0.796mhz 40 6.2 3 0.15 j,k,m sqv453226t-151 -n 150 1mhz/0.796mhz 40 5.5 3.7 0.13 j,k,m sqv453226t-181 -n 180 1mhz/0.796mhz 40 5 4.5 0.12 j,k,m sqv453226t-221 -n 220 1mhz/0.796mhz 40 4.5 5.4 0.11 j,k,m sqv453226t-271 -n 270 1mhz/0.796mhz 40 4 6.8 0.1 j,k,m sqv453226t-331 -n 330 1mhz/0.796mhz 40 3.6 8.2 0.095 j,k,m sqv453226t-391 -n 390 1mhz/0.796mhz 40 3.3 9.7 0.09 j,k,m sqv453226t-471 -n 470 1khz/0.796mhz 40 3 11.8 0.08 j,k,m sqv453226t-561 -n 560 1khz/0.796mhz 40 2.7 14.5 0.07 j,k,m sqv453226t-681 -n 680 1khz/0.796mhz 40 2.5 17.5 0.065 j,k,m sqv453226t-821 -n 820 1khz/0.796mhz 40 2.2 20.5 0.06 j,k,m sqv453226t-102 -n 1000 1khz/0.252mhz 40 2 25 0.05 j,k,m sqv453226t-122 -n 1200 1khz/0.252mhz 40 1.8 30 0.045 j,k,m sqv453226t-152 -n 1500 1khz/0.252mhz 40 1.6 37 0.04 j,k,m sqv453226t-182 -n 1800 1khz/0.252mhz 40 1.5 45 0.035 j,k,m sqv453226t-222 -n 2200 1khz/0.252mhz 40 1.3 50 0.03 j,k,m note: -tolerance j= 5% / k= 10% / m= 20% 1.operating temperature range -25c~85c 2.rated current: self temperature rise shall be limited to 35c max. inductance drop 10% typ. 3.l/q test osc @1v "-n"for completely lead free type(including ferrite body & solder)
69 t ape dim ens tio ns t ape m a t e ri al carrier tape : polystyrene cover type : polyethylene 160mm min. blank par t cov er t ap e chip mounting par t blank 330mm min. leader r eel d im ens io ns ty pe t ape d im ens io ns r eel d im ens io ns quan tity a0 b0 k0 d e w p p0 p2 a b c d pcs /reel sqv322520 2.90 3.60 2.25 1.5 1.75 8 4 4 2 178 60 9 1.5 2000 sqv453226 3.60 4.90 3.00 1.5 1.75 12 8 4 2 178 60 13.2 1.5 500 dimensions : mm a c b dimensions : mm dimensions : mm temperature c for: lead solder for: lead-free solder time:second pre-heating 60 second 120 second 80 second 5~10 second soldering natural cooling 260 c 230 c 160 c 150 c r e comm end s o lde ri ng co nd itio ns for:cl/ clh/ sqv/ smd power inductors/ smd chip beads/ smd filters, transformers, current sensors
|