Part Number Hot Search : 
MC100BN BR100 SG1844J TC9309 OP123 L2283B 60200 L2685
Product Description
Full Text Search
 

To Download SAMTECINC-DSEC-50-01-S-070-2-RA-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  designed & dimensioned in millimeters[inches] do not scale from this print dsec-xx-xx-x-xx.x-x-ra-tr board spacing -05.5: 5.5mm -07.0: 7.0mm *-08.5: 8.5mm (* = not tooled) plating specification -s: 30? selective gold, matte tin on tails (use sub-im-c-256-xx.x-s-x) -l: 1 0? selective gold, matte tin on tails (use sub-im-c-256-xx.x-l-x) solder tail lead style -01: 1.57[.062] -02: 2.36[.093] no of positions -30,-40,-50 (per row) solder compostion & style -1: 63% tin / 37% lead charge tail (use sub-im-c-256-xx.x-x-1) -2: 96.5% tin / 3.5% silver lead free charge tail (use sub-im-c-256-xx.x-x-2) right angle -ra tape & reel (standard packaging) (see note 4) "e" (ref) 12.96 (ref) .510 12.96 .510 to wafer "a" "a" c l wt-16-xx-t (4 plcs) c 2.15 .085 "f" (row height) "d" 0.64 .025 (ref) (typ) "b" (ref) 1.75 (ref) .069 "g" (ref) "a" 0.80 (typ) .031 (tol non-accum) 0.80 .031 "a" pin 02 top slot pin 01 bottom slot dsec-xx-01-ra-xx.x c c c c c bottom slot top slot pin 02 bottom slot pin 01 top slot "c" (ref) (a-pin ctrs.) 6.00 (ref) .236 1.69 (ref) .067 1.32 (ref) .052 1.10 (ref) .043 pin 01 pin 04 9.00 .354 8.32 (ref) 1.32 (ref) .052 2.15 .085 0.64 (ref) (typ) .025 1.15 (ref) .045 3.85 .152 0.38 .015 (ref) c c c board spacing application view (dsec-30-01-05.5-x-ra) bottom card top card fig. 1 (dsec-30-01-05.5-x-ra) (some detail omitted for clarity) c sheet of unless otherwise specified, dimensions are in millimeters [inches]. tolerances are: decimals angles x.x: 0.3 [.01] 2 x.xx: 0.13 [.005] x.xxx: 0.051 [.0020] material: 0.8mm pitch right angle assembly by: dsec-xx-xx-x-xx.x-x-ra-tr dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing knowlden 8/4/08 2 1 sheet scale: 2:1 insulator: vectra e130i contact: phos bronze f:\dwg\misc\mktg\dsec-xx-xx-x-xx.x-x-ra-tr-mkt.slddrw notes: 1. represents a critical dimension. 2. minimum pushout force: 2.22n[.5 lb]. 3. inspect dimension at 4 corners of part. 4. for quantities up to 49 pieces, no leader, trailer or reel will be supplied for quantities of 50-124 pieces, no leader or trailer will be supplied 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 revision b
1.66 (ref) .065 9.00 .354 (ref) "h" (typ) 2.05 .081 1.00 .039 (ref) "f" (ref) 1.27 .050 (3 plcs) 1.33 (ref) .052 2.16 (ref) .085 1.02 0.10 .040 .004 'b' section "a"-"a" scale 6 : 1 (view rotated 90 ccw for clarity) sub-im-c-256-xx.x-x-x dsec-xx-01-ra-xx.x c c c 0.05 .002 (see note 3) "c" "c" detail 'b' scale 12 : 1 (one solder charge removed to show contact tail) c c c 0.15 [.006] 0.38 .015 (ref) section "c"-"c" scale 12 : 1 c sheet of 0.8mm pitch right angle assembly by: dsec-xx-xx-x-xx.x-x-ra-tr dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing knowlden 8/4/08 2 2 sheet scale: 2:1 revision b f:\dwg\misc\mktg\dsec-xx-xx-x-xx.x-x-ra-tr-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322


▲Up To Search▲   

 
Price & Availability of SAMTECINC-DSEC-50-01-S-070-2-RA-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X