Part Number Hot Search : 
20D220K CMJH120 LC4608C FDG327N DMD5802 30100 BZX84C47 UDZS2V7B
Product Description
Full Text Search
 

To Download PTS-P0805LF-1000-2B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general note irc reserves the right to make changes in product specifcation without notice or liability. all information is subject to ircs own data and is considered accurate at time of going to print. a subsidiary of tt electronics plc ? 4222 south staples street ? corpus christi texas 78411 usa ? irc advanced film division telephone: 361 992 7900 ? facsimile: 361 992 3377 ? website: www.irctt.com pts series issue september 2009 sheet 1 of 2 platinum temperature sensor chip pts series ? high stability thin flm platinum sensor ? high resolution, accuracy and interchangeability ? compatible with automatic placement equipment ? wide temperature range - very fast response time ? surface mount package with pb-free terminations electrical data self heating at 0c p0603 p0805 p1206 0.8c / mw 0.8c / mw 0.4c / mw available resistances at 0c 1000 ? 100 ?, 1000 ? temperature tolerances class b = 0.3c @ 0c (r 0 0.12%) class 2b = 0.6c @ 0c (r 0 0.24%) operating temperature range -55c to +130c (-55c to +150c if board cte is 6-8ppm/c) temperature coeffcient +3850 ppm/c per iec751 insulation resistance 100m ? minimum at 20c recommended measuring current to minimize self heating error 100 ? 1ma 1000 ? 0.3ma long term stability (130c) <0.06% at 250hrs <0.06% at 1000hrs termination 100% sn over ni barrier (minimum 5 m m ni thickness) * temperature coeffcient in accordance with iec751 the temperature sensor is a conventional thin flm platinum rtd in a surface mount package designed for temperature sensing, over-temperature protection and temperature compensation in any application where printed circuit board temperature sensing is desired. performance data settling response time p0603 p0805 p1206 rapidly stirred oil <0.2s (t 0.5 ) <0.6s (t 0.9 ) <0.1s (t 0.5 ) <0.4s (t 0.9 ) <0.1s (t 0.5 ) <0.4s (t 0.9 ) air @ 1m/s <3.5s (t 0.5 ) <10s (t 0.9 ) <2.5s (t 0.5 ) <8s (t 0.9 ) <2.5s (t 0.5 ) <8s (t 0.9 )
? 4222 south staples street ? corpus christi texas 78411 usa ? irc advanced film division telephone: 361 992 7900 ? facsimile: 361 992 3377 ? website: www.irctt.com pts series issue september 2009 sheet 2 of 2 l (mm) w (mm) h (mm) a (mm) b (mm) p0603 1.7 0.2 0.9 0.2 0.45 0.1 0.3 0.2 0.3 0.2 p0805 2.25 0.2 1.4 0.25 0.6 0.1 0.35 0.2 0.35 0.2 p1206 3.2 0.2 1.6 0.2 0.6 0.1 0.5 0.2 0.5 0.2 physical data prefix pts - p1206lf - 1001 - b model p1206lf = 1206 chip with pb-free terminations p0805lf = 0805 chip with pb-free terminations p0603lf = 0603 chip with pb-free terminations resistance code standard 4-digit resistance code ex: 1000 = 100 ? ; 1001 = 1000 ? tolerance code b = r 0 0.12% 2b = r 0 0.24% for additional information or to discuss your specifc requirements, please contact our applications team using the contact details below. ordering data l a w h b side bottom top platinum temperature sensor chip


▲Up To Search▲   

 
Price & Availability of PTS-P0805LF-1000-2B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X