Part Number Hot Search : 
74AVC C9S12 FRX05 S8430 B8806 SMDA24 GT60N32 FR100
Product Description
Full Text Search
 

To Download NSC-02-2M-12-125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  input voltage: 05-5vdc 12-12vdc *24-24vdc (*hc type only) 4.5 500 ?5 ?15 12 2 30 22.0 2-m3 5 ("md" type) 8.0 c b a p d h max h min h electrical specifications mechanical 1. max shaft load, radial: 1.0 kgf axial: 0.5 kgf 2. moment of inertia: 2.0 g  cm 2 3. angular acceleration: 1x10 5 rad/s 2 4. max slewing speed: 6000 rpm 5. starting torque: 10 gf  cm max. 6. rotational life: 1 x 10 8 rpm  hrs environmental 1. operating temp: -10 to +70 c 2. storage temp: -30 to +80 c 3. humidity:  85% rh, no condensation 4. vibration: 10~55 hz, 1.5 mm, 2 hrs 5. shock: 50g, 11ms, 3 axes, 3 reps 2m 2mc 2mhc 2md type supply voltage current output voltage sink current signal risetime freq. response  0.5v h l 150khz 20ma max 12 vdc 10%  60ma max  150ma  2.5v vcc -1v  80ma 5 vdc 10%  200ns  1s standard resolutions nsc-xxxx 006 60 p/r 04 400 p/r 01 100 p/r 05 500 p/r 015 150 p/r 06 600 p/r 02 200 p/r 08 800 p/r 025 250 p/r 10 1000 p/r 03 300 p/r 1024 1024 p/r 036 360 p/r *15 1500 p/r *24vdc n/a output waveform p d c b a h h min h max signal z signal a signal b p = 1 ppr clockwise rotation viewed from front 2m, 2mc, 2mhc 2md sig a sig a sig b sig b sig z sig z wave duty ratio: 50% 25% h = p 0.75p 4 8 a,b,c,d = p p signal vcc 0v 2m 2k ? 2mc/2mhc output circuits vcc signal inv. signal 2md rev. updated checked released nsc-xxxx-2mx-xxx c drawn by pa rt n o. 
  9615 sw allen blvd. #103 beaverton, or 97005 tel: 503/643-4899 fax: 503/643-6129 0v signal vcc 5 / 12 vdc 10%  
  , 1997 ordering instructions nsc-_ _ _ _-2m_-_ _-_ _ _ resolution output type: - ttl voltage c - open coll d - diff driver shaft diameter: 05 - ? 5mm 125 - ? 0.125" jas 04/18/01 5 / 12 / 24 vdc 10% 04/18/01 0v


▲Up To Search▲   

 
Price & Availability of NSC-02-2M-12-125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X