Part Number Hot Search : 
1N4454 CP2102 1E475 NTE5327W STK6722H B21CV RFBC4 J170A
Product Description
Full Text Search
 

To Download NMC0805X7R272K50TRPF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com speci cations are subject to change features ? class ii dielectric, temperature stable ? excellent frequency characteristics, non-linear capacitance change ? higher capacitance than npo ? nickel barrier terminations and excellent mechanical strength nmc series x7r multilayer ceramic chip capacitors nmc 0805 x7r 102 k 50 trp or trplp 3k f rohs c ompliant optional reel qty (3k=3,000pcs) tape & reel (embossed pla stic carrier) tape & reel (punched carrier) voltage (vdc) capacitance tolerance code (see chart) capacitance code, expressed in pf, rst 2 digits are signi cant, 3rd digit is no. of zeros, ?r? indicates decimal for under 10pf temperature characteristic size code (see chart) series part number system capacitance range 47pf ~ 0.82 f (see high cv datasheet for higher capacitance values) capacitance tolerance 5% (j), 10% (k), 20% (m) operating temperature range -55c ~ +125c temperature characteristics 15% max. over temperature range (with 0 vdc applied) rated voltages 10vdc, 16vdc, 25vdc, 35vdc, 50vdc (see nmc-h series for higher voltages) dissipation factor 2.5% max. (50vdc, 100vdc); 3.5% max. (16vdc, 25vdc) 5% max. (10vdc) @ 1.0vrms and 1khz, +25c insulation resistance 10,000megohms min. or 500megohm/ f min. whichever is less @ +25c dielectric withstanding voltage 250% of rated voltage for 5 1 seconds, 50ma maximum current test conditions (eia-198-2e) 1khz, 1.0v 0.2vrms temperature c 10000 1000 100 10 10 25 100 125 minimum insulation resistance vs. temperature insulation resistance ( farads) impedance vs. frequency - x7r frequency (mhz) impedance % dissipation factor vs. temperature temperature c % dissipation factor typical x7r temperature coef cient temperature c % capacitance change voltage coef cient of capacitance - x7r dc volts applied % capacitance change *see part number system for details ear s s f rohs compliant includes all homogeneous materials
2 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com speci cations are subject to change nmc series x7r multilayer ceramic chip capacitors x7r capacitor size chart (mm) eia case size 0201 0402 0603 0805 length (l) 0.60.03 1.00.05 1.60.15 2.00.2 width (w) 0.30.03 0.50.05 0.80.15 1.250.2 thickness max. (t) 0.30.03 0.6 1.0 1.35 termination width (p) 0.150.05 0.20.1 0.12 ~ 0.51 0.25 ~ 0.71 capacitance working voltage (vdc) 16 25 50 10 16 25 50 10 16 25 50 100 10 16 25 50 100 47pf ~ 91pf 100pf ~ 470pf 510pf 560pf 620pf 680pf 750pf 820pf 910pf 0.001 f 0.0012 f 0.0015 f 0.0018 f 0.0022 f 0.0027 f 0.0030 f 0.0033 f 0.0039 f 0.0047 f 0.0056 f 0.0068 f 0.0075 f 0.0082 f 0.01 f 0.012 f 0.015 f 0.018 f 0.022 f 0.033 f 0.039 f 0.047 f 0.056 f 0.068 f 0.082 f 0.1 f * 0.15 f *** 0.18 f *** 0.22 f *** 0.33 f *** 0.39 f **** 0.47 f **** 0.56 f *** 0.68 f *** 0.82 f *** *1.45mm maximum thickness see nmc high cv series for values above 0.82 f (consult factory for capacitance values not listed) p p l w t 100% sn over ni barrier
3 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com speci cations are subject to change nmc series x7r multilayer ceramic chip capacitors x7r capacitor size chart (mm) eia case size 1206 1210 1812 2225 length (l) 3.20.2 3.20.2 4.50.3 5.70.4 width (w) 1.60.2 2.50.2 3.20.25 6.350.25 thickness max. (t) 1.80 1.80 1.8 1.80 termination width (p) 0.25 ~ 0.71 0.25~0.75 0.25 ~ 0.75 0.25 ~ 1.02 capacitance working voltage (vdc) 10 16 25 50 100 10 16 25 35 50 100 10 16 25 50 100 25 50 100 150pf ~ 910pf 0.001 0.0012 f 0.0015 f 0.0018 f 0.0022 f 0.0027 f 0.0033 f 0.0036 f 0.0039 f 0.0043 f 0.0047 f 0.0056 f 0.0068 f 0.0075 f 0.0082 f 0.01 f 0.012 f 0.015 f 0.018 f 0.022 f 0.027 f 0.033 f 0.036 f 0.039 f 0.043 f 0.047 f 0.056 f 0.068 f 0.082 f 0.1 f 0.12 f 0.15 f 0.18 f 0.22 f 0.27 f 0.33 f 0.39 f 0.47 f 0.56 f 0.68 f 0.82 f ** * 2.20mm maximum thickness see nmc high cv series for values above 0.82 f p p l w h 100% sn over ni barrier
4 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com speci cations are subject to change taping speci cations embossed plastic carrier tape dimensions (mm) reel dimensions (mm) 7 inch reel quantities* *quantity dependent on chip thickness. contact nic for reel quantities on larger diameter reels. notes: 1. speci cations are in compliance with eia rs481-1-a ?taping of surface mount components for automatic placement? 2. dimensions a o (max.) equals component width dimension plus 0.5mm 3. dimension b o (max.) equals component length dimension plus 0.5mm punched carrier tape dimensions (mm) type a o b o wf e p1 p0d0 t1 max. t2 max. mounting hole 01005 0.25 0.04 0.45 0.04 8.0 0.3 3.5 0.05 1.75 0.1 2.0 0.05 4.0 0.1 1.5 +0.1/-0.0 0.27 0.36 angular punch hole 0201 0.37 0.03 0.67 0.05 0.45 0.80 0402 0.65 0.05 1.15 0.05 1.1 1.4 0603 1.1 0.2 1.9 0.2 4.0 0.10 0805 1.65 0.2 2.4 0.2 1206 2.0 0.2 3.6 0.2 size 01005 0201 0402 0603 0805 1206 1210 1812 tape size 8mm 8mm 8mm 8mm 8mm 8mm 8mm 12mm min. qty per reel 20,000 20,000 10,000 4,000 4,000 4,000 2,000 1,000 max. qty per reel 20,000 20,000 10,000 4,000 5,000 5,000 5,000 2,000 multilayer ceramic chip capacitors reel diameter (a) b c d t max. 7? (178 2.0) 13 0.5 50 min. 21 1.0 8.4 +1.0/-0 (1812 case size 12.4 +2.0/-0) 10? (250 2.0) 100 1.0 13? (330 2.0) 100 1.0 c b t a reel d tape size w f e p 0 p 2 d k max. t max. p 8mm 8.0 0.2 3.5 0.05 1.75 0.10 4.0 0.1 2.0 0.5 1.5 +0.1 -0.0 3.0 2.0 4.0 0.1 12mm 12 0.2 5.5 0.05 4.5 8.0 0.1 parts with a thickness of >1mm will be taped on embossed plastic carrier. parts with a thickness of less then 1mm will be taped on paper carrier carrier tape material embossed plastic carrier tape k t d p o w f a o p b o e p 2 see notes 2 & 3 regarding dimensions a o and b o t 2 t 1 d p o w f a o p1 component pitch b o e punched carrier tape


▲Up To Search▲   

 
Price & Availability of NMC0805X7R272K50TRPF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X