Part Number Hot Search : 
1N2246A 2SC3720 4125P ALVC16 4312U 100ML BAJ2DD0W 74F676PC
Product Description
Full Text Search
 

To Download MMBT4401T-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30272 rev. 5 - 2 1 of 4 mmbt4401t www.diodes.com  diodes incorporated mmbt4401t npn small signal surface mount transistor  epitaxial planar die construction  complementary pnp type available (mmbt4403t)  ultra-small surface mount package  available in lead free/rohs compliant version (note 2) characteristic symbol mmbt4401t unit collector-base voltage v cbo 60 v collector-emitter voltage v ceo 40 v emitter-base voltage v ebo 6.0 v collector current - continuous (note 1) i c 600 ma power dissipation (note 1) p d 150 mw thermal resistance, junction to ambient (note 1) r  ja 833  c/w operating and storage and temperature range t j ,t stg -55 to +150  c features maximum ratings @ t a = 25  c unless otherwise specified a m j l d b n c h k g top view c e b mechanical data  case: sot-523  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish annealed over alloy 42 leadframe). please see ordering information, note 5, on page 2  terminal connections: see diagram  marking (see page 2): 2x  ordering & date code information: see page 2  weight: 0.002 grams (approx.) t c u d o r p w e n sot-523 dim min max typ a 0.15 0.30 0.22 b 0.75 0.85 0.80 c 1.45 1.75 1.60 d  0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 j 0.00 0.10 0.05 k 0.60 0.80 0.75 l 0.10 0.30 0.22 m 0.10 0.20 0.12 n 0.45 0.65 0.50  0  8  all dimensions in mm e b c notes: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead.
ds30272 rev. 5 - 2 2 of 4 mmbt4401t www.diodes.com t c u d o r p w e n electrical characteristics @ t a = 25  c unless otherwise specified characteristic symbol min max unit test condition off characteristics (note 3) collector-base breakdown voltage v (br)cbo 60  v i c = 100  a, i e = 0 collector-emitter breakdown voltage v (br)ceo 40  v i c = 1.0ma, i b = 0 emitter-base breakdown voltage v (br)ebo 6.0  v i e = 100  a, i c = 0 collector cutoff current i cex  100 na v ce = 35v, v eb(off) = 0.4v base cutoff current i bl  100 na v ce = 35v, v eb(off) = 0.4v on characteristics (note 3) dc current gain h fe 20 40 80 100 40    300   i c = 100a, v ce = 1.0v i c = 1.0ma, v ce = 1.0v i c = 10ma, v ce = 1.0v i c = 150ma, v ce = 1.0v i c = 500ma, v ce = 2.0v collector-emitter saturation voltage v ce(sat)  0.40 0.75 v i c = 150ma, i b = 15ma i c = 500ma, i b = 50ma base-emitter saturation voltage v be(sat) 0.75  0.95 1.2 v i c = 150ma, i b = 15ma i c = 500ma, i b = 50ma small signal characteristics output capacitance c cb  6.5 pf v cb = 5.0v, f = 1.0mhz, i e = 0 input capacitance c eb  30 pf v eb = 0.5v, f = 1.0mhz, i c = 0 input impedance h ie 1.0 15 k  v ce = 10v, i c = 1.0ma, f = 1.0khz voltage feedback ratio h re 0.1 8.0 x 10 -4 small signal current gain h fe 40 500  output admittance h oe 1.0 30  s current gain-bandwidth product f t 250  mhz v ce = 10v, i c = 20ma, f = 100mhz switching characteristics delay time t d  15 ns v cc = 30v, i c = 150ma, v be(off) = 2.0v, i b1 = 15ma rise time t r  20 ns storage time t s  225 ns v cc = 30v, i c = 150ma, i b1 = i b2 = 15ma fall time t f  30 ns notes: 3. short duration pulse test used to minimize self-heating effect. 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. for lead free rohs compliant version part number, please add "-f" suffix to the part number above. exam ple: mmbt4401t-7-f. device packaging shipping mmbt4401t-7 sot-523 3000/tape & reel ordering information (note 4) month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd date code key 2x = product type marking code ym = date code marking y = year (ex: n = 2002) m = month (ex: 9 = september) 2xym marking information year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst u vw
ds30272 rev. 5 - 2 3 of 4 mmbt4401t www.diodes.com t c u d o r p w e n 1 10 1000 100 0.1 1 10 1000 100 h , dc current gain fe i , collector current (ma) c fig. 2 typical dc current gain vs collector current t = -25c a t = +25c a t = 125c a v = 1.0v ce 0 100 150 50 200 2 5 0 0100200 p , power dissipation (mw) d t , ambient temperature (c) a fi g . 1, power deratin g curve (see note 1) 1.0 5.0 20 10 30 0.1 10 1.0 50 capacitance (pf) reverse volts (v) fi g .3 t y pical capacitance cobo cibo 0.001 0.01 1 10 0.1 100 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2 . 0 i , base current (ma) b fi g .4 t y pical collector saturation re g ion v , collector-emitter voltage (v) ce i= 1ma c i= 10ma c i= 30ma c i = 100ma c i = 300ma c 1 10 100 1000 v , collector to emitter ce(sat) saturation voltage (v) i , collector current (ma) c fig. 5 collector emitter saturation voltage vs. collector current t=25c a t = -50c a t = 150c a 0 0.1 0.2 0.3 0.4 0 .5 i c i b =10 1 0.1 10 100 v , base emitter voltage (v) be(on) i , collector current (ma) c fi g . 6 base emitter volta g e vs. collector current 0.2 0.3 0.4 0.6 0.5 0.8 0.7 1 . 0 0.9 v= 5v ce t= 25c a t = -50c a t = 150c a
ds30272 rev. 5 - 2 4 of 4 mmbt4401t www.diodes.com t c u d o r p w e n 1 10 100 1000 1 10 100 i , collector current (ma) c fi g . 7 gain bandwidth p roduct vs. collector current f , gain bandwidth product (mhz) t v= 5v ce


▲Up To Search▲   

 
Price & Availability of MMBT4401T-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X