Part Number Hot Search : 
MCP618 BYT85 F10U60DN CM12MB 120ZI ADP3031 2SC3930 MC68HC9
Product Description
Full Text Search
 

To Download MGA-30689-BLKG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mga-30689 40mhz - 3000mhz flat gain high linearity gain block data sheet description avago technologies mga-30689 is a fat gain, high linearity, low noise, 22dbm gain block with good oip3 achieved through the use of avago technologies propri - etary 0.25um gaas enhancement-mode phemt process. the device required simple dc biasing components to achieve wide bandwidth performance. the tempera - ture compensated internal bias circuit provides stable current over temperature and process threshold voltage variation. the mga-30689 is housed inside a standard sot89 package (4.5 x 4.1 x 1.5 mm). applications ? if amplifer, rf driver amplifer ? general purpose gain block component image attention: observe precautions for handling electrostatic sensitive devices. esd machine model = 75 v esd human body model = 450 v refer to avago application note a004r: electrostatic discharge, damage and control. notes: package marking provides orientation and identifcation 6g = device code x = month of manufacture features ? flat gain 14db +/-0.5db, 40mhz to 2600mhz ? high linearity ? built in temperature compensated internal bias circuitry ? no rf matching components required ? gaas e-phemt technology [1] ? standard sot89 package ? single, fixed 5v supply ? excellent uniformity in product specifcations ? msl-2 and lead-free halogen free ? high mttf for base station application specifcations ? 900mhz; 5v, 104ma (typical) C 14.3 db gain C 43 dbm output ip3 C 3.0 db noise figure C 22.3 dbm output power at 1db gain compression ? 1950mhz, 5v, 104ma (typical) C 14.6 db gain C 40 dbm output ip3 C 3.3 db noise figure C 22.5 dbm output power at 1db gain compression note: 1. enhancement mode technology employs positive gate voltage, thereby eliminating the need of negative gate voltage associated with conventional depletion mode devices. 6gx top view rfin gnd rfout #1 #2 #3 bottom view rfout gnd rfin #3 #2 #1
2 80 120 110 100 90 lsl usl lsl usl 13.5 14 14.5 15 15.5 16 16.5 lsl 37 38 39 40 41 42 43 44 45 lsl 21.2 21.6 22 22.4 22.8 23.2 2.8 4 3.8 3.6 3.4 3.2 3 usl absolute maximum rating [2] t a =25 c symbol parameter units absolute max. v dd,max device voltage, rf output to ground v 5.5 p in,max cw rf input power dbm 20 p diss total power dissipation [4] w 0.75 t j, max junction temperature c 150 t stg storage temperature c -65 to 150 thermal resistance [3] jc = 53.5c/w (vdd = 5v, ids = 100ma, tc = 85c) notes: 2. operation of this device in excess of any of these limits may cause permanent damage. 3. thermal resistance measured using infrared measurement technique. 4. this is limited by maximum vdd and ids. derate 18.7 mw/ c for tc>110 c . product consistency distribution charts [5, 6] figure 1. ids, lsl=80ma , nominal=104ma, usl=125ma figure 2. gain, lsl=13.7db, nominal=14.6db, usl=16.7db figure 3. oip3, lsl=37.5dbm, nominal=41.5dbm figure 4. p1db, lsl=21.2dbm, nominal=22.5dbm figure 5. nf, nominal=3.23db, usl=4db notes: 5. distribution data sample size is 500 samples taken from 3 diferent wafer lots and 6 diferent wafers. future wafers allocated to this product may have nominal values anywhere between the upper and lower limits. 6. measurements were made on a characterization test board, which represents a trade-of between optimal oip3, gain and p1db. circuit trace losses have not been de-embedded from measurements above.
3 electrical specifcations [7] t a = 25c, vdd =5v symbol parameter and test condition frequency units min. typ. max. ids quiescent current n/a ma 80 104 125 gain gain 40mhz 900mhz 1950mhz db 13.7 14.8 14.3 14.6 16.7 oip3 [8] output third order intercept point 40mhz 900mhz 1950mhz dbm 37.5 40 43 40 C nf noise figure 40mhz 900mhz 1950mhz db C 2.9 3.0 3.3 4 s11 input return loss, 50 ? source 40mhz 900mhz 1950mhz db -13 -12 -15 s22 output return loss, 50 ? load 40mhz 900mhz 1950mhz db -18 -15 -12 s12 reverse isolation 40mhz 900mhz 1950mhz db -20 -22 -25 op1db output power at 1db gain compression 40mhz 900mhz 1950mhz dbm 21.2 21.8 22.4 22.5 C notes: 7. measurements obtained using demo board described in figure 30 and 31. 40mhz data was taken with 40mhz C 2ghz application test circuit, 900mhz data with 0.2ghz C 3ghz application test circuit and 1.95ghz data with 1.5ghz C 2.6ghz application test circuit respectively. 8. oip3 test condition: f rf1 C f rf2 = 10mhz with input power of -15dbm per tone measured at worse side band. 9. use proper bias, heat sink and de-rating to ensure maximum channel temperature is not exceeded. see absolute maximum ratings and application note (if applicable) for more details.
4 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 frequency (ghz) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 frequency (ghz) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 frequency (ghz) 80 90 100 110 120 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 temperature (c) ids (ma) 12 12.5 13 13.5 14 14.5 15 15.5 16 gain (db) 85c 25c -40c 85c 25c -40c 30 32 34 36 38 40 42 44 46 48 oip3 (dbm) 16 17 18 19 20 21 22 23 24 25 p1db(dbm) 85c 25c -40c 85c 25c -40c typical performance (40mhz C 2ghz) ta = +25c, vdd = 5v, input signal = cw. application test circuit is shown in figure 30 and table 1. figure 6. ids over temperature figure 7. gain over frequency and temperature figure 8. oip3 over frequency and temperature figure 9. p1db over frequency and temperature
5 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 frequency (ghz) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 frequency (ghz) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 frequency (ghz) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 frequency (ghz) -30 -25 -20 -15 -10 -5 0 s11 (db) -30 -25 -20 -15 -10 -5 0 s22 (db) 85c 25c -40c 85c 25c -40c -27 -26 -25 -24 -23 -22 -21 -20 -19 -18 s12 (db) 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 nf(db) 85c 25c -40c 85c 25c -40c typical performance (40mhz C 2ghz) ta = +25c, vdd = 5v, input signal = cw. application test circuit is shown in figure 30 and table 1. figure 10. s11 over frequency and temperature figure 11. s22 over frequency and temperature figure 12. s12 over frequency and temperature figure 13. noise figure over frequency and temperature
6 typical performance (0.2ghz C 3ghz) ta = +25c, vdd = 5v, input signal = cw. application test circuit is shown in figure 30 and table 2. figure 14. ids over temperature figure 15. gain over frequency and temperature figure 16. oip3 over frequency and temperature figure 17. p1db over frequency and temperature 0.2 0.6 1.0 1.4 1.8 2.2 2.6 3.0 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 temperature (c) 80 90 100 110 120 ids (ma) 85c 25c -40c 12 12.5 13 13.5 14 14.5 15 15.5 16 0.2 0.6 1.0 1.4 1.8 2.2 2.6 3.0 frequency (ghz) gain (db) 16 17 18 19 20 21 22 23 24 25 frequency (ghz) p1db(dbm) 30 32 34 36 38 40 42 44 46 48 frequency (ghz) oip3 (dbm) 0.2 0.6 1.0 1.4 1.8 2.2 2.6 3.0 85c 25c -40c 85c 25c -40c
7 -30 -25 -20 -15 -10 -5 0 s11 (db) -30 -25 -20 -15 -10 -5 0 s22 (db) -35 -33 -31 -29 -27 -25 -23 -21 s12 (db) 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 nf(db) 0.2 0.6 1.0 1.4 1.8 2.2 2.6 3.0 frequency (ghz) 0.2 0.6 1.0 1.4 1.8 2.2 2.6 3.0 frequency (ghz) 0.2 0.6 1.0 1.4 1.8 2.2 2.6 3.0 frequency (ghz) 0.2 0.6 1.0 1.4 1.8 2.2 2.6 3.0 frequency (ghz) 85c 25c -40c 85c 25c -40c 85c 25c -40c 85c 25c -40c typical performance (0.2ghz C 3ghz) ta = +25c, vdd = 5v, input signal = cw. application test circuit is shown in figure 30 and table 2. figure 18. s11 over frequency and temperature figure 19. s22 over frequency and temperature figure 20. s12 over frequency and temperature figure 21. noise figure over frequency and temperature
8 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 frequency (ghz) 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 frequency (ghz) 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 frequency (ghz) -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 temperature (c) 80 90 100 110 120 ids (ma) 12 12.5 13 13.5 14 14.5 15 15.5 16 gain (db) 16 17 18 19 20 21 22 23 24 25 p1db(dbm) 85c 25c -40c 85c 25c -40c 35 36 37 38 39 40 41 42 43 44 45 oip3 (dbm) 85c 25c -40c typical performance (1.5ghz C 2.6ghz) ta = +25 c , vdd = 5v, input signal = cw. application test circuit is shown in figure 30 and table 3. figure 22. ids over temperature figure 23. gain over frequency and temperature figure 24. oip3 over frequency and temperature figure 25. p1db over frequency and temperature
9 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 frequency (ghz) 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 frequency (ghz) 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 frequency (ghz) 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 frequency (ghz) -30 -25 -20 -15 -10 -5 0 s11 (db) -30 -25 -20 -15 -10 -5 0 s22 (db) -30 -29 -28 -27 -26 -25 -24 -23 -22 -21 -20 s12 (db) 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 nf(db) 85c 25c -40c 85c 25c -40c 85c 25c -40c 85c 25c -40c typical performance (1.5ghz C 2.6ghz) ta = +25 c , vdd = 5v, input signal = cw. application test circuit is shown in figure 30 and table 3. figure 26. s11 over frequency and temperature figure 27. s22 over frequency and temperature figure 28. s12 over frequency and temperature figure 29. noise figure over frequency and temperature
10 application schematic components table and demo board figure 30. application schematic 3 1 2 r f o u t r f i n l1/l2 vd d r f i n gn d vd d r f o u t c 7 c 8 c1/ c4 c2/ c5 c3/ c6 t o p vi e w C recommended pcb material is 10 mils rogers ro4350, with fr4 backing for mechanical strength. C suggested component values may vary according to layout and pcb material. figure 31. demo board layout
11 demo board part list table 1. 40 mhz C 2 ghz application schematic components circuit symbol size value part number description l2 0805 820nh llq2012-series (toko) wire wound chip inductor c4 0402 100pf grm1555c1h101jz01b (murata) ceramic chip capacitor c5 0402 0.1uf grm155r71c104ka88d (murata) ceramic chip capacitor c6 0805 2.2uf grm21br61e225ka12l (murata) ceramic chip capacitor c7 0402 0.1uf grm155r71c104ka88d (murata) ceramic chip capacitor c8 0402 0.1uf grm155r71c104ka88d (murata) ceramic chip capacitor table 2. 0.2 ghz C 3 ghz application schematic components circuit symbol size value part number description l1 0402 100nh ll1005-fhlr10j (toko) mlc inductor c1 0402 10pf grm1555c1h100jz01b (murata) ceramic chip capacitor c2 0402 0.1uf grm155r71c104ka88d (murata) ceramic chip capacitor c3 0805 2.2uf grm21br61e225ka12l (murata) ceramic chip capacitor c7 0402 100pf grm1555c1h101jz01b (murata) ceramic chip capacitor c8 0402 100pf grm1555c1h101jz01b (murata) ceramic chip capacitor table 3. 1.5 ghz C 2.6 ghz application schematic components circuit symbol size value part number description l1 0402 5.6nh ll1005-fhl5n6s (toko) mlc inductor c1 0402 100pf grm1555c1h101jz01b (murata) ceramic chip capacitor c2 0402 0.1uf grm155r71c104ka88d (murata) ceramic chip capacitor c3 0805 2.2uf grm21br61e225ka12l (murata) ceramic chip capacitor c7 0402 20pf grm1555c1h200jz01b (murata) ceramic chip capacitor c8 0402 20pf grm1555c1h200jz01b (murata) ceramic chip capacitor test circuit for s-parameter and noise parameter 3 1 2 r f i n g n d vd d r f o u t top v iew po r t1 po r t2/ bias tee figure 32. s-parameter and noise parameter test circuit
12 typical s-parameter (vdd=5v, t=25c, 50 ohm) freq (ghz) s11 (db) s11 (ang) s21 (db) s21 (ang) s12 (db) s12 (ang) s22 (db) s22 (ang) 0.04 -12.99 -32.00 15.06 168.04 -20.92 5.28 -16.84 -127.51 0.1 -14.08 -27.40 14.79 169.90 -20.96 -2.48 -19.24 -154.22 0.2 -14.01 -38.85 14.76 165.35 -21.03 -8.75 -19.58 -162.15 0.3 -13.91 -53.66 14.74 159.56 -21.12 -14.11 -19.26 -164.02 0.4 -13.77 -68.63 14.73 153.53 -21.22 -19.09 -18.74 -163.03 0.5 -13.35 -83.56 14.73 147.37 -21.33 -23.96 -18.11 -160.98 0.6 -13.00 -97.71 14.73 141.14 -21.47 -28.71 -17.39 -160.35 0.7 -12.72 -111.41 14.73 134.86 -21.62 -33.44 -16.68 -161.36 0.8 -12.52 -124.63 14.74 128.51 -21.80 -38.09 -16.06 -163.41 0.9 -12.39 -137.62 14.76 122.08 -22.00 -42.67 -15.52 -166.34 1 -12.34 -150.05 14.78 115.62 -22.22 -47.13 -15.24 -169.82 1.1 -12.41 -161.87 14.82 109.17 -22.44 -51.53 -15.28 -173.97 1.2 -12.54 -175.41 14.84 102.50 -22.70 -55.82 -14.89 -179.03 1.3 -12.69 170.65 14.85 95.82 -22.99 -60.06 -14.57 175.40 1.4 -12.82 156.26 14.87 89.03 -23.31 -64.12 -14.31 169.62 1.5 -12.93 141.66 14.88 82.19 -23.64 -68.01 -14.12 163.81 1.6 -13.01 126.78 14.89 75.26 -23.99 -71.72 -14.00 157.96 1.7 -13.03 111.68 14.90 68.25 -24.35 -75.22 -13.93 152.01 1.8 -13.01 96.50 14.90 61.16 -24.71 -78.44 -13.94 146.11 1.9 -12.95 81.20 14.90 53.95 -25.07 -81.61 -14.00 140.34 2 -12.88 65.77 14.90 46.65 -25.43 -84.49 -14.15 134.63 2.1 -12.81 50.14 14.89 39.20 -25.77 -87.34 -14.40 129.04 2.2 -12.70 34.17 14.87 31.61 -26.12 -90.10 -14.76 123.74 2.3 -12.58 17.76 14.83 23.90 -26.47 -92.75 -15.29 118.58 2.4 -12.41 0.95 14.78 16.00 -26.81 -95.33 -16.00 113.77 2.5 -12.16 -16.14 14.71 7.96 -27.17 -98.00 -16.96 109.37 2.6 -11.80 -33.20 14.61 -0.24 -27.55 -100.74 -18.30 105.50 2.7 -11.33 -49.82 14.49 -8.55 -28.00 -103.33 -20.25 102.35 2.8 -10.76 -65.59 14.34 -17.05 -28.53 -105.61 -23.31 101.97 2.9 -10.13 -80.17 14.15 -25.68 -29.14 -107.36 -28.97 113.12 3 -9.48 -93.20 13.93 -34.41 -29.83 -107.91 -32.62 -162.21 4 -4.21 -168.28 7.93 -120.56 -27.04 -106.92 -5.05 172.01 5 -3.59 147.25 0.81 -166.87 -26.54 -152.31 -5.03 119.44 6 -3.85 96.49 -4.08 149.56 -27.32 163.02 -5.99 64.27 7 -2.69 44.14 -9.83 107.31 -29.75 120.51 -4.59 18.14 8 -1.77 16.03 -14.96 78.14 -31.67 91.43 -3.79 -4.64 9 -1.75 -9.43 -17.88 50.07 -31.40 63.78 -4.06 -28.88 10 -1.78 -50.02 -20.61 13.00 -31.03 27.56 -3.96 -68.59 11 -1.13 -83.66 -24.77 -17.84 -32.33 -2.54 -2.84 -99.28 12 -0.68 -93.53 -27.85 -31.54 -32.97 -16.55 -2.41 -112.27 13 -0.60 -96.96 -28.26 -42.20 -31.56 -29.12 -3.06 -124.68 14 -0.75 -111.43 -27.18 -66.26 -29.27 -55.40 -5.12 -151.90 15 -0.78 -137.85 -27.02 -107.10 -28.39 -98.30 -10.11 172.41 16 -0.60 -158.35 -29.80 -158.40 -30.72 -150.20 -13.09 -114.20 17 -0.46 -169.66 -36.11 159.22 -36.78 166.86 -4.23 -127.84 18 -0.46 -177.82 -41.41 126.91 -42.05 133.28 -2.40 -147.29 19 -0.56 173.41 -43.20 81.20 -44.00 83.71 -2.16 -162.89 20 -0.76 158.69 -40.61 50.84 -41.28 51.14 -2.26 -173.39
13 typical noise parameters (vdd=5v, t=25c, 50 ohm) freq (ghz) fmin (db) opt mag opt ang rn/z0 0.4 3.04 0.203 13.20 0.522 0.9 2.80 0.205 14.50 0.466 1.0 2.87 0.208 16.30 0.468 1.7 2.82 0.211 19.80 0.496 1.85 2.81 0.214 20.80 0.512 2.0 2.83 0.217 26.10 0.526 2.5 3.05 0.280 51.60 0.59 3.0 3.84 0.356 95.30 0.596 3.5 4.27 0.468 142.00 0.362 4.0 5.18 0.537 174.50 0.234 4.5 5.20 0.522 -163.90 0.29 5.0 6.16 0.534 -142.24 0.618
14 matte finish polish polish d d1 e1 e l b e e1 s c b1 b a or d2 d1 1.24 1.23 0.77 b1 0.2 half etching 1.625 2.35 depth 0.100 e d d1 e1 e l e e1 s or dimensions in mm dimensions in inches symbols minimum nominal maximum minimum nominal maximum a 1.40 1.50 1.60 0.055 0.059 0.063 l 0.89 1.04 1.20 0.0350 0.041 0.047 b 0.36 0.42 0.48 0.014 0.016 0.018 b1 0.41 0.47 0.53 0.016 0.018 0.030 c 0.38 0.40 0.43 0.014 0.015 0.017 d 4.40 4.50 4.60 0.173 0.177 0.181 d1 1.40 1.60 1.75 0.055 0.062 0.069 d2 1.45 1.65 1.80 0.055 0.062 0.069 e 3.94 - 4.25 0.155 - 0.167 e1 2.40 2.50 2.60 0.094 0.098 0.102 e1 2.90 3.00 3.10 0.114 0.118 0.122 s 0.65 0.75 0.85 0.026 0.030 0.034 e 1.40 1.50 1.60 0.054 0.059 0.063 sot89 package dimensions
15 device orientation tape dimensions dimensions in mm notes: 1. 10 sprocket hole pitch cumulative tolerance 0.2 2. camber in compliance with eia 481 3. pocket position relative to sprocket hole measured as true position of pocket, not pocket hole 12.0 .3 ao = 4.60 bo = 4.90 ko = 1.90 5.50 .05 see note 3 1.75 .10 8.00 ? 1.5 +0.1/-0.0 2.00 .05 see note 3 4.00 see note 1 section a - a ? 1.50 min. ao ko r 0.3 typ. r 0.3 max. 0.30 .05 a a bo user feed direction cover tape carrier tape reel 6gx 6gx 6gx 6gx part number ordering information part number no. of devices container MGA-30689-BLKG 100 antistatic bag mga-30689-tr1g 3000 13 tape/ reel
for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2013 avago technologies. all rights reserved. av02-1876en - may 23, 2013 reel dimensions C 13 reel ? 20.2 m i n 2.0 0.5 ? 13.0 +0.5 -0.2 102.0 ref 330.0 ref 8.4 (measured at hub) (measured at hub) "a" attention electrostatic sensitive devices safe handling required minneapolis usa u.s pat 4726534 r lokreel r 11.1 max. detail "a" detail "b" ps 6 6 p s 1.5 88 ref 96.5 +0.3 - 0.2 dimensions in mm


▲Up To Search▲   

 
Price & Availability of MGA-30689-BLKG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X