Part Number Hot Search : 
4081B RBV1504 DS2704G 000MT NJU3401 MAX038 2SD2624 SRF1640
Product Description
Full Text Search
 

To Download HOP-22A-1190-TF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  392 ho connector board-to-board connectors 1.25mm (.049") pitch emboss tape compact single-piece board-to-board connector. the connector is to be mounted on a pc board, then another board is to be connected by being pushed against the connector. features ?low cost the pads on the mating side of the connector do not need gold-plating, thus cost will be lower compared to the 2-piece connectors. ?misalignment when mated will be absorbed ?embossed tape for automatic mounting the ho connector is supplied packaged in embossed tape for automatic mounting. specifications ?current rating: 1.0a ac, dc ?voltage rating: 250v ac, dc ?temperature range: -20?c to +85?c (including temperature rise in applying electrical current) ?contact resistance: initial value/30m ? max. after environmental testing/50m ? max. ?insulation resistance: 1,000m ? min. ?withstanding voltage: 500v ac / minute * contact jst if lead-free product is required. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details.
393 3.9(.154) 5.0(.197) 7.0(.276) 8.0(.315) 0.45( .018 ) 1.25( .049 ) 14.35(.565) HOP-22A-1190-TF model no. material and finish q ty / reel contact: copper alloy, copper-undercoated, tin/lead-plated housing: lcp, ul94v-0 1,750 feeding direction + 2.5 -1.0 25.5 feeding direction carrier tape cover tape ( 1.004 ) + .098 -.039 12.0 0.1 (.472 .004) 4.0 0.1 (.157 .004) 2.0 0.1 (.079 .004) 1.55 0.06 (.061 .002)dia. 11.5 0.1 (.453 .004) 1.75 0.1 (.069 .004) 24.0 0.3 (.945 .012) [13(.512)dia.] 2.0 0.5(.079 .020) 380 2.0 (14.961 .079) dia. feeding direction cover tape leader carrier tape the end part 160(6.299)min. connector mounting part 400(15.748)min. leader part 100(3.937)min. note: 1. specifications conform to jis c0806. the tape width, connector loading recess square hole dimensions, etc. are determ ined by the number of circuits and external the connector to be loaded. note: 2. specifications are subject to change without prior notice. no pattern allowed 1.25 0.05 (.049 .002) 14.35 0.05 (.565 .002) 13.125 0.05 (.517 .002) 0.5 0.05 (.020 .002) 0.625 0.05 (.025 .002) 6.0 0.05 (.236 .002) 9.0 0.05 (.354 .002) 1.25 0.05 (.049 .002) 13.125 0.05 (.517 .002) 0.95 0.05 (.037 .002) 0.625 0.05 (.025 .002) 3.7 0.05(.146 .002) 6.8 0.05(.268 .002) connector taping specifications pc board layout mating part layout note: before use, pre-soldering must be conducted. contact jst for details. ho connector


▲Up To Search▲   

 
Price & Availability of HOP-22A-1190-TF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X