Part Number Hot Search : 
A3930 M4A20 CTA41AC6 15000 A3930 BZV80TRL EV0042 1N626
Product Description
Full Text Search
 

To Download FSI-105-10-STL-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  -l: .000010 gold on contact area, .000100-.000250 tin on tail (use c-133-xx-l) -s: .000030 gold on contact area, .000100-.000250 tin on tail (use c-133-xx-s) -stl: .000030 gold on contact area, .000200 tin lead on tail (use c-133-xx-stl) -ltl: .000010 gold on contact area, .000200 tin lead on tail (use c-133-xx-ltl) -lm: .000010 gold on contact area, .000100-.000250 matte tin on tail (use c-133-xx-l) -sm: .000030 gold on contact area, .000100-.000250 matte tin on tail (use c-133-xx-s) do not scale from this print fsi-1xx-xx-xxx-d-x-xx-xx no. of positions body height row specification alignment pin location -d: double row (for -06 body: use fsi-xx-06-d-xx-x) (for -10 body: use fsi-xx-10-d-xx-x) threaded: -10, -20, -25, -30, -40, -50 non-threaded: -05 thru -50 [in multiples of 5] -06: 6mm (use c-133-02-xxx) -10: 10mm (use c-133-03-xxx) -at: top side (use fsi-xx-xx-d-at-x) -ab: bottom side (use fsi-xx-xx-d-ab-x) -ad: dual (top & bottom) (use fsi-xx-xx-d-ad-x, see fig. 2) -lc: locking clip (not tooled at this time) blank for no alignment pin. plating -e: threaded insert (english) (use ins-19-2-56-157, see fig. 3, sht 2) -m: threaded insert (metric) (use ins-19-m2-157-n, see fig. 3, sht 2) blank for non-threaded insert. threaded insert option option -tr: tape & reel packaging blank for tubed parts. -p: (for availability, see fig. 4, sheet 3) -k: polyamide film pad (use k-500-300)(see fig. 5, sheet 3) (available only on positions 40 & 50 with any threaded insert options) .0060 0.15 "b" (see table 1) 2 max sway "a" "a" 'c' fsi-xx-xx-d c-133-xx-xxx c3 (no of pos x .03937 [1.00]) +.030 [.76] .355 ref 9.017 .405 .008 [10.28 .20] .014 ref 0.36 {(no of pos - 1) x .03937 [1.00]) +.005 [.13] c2 .324 ref 8.23 .035 0.88 .006 ref 0.15 section "a"-"a" c1 see table 2 .025 ref 0.64 .050 ref 1.27 .013 ref 0.32 .01 0.25 detail 'c' scale 5.5 : 1 see note 7 "c" (see sht. 1, table 1) in-process [shown with carrier] "d" (see sht. 1, table 1) in-process 2 [shown with carrier] fig. 1 c 01 19 02 20 c4 (fsi-110-06-xxx-d shown) sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01 [.25] 2 .xxx: .005 [.13] .xxxx: .0020 [.05] material: 1mm single element interface by: fsi-1xx-xx-xxx-d-x-xx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 1/29/99 3 1 sheet scale: 2:1 insulator: lcp, color: black contacts: c-133-02-x: becu c-133-03-x: becu insert: brass f:\dwg\misc\mktg\fsi-1xx-xx-xxx-d-x-xx-xx-mkt.slddrw notes: 1. represents a critical dimension. 2. minimum pushout force: 12 oz. 3. load inserts in the direction of the arrow using thermal insertion machine; flush to recessed below the mating surface. 4. threaded insert must be able to handle 54 in-oz's of torque min without rotating or "loosening". 5. threaded insert retention to be 50 lb min. 6. for -05 pos with -ppp option, leads may not be visible by some optical machines. 7. hot bar form after assembly (will produce retention flange as shown). 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 revision am
.275 ref 6.985 + .555 [14.10] ref (no of pos x .03937 [1.00]) + .285 [7.24] (no of pos x .03937 [1.00]) "b" "b" fsi-xx-xx-d-t -m & -e: threaded options (fsi-110-06-l-d-m shown) (equations apply to -10, -20, -25 & -30 only) section "b"-"b" see table 3 see note 3 load insert from top (no of pos x .03937 [1.00]) + .870 [22.10]ref (no of pos x .03937 [1.00]) + .600 [15.24] ref (no of pos x .03937 [1.00] / 2) + .300 [7.62] ref for -40- & -50 with -m or -e option (fsi-150-06-l-d-m-ad shown) am (no of pos x .03937 [1.00]) + .276 [7.00] ref alignment pin option for -40- & -50 with -m or -e option (fsi-150-xx-l-d-m-ad shown) am .055 ref (typ) 1.397 .042 dia ref (typ) 1.067 .055 ref 1.40 (no of pos -1) x .03937 [1.00] ref -at location -ab location -ad location fig. 3 * metric threaded inserts to be flash nickel plated * (fsi-110-06-l-d-ad shown) alignment pin options fig. 2 sheet of 1mm single element interface by: fsi-1xx-xx-xxx-d-x-xx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 1/29/99 3 2 sheet scale: 2:1 revision am f:\dwg\misc\mktg\fsi-1xx-xx-xxx-d-x-xx-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
.570 ref 14.48 .200 ref 5.08 "p" "m" fig. 4 -p: pick & place pad option ppp-49-01 "m" = (no of pos x .03937[1.000]) + .030[.76] ref "p" = {("m" - .200[5.08]) / 2} .020[.51] fsi-xx-xx-d-t for 10 thru 50 positions with -m or -e option, -10 thru -50 without -m or -e option see note 6 "t" .315 8.00 "u" .020 0.51 fig. 5 -k: polyamide film pad (use k-500-300) (available only on positions 40 & 50 with -m or -e option) "t" = (no of pos x .03937[1.000]) + .870[22.10] ref "u" = {("t" - .315[8.00]) / 2} .020[.51] "f" "e" pt-1-24-02-70 pt-1-24-03-101 pt-1-24-04-101 pt-1-24-02-106 (fsi-110-06-l-d-m shown) not available on 5 position not available if position is 05 and lead style is 06 sheet of 1mm single element interface by: fsi-1xx-xx-xxx-d-x-xx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 1/29/99 3 3 sheet scale: 2:1 revision am f:\dwg\misc\mktg\fsi-1xx-xx-xxx-d-x-xx-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322


▲Up To Search▲   

 
Price & Availability of FSI-105-10-STL-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X