Part Number Hot Search : 
TPS54560 ADC0809 1N5277B SI550 DTA123JE BZV55C62 A3010Q MCBC2450
Product Description
Full Text Search
 

To Download FML18A232A000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d-42 apem www.apem.com d fm series snap-in rocker switches - panel cut-out 19 x 13 (.750 x .508) distinctive features and specifications agency approvals availability : functions 1 and 6 marking : approved models are standard marked. packaging unit : 150 pieces. dimensions : first dimensions are in mm while inches are shown as bracketed numbers. ? illuminated and non-illuminated ? for class ii appliances ? vde and ul approved ? protection against moisture by double-shell case when the switch is submitted to moisture (drops, condensation), the double-shell case conducts the liquid outside, thus protecting the contact area and terminals. the light dripping inside the equipment resulting from this should be evacuated by adequate arrangement on back of panel . ? protection by boot in case of sand or splashing water, the best protection consists of insulating the rocker from these aggressive elements. this can be achieved with transparent pvc boot u5720 . order separately, see section h. en 61058-1 08-serie fm-a_07-serie fm-a 21/11/12 17:49 page42
apem www.apem.com d-43 d fm series snap-in rocker switches - panel cut-out 19 x 13 (.750 x .508) single pole - non-illuminated ? operating temperature : -20c to +85c ? case, frame, rocker : pa6/6 ? contacts : silver ? terminals : silver plated ? panel cut-out : ? approved ratings ( functions 1 and 6 ) : vde : 10(4)a 250vac t85c - ul : 6a 250vac & 125vac t65c ? max. contact rating : - functions 1 and 6 : see above. - function 3 : 4a 250vac - functions 8 and 9 : 6a 250vac ? initial contact resistance : 20m max. ? insulation resistance : 1.000 m min. at 500vdc ? dielectric strength : - functions 1 and 6 : 2.500 vrms between terminals - functions 3, 8 and 9 : 1.500 vrms between terminals ? electrical life at full load : 10 000 cycles panel thickness 0,75 to 1,25 mm 1,25 to 2 mm 2 to 3 mm dim. y 19,2 +0/-0,1 19,4 +0/-0,1 19,8 +0/-0,1 dim. z 12,9 +0,15/-0 12,9 +0,15/-0 12,9 +0,15/-0 fm c a 0 0 series contacts a silver lamp 0 none electrical functions 1 on - off 3 mom - off 6 on - on 8 on off mom 9 on off on rocker c non illum. concave terminals 2 solder lug 8 quick-conn. 9 straight pc (funct. 1 & 6) frame colour 2 black others : on request. rocker colours 1 blue 2 black (std) 3 green 4 grey 5 yellow 6 red (std) 7 ivory 7/1 white 9 orange lens colour 0 no lens marking * 000 none 001 002 003 004 005 0 0 i i 0 ii o ff o n 0 i single throw and double throw switch 1-2 2-3 fmc1 on - off fmc3 mom - off fmc6 on - on fmc8 on off mom fmc9 on off on shown with quick-connect terminals 12.80 9.30 21.00 1.50 18.80 7.00 7.00 0.80 12.50 8.00 4.80 15.00 321 (.275) (.031) (.189) (.492) (.827) (.591) z y (.740) (.275) (.504) (.315) (.059) (.366) 9 terminals 2 (.11x.031) (.204) (.122) (.051) 1.30 2.80x0.80 3.10 5.20 solder lug 8 (.185x.031) (.275) 4.70x0.80 7.00 quick-connect straight pc (functions 1 and 6 only) 13.00 (.512) (.047 x .031) 1.20 x 0.80 * colour of marking : white for black rockers - black for other colours - other : on request. 08-serie fm-a_07-serie fm-a 21/11/12 17:49 page43
d-44 apem www.apem.com d fm series snap-in rocker switches - panel cut-out 19 x 13 (.750 x .508) single pole - illuminated ? lens : pc ? contacts : silver ? terminals : silver plated ? lamp terminal : no plating ? fluorescent lamp for blue or green lens, neon lamp for other colours ? panel cut-out : ? approved ratings : vde : 10(4)a 250vac t85c - ul : 6a 250vac & 125vac t65c ? led types available : 3,3v (4v max.) 10ma led (resistor to be series connected by the user) 5v or 12v led with integrated resistor ? initial contact resistance : 20m max. ? insulation resistance : 1.000 m min. at 500vdc ? dielectric strength : 2.500 vrms between terminals ? electrical life at full load : 10 000 cycles ? operating temperature: - 20c to + 85c ? case, frame and rocker : pa6/6 panel thickness 0,75 to 1,25 mm 1,25 to 2 mm 2 to 3 mm dim. y 19,2 +0/-0,1 19,4 +0/-0,1 19,8 +0/-0,1 dim. z 12,9 +0,15/-0 12,9 +0,15/-0 12,9 +0,15/-0 fm l 1 8 a series contacts a silver lamp a 220v neon b 220v fluor. c 110v neon d 110v fluor. led 3,3v 10ma e blue f red/green g green h yellow j white k red l orange no resistor** led 5v n green p yellow q red led 12v t green u yellow v red electr. function 1 on - off rocker l illumin. concave terminals 8 quick-connect frame colour 2 black others : on request. rocker colour 1 blue 2 black (std) 3 green 4 grey 5 yellow 6 red (std) 7 ivory 7/1 white 9 orange lens colour 1 blue * 3 green * 5 yellow 6 red 8 translucent 9 orange * w. fluorescent lamp marking * 000 none 001 0 * colour of marking : white for black rockers - black for other colours - other : on request. ** resistor value = supply voltage - led forward voltage led forward current autres options : voir guide de codification sur page ci- illuminated switches - quick-connect terminals fml1 on - off 15.00 12.50 21.00 4.80 9.30 1.50 0.80 7.00 12.80 7.00 18.80 8.00 3 2 1 1 32 (.591) z (.827) (.740) (.275) (.275) (.031) (.189) (.059) y (.504) (.492) (.315) (.366) for led models, terminal 2 = cathode (-), terminal 3 = anode (+) 08-serie fm-a_07-serie fm-a 21/11/12 17:49 page44


▲Up To Search▲   

 
Price & Availability of FML18A232A000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X