Part Number Hot Search : 
105K1 MUX08BQ A0104Y 2N323 MUX08BQ Z5240 A245N AX104
Product Description
Full Text Search
 

To Download ESQ-110-37--S-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  esq?110?44?t?d esq?132?14?g?d esw?115?12?g?s www.samtec.com specify lead style from chart below. mates with: tsw, mtsw, ew, mtlw, tss, zss, tsm, dw, zw, hw type strip note: some lengths, styles and options are non-standard, non-returnable. esq = square tail lead style no. pins per row 1 plating option other op tion row option (2,54) .100 (5,08) .200 (7,49) .295 (2,54) .100 (4,95) .195 (2,54) .100 (2,41) .095 (2,54) .100 typ (0,41) .016 esw esq (0,64) .025 sq (2,54) .100 x no. of positions + (0,51) .020 (2,54) .100 x (0,79) .031 01 36 72 02 71 01 108 03 106 01 ?s ?d ?t (esq only) b a 01 thru 36 ?s = single row ?d = double row ?t = triple row (esq only) ?l = 10" (0,25m) gold contact, matte tin on tail (esq only) ?g = 20" (0.51m) gold contact, gold flash on balance ?s = 30" (0,76m) gold contact, matte tin on tail ?t = matte tin (n/a w/lif contact) applications self nesting sockets (esq series) a (2,29) .090 (7,36) .290 (4,83) .190 (2,29) .090 (12,19) .480 (9,65) .380 (7,11) .280 (4,57) .180 b (11,05) .435 (13,59) .535 (16,13) .635 (11,05) .435 (13,59) .535 (16,13) .635 (18,67) .735 standard insertion force ? 12 ? 13 ? 23 ? 33 ? 14 ? 24 ? 34 ? 44 low insertion force ? 37 ? 38 ? 48 ? 58 ? 39 ? 49 ? 59 ? 69 pc/104 j1/p1 ?stackthrough? connectors standard insertion force esq-132-14-g-d low insertion force esq-132-39-g-d pc/104 j1 ?non-stackthrough? connectors standard insertion force esq-132-12-g-d low insertion force esq-132-37-g-d pc/104 j2/p2 ?stackthrough? connectors standard insertion force esq-120-14-g-d low insertion force esq-120-39-g-d pc/104 is a trademark of the pc/104 consortium. elevated sockets esw & esq series f-209-1 ??xxx? = polarized ?ll = locking lead two leads per strip crimped. n/a with single row 1 or 2 positions. for complete speci cations see www.samtec.com?esw or www.samtec.com?esq insulator material: black glass filled polyester contact material: phosphor bronze plating: au or sn over 50? (1,27?) ni current rating: 3a continuous voltage rating: 550 vac mated with tsw or esq operating temp range: -55? to +125? with gold -55? to +105? with tin contact resistance: 10 m max insertion depth: (3,68mm) .145" to (6,35mm) .250" insertion force: (single contact only) (? plating) standard = 6oz (1,67n) avg. ((0,64mm) .025" sq pin); esw low in ser tion force= 3oz (0,83n) avg. esq low insertion force= 3.3oz (0,92n) avg. normal force: standard = 125 grams (4,4n) withdrawal force: (single contact only) (? plating) standard = 5oz (1,39n) avg. ((0,64mm) .025" sq pin); esw low in ser tion force= 2.6oz (0,72n) avg. esq low insertion force= 2.9oz (0,81n) avg. max cycles: 100 with 10? (0,25?) au rohs compliant: ye s lead-free solderable: wave only esw = solder tail through t/ h hole specifications note: other gold plating options available. contact samtec.


▲Up To Search▲   

 
Price & Availability of ESQ-110-37--S-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X