Part Number Hot Search : 
P1000 TPS606LB VCF100 KRA553U SMAJ150 20ETTTS 7805CT AT93C56
Product Description
Full Text Search
 

To Download DM161334011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d series 409 april 2005 technical characteristics mechanical shell material brass plating nickel insert insulator diallyl - phtalate contacts brass plating au/ni seals material neopren or silicon insertion and extraction force by contact 0,60: 0,70n maxi 0,76: 0,90n max 1,00: 1,00n maxi 1,20: 1,20n max 1,50: 1,40n maxi 2,00: 4,00n max 2,50: 7,00n maxi 3,50: 9,00n max electrical insulation resistance >10 5 m ? (under 500 vdc) environmental dj dk dl dm environmental category standard: -55 +125 56 days nfc 20-700 environmental level ip 56 nfc 20-010 push/pull quick disconnect metal connectors, signal and power up to 25 ways. modularity mixed signal & power contacts. clip contact retaining system. easy quick disconnect push pull locking system. >10 000 mating and unmating cycles. sealed ip56 visual check of right locking.
d series ordering information 410 april 2005
d series dimensions female or male plug 411 april 2005 dimensions are in mm dj dk dimensions cable clamp (c.c.) type ab 55 62 c.c. unproof 1 68 75 c.c. sealed-gasket 2 55 62 c.c. for shielded cable 3 dimensions cable clamp (c.c.) type abc 45 48 72 c.c. unproof 1 53 56 91 c.c. sealed-gasket 2 42 45 75 c.c. for shielded cable 3 dimensions cable clamp (c.c.) type a 43 c.c. unproof 1 54 c.c. sealed-gasket 2 43 c.c. for shielded cable 3 dimensions cable clamp (c.c.) type a 51,50 c.c. unproof 1 65,20 c.c. sealed-gasket 2 55 c.c. for shielded cable 3 female or male extention dj dk female or male receptacle djd dk
reference contact r?sistance in m ? service peak service peak contact to contact male recept- acle seen from cabling side 4 14 24 7 15 1200 1200 contact to mass female rcept- acle seen from cabling side 5 10 17 5 10 1250 1500 arrangements cable clamp type current rating (a) current for all contacts (a) break down voltage ( v ) d j . 507 5 contacts 0,76 5 1 4 3 2 d j . 041 4 contacts 1 1 4 3 2 2,5 17 24 12 18 2000 2000 d k . 415 4 contacts 1,50 4 1 2 3 3,5 15 21 9 14 1400 1700 d k . 712 7 contacts 1,20 1 2 3 4 5 6 7 1 5 2 3 4 4 1 2 3 4 1 2 3 type 12 3 reference 4 4 1 4,3 2 4,9 3 6,5 6,5 4 ex: c.c. sealed-gasket 4,30. ref: 23 type 12 3 reference 5 5 1 7 7 7 2 8 8 3 10 10 4 11 11 5 ex: c.c. unproof 10. ref: 14 djd dk preparation board details d series arrangements overview 412 april 2005 dimensions are in mm
d series dimensions female or male plug 413 april 2005 dimensions are in mm consult us dimensions cable clamp (s.c.) type ab 57 65 c.c. unproof 1 68 76 c.c. sealed-gasket 2 57 65 c.c. for shielded cable 3 dimensions cable clamp (s.c.) type ab 80 90 c.c. unproof 1 104 114 c.c. sealed-gasketl 2 dl dm female or male receptacle dl dm female or male extention
d series arrangements overview 414 april 2005 dimensions are in mm arrangements cable clamp type reference contact r?sistance in m ? current rating (a) service peak current for all contacts (a) service peak break down voltage ( v ) contact to contact male recept- acle seen from cabling side type 12 3 reference 8 8 8 1 10 10 10 2 12 12 3 14 14 4 ex: c.c. sealed-gasket 10. ref: 12 3,5 15 21 8 11 1750 1750 d l . 121 12 contacts 1,20 1 2 3 4 5 6 7 8 9 10 11 12 1,5 38 60 34 50 3000 3000 d m . 235 2 contacts 3,50 2 1 1 2 3 4 5 6 7 7 8 9 12 13 14 6 3 4 5 16 10 11 15 1 2 8 7 6 22 16 3 2 1 9 12 11 10 21 18 19 5 4 15 14 13 17 20 1 4 7 8 14 21 e 15 a d c b 2 30 50 14 25 1600 2250 2,50 19 29 9 14 2000 2200 3,50 15 23 5 8 1500 2000 2,50 9,5 22 7 15 2000 2200 6 7 12 2 5 2000 2200 d m . 725 7 contacts 2,50 d m . 161 16 contacts 1,50 d m . 221 22 contacts 1,20 d m . 906 4 1,50 +21contacts 0,60 contact to masse 8 7 6 5 4 3 2 1 9 12 11 10 1 2 6 5 4 3 2 1 7 5 4 3 16 15 14 6 9 8 7 12 2 1 13 11 10 7 8 9 22 21 12 13 14 6 3 4 5 16 19 18 10 11 15 1 2 20 17 type 12 3 reference 14 14 1 16 16 2 18 18 3 20 20 4 ex: c.c. unproof 20. ref: 14 7 4 1 14 8 15 18 21 c d a b crimp tool for dm . 906 contact 0,6 1,5 m 22520 / 2.01 astro tools tgv101 locator ss 006 00 00 028 ss 015 00 00 002 - tgv 201 removal sd 006 00 00 006 sd 015 00 00 005 female rcept- acle seen from cabling side dl dm preparation board details tools


▲Up To Search▲   

 
Price & Availability of DM161334011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X