Part Number Hot Search : 
80020 05487 N74374DB LCWCP7P 10023874 F1004 P6KE27 11100
Product Description
Full Text Search
 

To Download CMA6075 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmd / cma60 series ? ratings from 25a to 125a @ 48-660 vac ? scr output for heavy industrial loads ? ac or dc control ? led input status indicator ? zero-crossing (resistive loads) or random-fire (inductive loads) output ? ip20 touch-safe housing ? standard box-clamp connections ? ratings from 25a to 125a @ 48-660 vac product selection control voltage 25a 50a 75a 90a 110a 125a 4-32 vdc cmd6025 cmd6050 cmd6075 cmd6090 cmd60110 cmd60125 90-140 vrms cma6025 cma6050 CMA6075 cma6090 cma60110 cma60125 18-36 vrms cma6025e cma6050e CMA6075e cma6090e cma60110e cma60125e available options output specifications (1) description 25a 50a 75a 90a 110a 125a operating voltage (47-63hz) [vrms] 48-660 48-660 48-660 48-660 48-660 48-660 transient overvoltage [vpk] 1200 1200 1200 1200 1200 1200 maximum off-state leakage current @ rated voltage [marms] 1.0 1.0 1.0 1.0 1.0 1.0 minimum off-state dv/dt @ maximum rated voltage [v/sec] (2) 500 500 500 500 500 500 maximum load current (3) [arms] 25 50 75 90 110 125 minimum load current [arms] 0.15 0.15 0.25 0.25 0.25 0.025 maximum 1 cycle surge current (50/60) [apk] 239/250 597/625 954/1000 1145/1200 1432/1500 1670/1750 maximum on-state voltage drop @ rated current [vpk] 1.6 1.6 1.6 1.6 1.6 1.6 thermal resistance juncti on to case (rjc) [c/w] 1.02 0.63 0.31 0.28 0.25 0.22 maximum i2 t for fusing 50/60hz (1/2 cycle) [a2 sec] 285/259 1779/1621 4555/4150 6560/5976 10249/9338 13950/12709 minimum power factor (with maximum load) 0.5 0.5 0.5 0.5 0.5 0.5
input specifications (1) description cmd cma control voltage range 3-32 vdc 90-140 vrms maximum reverse voltage 32 vdc - minimum turn-on voltage 3.0 vdc 90 vrms minimum turn-off voltage 1.0 vdc 10 vrms maximum input current 30 ma(5) - typical input current 17 ma @ 5 vdc 15 ma @ 120 vrms maximum turn-on time [msec] (4) 1/2 cycle 10 maximum turn-off time [msec] 1/2 cycle 40 general specifications description parameters dielectric strength, input/output/base (50/60hz) 4000 vrms minimum insulation resistance (@ 500 vdc) 10 9 ohm maximum capacitance, input/output 8 pf ambient operating temperature range -40 to 80 c ambient storage temperature range -40 to 125 c status indicating display green led weight (typical) 3.0 oz (86.5 g) encapsulation thermally conductive epoxy terminals cage type maximum wire size-output: awg 8 (3.8mm) maximum wire size-input: awg 12 (2.5mm) recommended terminal screw torque range: output: 10-15 in lb (1.1-1.7 nm) input: 5-6 in lb (0.6-0.7 nm) general notes 1) all parameters at 25c unless otherwise specified. 2) off-state dv/dt test method per eia/narm standard rs-443, paragraph 13.11.1 3) heat sinking required, for derating curves see page 2. 4) turn-on time for dc control random turn-on versions is 0.02msec 5) input circuitry incorporates active current limiter.
mechanical specifications thermal derate information agency approvals designed in accordance with the requirements of iec 62314 ul e116949, e116950 lr81689 126921 ug (up to 90a models only) rev. 113011

annex - enviromental information


▲Up To Search▲   

 
Price & Availability of CMA6075

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X