Part Number Hot Search : 
SSD25 AO4840 SZ5B28SM CDT3332 TA44912W 5300H3 74F50728 FR201
Product Description
Full Text Search
 

To Download BYV32-150-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  byv(f,b)32-50 thru byv(f,b)32-200 vishay general semiconductor document number: 88558 revision: 05-may-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 dual common-cathode ultrafast rectifier features ? glass passivated chip junction ? ultrafast recovery time ? low switching losses, high efficiency ? low forward voltage drop ? high forward surge capability ? meets msl level 1, per j-std-020, lf maximum peak of 245 c (for to-263ab package) ? solder dip 260 c, 40 s (for to-220ab and ito-220ab package) ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in high frequency rectifier of switching mode power supplies, inverters, freewheeling diodes, dc-to-dc converters, and other power switching application. mechanical data case: to-220ab, ito-220ab, to-263ab epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 e3 suffix for consumer grade, meets jesd 201 class 1a whisker test, he3 suffix for high reliability grade (aec q101 qualified), meets jesd 201 class 2 whisker test polarity: as marked mounting torque: 10 in-lbs maximum primary characteristics i f(av) 18 a v rrm 50 v to 200 v i fsm 150 a t rr 25 ns v f 0.85 v t j max. 150 c case pin 2 pin 1 pin 3 to-220ab byv32 series ito-220ab byvb32 series pin 1 pin 2 k heatsink 1 2 3 1 2 k byvf32 series pin 2 pin 1 pin 3 to-263ab 1 2 3 maximum ratings (t c = 25 c unless otherwise noted) parameter symbol byv32-50 byv32-100 byv32-150 byv32-200 unit maximum repetitive peak reverse voltage v rrm 50 100 150 200 v maximum rms voltage v rms 35 70 105 140 v maximum dc blocking voltage v dc 50 100 150 200 v maximum average forward rectified current at t c = 125 c i f(av) 18 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode i fsm 150 a operating storage and temperature range t j , t stg - 65 to + 150 c isolation voltage (ito-220ab only) from terminal to heatsink t = 1 min v ac 1500 v
byv(f,b)32-50 thru byv(f,b)32-200 vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88558 revision: 05-may-08 2 note: (1) pulse test: 300 s pulse width, 1 % duty cycle note: (1) automotive grade aec q101 qualified electrical characteristics (t c = 25 c unless otherwise noted) parameter test conditions symbol byv 32-50 byv32-100 byv32-150 byv32-200 unit maximum instantaneous forward voltage per diode (1) i f = 20 a i f = 5.0 a t j = 25 c t j = 100 c v f 1.15 0.85 v maximum dc reverse current per diode at rated dc blocking voltage t j = 25 c t j = 100 c i r 10 600 a maximum reverse recovery time per diode i f = 1 a, v r = 30 v, di/dt = 100 a/s, i rr = 10 % i rm t rr 25 ns typical junction capacitance per diode 4.0 v, 1 mhz c j 45 pf thermal characteristics (t c = 25 c unless otherwise noted) parameter symbol byv byvf byvb unit typical thermal resistance from junction to case per diode r jc 1.6 5.0 1.6 c/w ordering information (example) package preferred p/n unit weight (g) package code base quantity delivery mode to-220ab byv32-200-e3/45 1.85 45 50/tube tube ito-220ab byvf32-200-e3/45 1.97 45 50/tube tube to-263ab byvb32-200-e3/45 1.35 45 50/tube tube to-263ab byvb32-200-e3/81 1.35 81 800/reel tape and reel to-220ab byv32-200he3/45 (1) 1.85 45 50/tube tube ito-220ab byvf32-200he3/45 (1) 1.97 45 50/tube tube to-263ab byvb32-200he3/45 (1) 1.35 45 50/tube tube to-263ab byvb32-200he3/81 (1) 1.35 81 800/reel tape and reel
byv(f,b)32-50 thru byv(f,b)32-200 vishay general semiconductor document number: 88558 revision: 05-may-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 ratings and characteristics curves (t a = 25 c unless otherwise noted) figure 1. forward current derating curve figure 2. maximum non-repetitive peak forward surge current per diode figure 3. typical instantaneous forw ard characteristics per diode 0 4 16 1 8 20 0 75 25 50 100 125 150 8 a v erage for w ard rectified c u rrent (a) 12 case am b ient temperat u re (c) resisti v e or ind u cti v e load 0 75 100 125 50 25 150 1 100 10 t j = 150 c 10 ms single half sine- w a v e nu m b er of cycles at 50 hz peak for w ard s u rge c u rrent (a) instantaneo u s for w ard c u rrent (a) 100 10 1 0.1 0.01 0.1 0.3 1.1 1.3 0.5 0.7 0.9 instantaneo u s for w ard v oltage ( v ) t j = 125 c t j = 25 c p u lse w idth = 300 s 1 % d u ty cycle figure 4. typical reverse leak age characteristics per diode figure 5. typical juncti on capacitance per diode 0.1 1 10 100 20 0 100 40 60 8 0 1000 percent of rated peak re v erse v oltage ( % ) instantaneo u s re v erse leakage c u rrent ( a) t c = 100 c t c = 25 c 1 100 10 0 20 30 40 50 60 10 t j = 25 c f = 1.0 mhz v sig = 5 m v p-p re v erse v oltage ( v ) j u nction capacitance (pf)
byv(f,b)32-50 thru byv(f,b)32-200 vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88558 revision: 05-may-08 4 package outline dimensions in inches (millimeters) to-220ab 0.113 (2. 8 7) 0.103 (2.62) 0.370 (9.40) 0.360 (9.14) 0.415 (10.54) max. 0.635 (16.13) 0.625 (15. 8 7) pi n 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45) 0.205 (5.20) 0.195 (4.95) 0.035 (0.90) 0.02 8 (0.70) 0.154 (3.91) 0.14 8 (3.74) 1 3 2 0.1 8 5 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.6 8 ) 0.135 (3.43) 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 1.14 8 (29.16) 1.11 8 (2 8 .40) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 0.603 (15.32) 0.573 (14.55) ito-220ab 0.076 (1.93) ref. 45 ref. pi n 3 2 1 0.404 (10.26) 0.3 8 4 (9.75) 0.076 (1.93) ref. 0.600 (15.24) 0.5 8 0 (14.73) 0.560 (14.22) 0.530 (13.46) 0.057 (1.45) 0.045 (1.14) 0.057 (1.45) 0.045 (1.14) 0.191 (4. 8 5) 0.171 (4.35) 0.671 (17.04) 0.651 (16.54) 0.035 (0. 8 9) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.025 (0.64) 0.015 (0.3 8 ) 0.105 (2.67) 0.095 (2.41) 0.02 8 (0.71) 0.020 (0.51) 0.110 (2.79) 0.100 (2.54) 7 ref. 0.135 (3.43) dia. 0.122 (3.0 8 ) dia. 0.110 (2.79) 0.100 (2.54) 0.190 (4. 8 3) 0.170 (4.32) 7 ref. 7 ref. 0.140 (3.56) dia. 0.125 (3.17) dia. 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) to-263ab mo u nting pad layo u t 0.670 (17.02) 0.591 (15.00) 0.105 (2.67) 0.095 (2.41) 0.0 8 (2.032) mi n . 0.15 (3. 8 1) mi n . 0.33 ( 8 .3 8 ) mi n . 0.42 (10.66) mi n . 12 k k 0.140 (3.56) 0.110 (2.79) 0.021 (0.53) 0.014 (0.36) 0.110 (2.79) 0.090 (2.29) 0 to 0.01 (0 to 0.254) 0.055 (1.40) 0.047 (1.19) 0.055 (1.40) 0.045 (1.14) 0.190 (4. 8 3) 0.160 (4.06) 0.205 (5.20) 0.195 (4.95) 0.624 (15. 8 5) 0.591 (15.00) 0.037 (0.940) 0.027 (0.6 8 6) 0.105 (2.67) 0.095 (2.41) 0.360 (9.14) 0.320 ( 8 .13) 0.411 (10.45) 0.3 8 0 (9.65) 0.245 (6.22) mi n .
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of BYV32-150-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X