Part Number Hot Search : 
HDF2415D MT8870 EMICO 25LF02 SAA7201 2SJ6810 ML120G6 LM741W
Product Description
Full Text Search
 

To Download BAV170 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0.4 +0.1 -0.1 2.9 +0.1 -0.1 0.95 +0.1 -0.1 1.9 +0.1 -0.1 2.4 +0.1 -0.1 1.3 +0.1 -0.1 0-0.1 0.38 +0.1 -0.1 0.97 +0.1 -0.1 0.55 0.4 1.base 2.emitter 3.collector 12 3 unit: mm sot-23 0.1 +0.05 -0.01 features plastic smd package low leakage current: typ. 3 pa switching time: typ. 0.8 s continuous reverse voltage:max. 75 v repetitive peak reverse voltage:max. 85 v repetitive peak forward current:max. 500 ma. absolute maximum ratings ta = 25 parameter symbol conditions min max unit repetitive peak reverse voltage v rrm 85 v continuous reverse voltage v r 75 v single diode loaded 215 double diode loaded 125 repetitive peak forward current i frm 500 ma square wave; t j =25 prior to surge t=1 s 4 t=1ms 1 t=1s 0.5 total power dissipation p tot t amb = 25 250 mw storage temperature t stg -65 +150 junction temperature t j 150 thermal resistance from junction to tie-point r th j-t p 360 k/w thermal resistance from junction to ambient r th j-a 500 k/w a non-repetitive peak forward current i fsm continuous forward current i f ma sales@twtysemi.com 1 of 2 http://www.twtysemi.com BAV170 product specification 4008-318-123
BAV170 electrical characteristics ta = 25 parameter symbol conditions typ max unit i f =1ma 900 i f =10ma 1000 i f =50ma 1100 i f = 150 ma 1250 v r = 75 v 0.003 5 v r =75v;t j = 150 380 diode capacitance c d f=1mhz;v r =0; 2 pf when switched from i f =10matoi r =10ma; r l = 100 ;measured at i r =1ma; na mv t rr reverse recovery time 3s 0.8 v f forward voltage i r reverse current marking marking jxp sales@twtysemi.com 2 of 2 http://www.twtysemi.com product specification 4008-318-123


▲Up To Search▲   

 
Price & Availability of BAV170

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X