Part Number Hot Search : 
FZT749NL IRF10N40 90060 74AC1 FR202 FDW2503 20N06 N800209
Product Description
Full Text Search
 

To Download BAT42-TAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bat42, bat43 www.vishay.com vishay semiconductors rev. 1.7, 06-may-13 1 document number: 85660 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 small signal schottky diode mechanical data case: do-35 weight: approx. 125 mg cathode band color: black packaging codes/options: tr/10k per 13" reel (52 mm tape), 50k/box tap/10k per ammo tape (52 mm tape), 50k/box features ? for general purpose applications ? these diodes feature very low turn-on voltage and fast guard ring against excessive voltage, such as electrostatic discharges ? these diodes are also available in the sod-123 case with the type designations bat42w-v to bat43w-v and in minimelf sod-80 case with the type designations ll42 to ll43 ? aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note (1) valid provided that leads at a distance of 4 mm from case are kept at ambient temperature note (1) valid provided that leads at a distance of 4 mm from case are kept at ambient temperature parts table part ordering code internal construction type marking remarks bat42 bat42-tr or BAT42-TAP single diode bat42 tape and reel/ammopack bat43 bat43-tr or bat43-tap single diode bat43 tape and reel/ammopack absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit repetitive peak reverse voltage v rrm 30 v forward continuous current (1) i f 200 ma repetitive peak forward current (1) t p < 1 s, ? < 0.5 i frm 500 ma surge forward current (1) t p < 10 ms i fsm 4a power di ssipation (1) t amb = 65 c p tot 200 mw thermal characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit thermal resistance junction to ambient air (1) r thja 300 k/w junction temperature t j 125 c ambient operating temperature range t amb - 65 to + 125 c storage temperature range t stg - 65 to + 150 c
bat42, bat43 www.vishay.com vishay semiconductors rev. 1.7, 06-may-13 2 document number: 85660 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) pulse test; t p < 300 s, t p /t < 0.02 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - admissible power dissipatio n vs. ambient temperature fig. 2 - typical forward characteristics fig. 3 - typical reverse characteristics fig. 4 - typical capacitance vs. reverse voltage electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit reverse breakdown voltage i r = 100 a (pulsed) v (br) 30 v leakage current (1) v r = 25 v i r 0.5 a v r = 25 v, t j = 100 c i r 100 a forward voltage (1) i f = 200 ma v f 1000 mv i f = 10 ma bat42 v f 400 mv i f = 50 ma bat42 v f 650 mv i f = 2 ma bat43 v f 260 330 mv i f = 15 ma bat43 v f 450 mv diode capacitance v r = 1 v, f = 1 mhz c d 7pf reserve recovery time i f = 10 ma, i r = 10 ma, i r = 1 ma, r l = 100 ? t rr 5ns rectification efficieny r l = 15 k ? , c l = 300 pf, f = 45 mhz, v rf = 2 v ? v 80 % 200 18442 t am b - am b ient temperat u re (c) 250 200 150 100 50 50 100 150 0 0 p tot - po w er dissipation (mw) 18443 1200 1000 800 600 400 200 0 i- for w ard c u rrent (ma) f 1000 100 10 1 0.1 0.01 v f - instantaneo u s for w ard v oltage (m v ) 25 c 125 c - 40 c 1000 100 10 1 0.1 0.01 18444 0 1020304050 v r - re v erse v oltage ( v ) 125 c 100 c 75 c 50 c 25 c i - re v erse leackage c u rrent (a) r 18445 14 12 10 8 6 4 2 0 0102030 v r - re v erse v oltage ( v ) c - diode capacitance (pf) d 51525
bat42, bat43 www.vishay.com vishay semiconductors rev. 1.7, 06-may-13 3 document number: 85660 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters (inches): do-35 94 9366 re v . 6 - date: 19. decem b er 2011 doc u ment no.: sb- v -3906.04-031(4) 26 min. [1.024] 3.9 max. [0.154] 26 min. [1.024] cathode identification 1.7 [0.067] 1.3 [0.050] 3.1 min. [0.120] ? 0.6 max. [0.024] ? 0.4 min. [0.015]
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of BAT42-TAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X