Part Number Hot Search : 
BCR189F HC1G0 VC060318 MPF10 SS8012G HMC45109 FH007B12 MMBTA
Product Description
Full Text Search
 

To Download AME8852AAIV080K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ame 1 ame8852a rev. a.01 high psrr, low noise, 150ma cmos regulator n typical application the ame8852a family of positive, cmos linear regula- tors provide low dropout voltage(110mv@150ma), low quiescent current, and low noise cmos ldo. these rugged devices have both thermal shutdown, and cur- rent limit to prevent device failure under the "worst" of operating conditions. n general description n features n applications n functional block diagram l low dropout voltage: 110mv@150ma l guaranteed current: 150ma l quiescent current: 60 m a (typ.) l over-temperature shutdown l current limiting protection l psrr: 60db@10khz l ultra-low-noise: 100 m v rms at 1hz to 100khz l low temperature coefficient l input voltage range: 2.5v~5.5v l output voltage range: 0.8v~4.3v l green products meet rohs standards l instrumentation l portable electronics l wireless devices l cordless phones l pc peripherals l battery powered widgets c 1 1 m f in c out 1 m f out ame 8852 a in en out gnd overcurrent shutdown thermal shutdown in en amp - + out r 1 r 2 gnd vref
ame 2 high psrr, low noise, 150ma cmos regulator ame8852a rev. a.01 n pin configuration ame8852-aiuxxx 1. en 2. gnd 3. out 4. in * die attach: conductive epoxy 4 pin 5 pin ame8852-aivxxx 1. in 2. gnd 3. en 4. nc 5. out * die attach: conductive epoxy sc-70-5 top view sc-70-4 (sc-82) top view sot-23 top view ame8852-aetxxx 1. gnd 2. out 3. in * die attach: non-conductive epoxy 3 pin sot-25/tsot-25a top view ame8852-aevxxx 1. in 2. gnd 3. en 4. nc 5. out * die attach: conductive epoxy 1 2 3 ame 8852 a 1 3 2 4 ame 8852 a 1 3 2 5 4 ame 8852 a 1 3 2 5 4 ame 8852 a
ame 3 ame8852a rev. a.01 high psrr, low noise, 150ma cmos regulator n pin description sot-23 sc-70-4 (sc-82) sc-70-5 / sot-25 / tsot-25a n /a 1 3 en enable pin, active ?high". when pulled ?low?, the pmos pass transistor turns off, current consuming less than 1a. when en pin floating outside, it?s weakly pulled low by internal small current source . n /a n /a 4 nc no connection. 1 2 2 gnd ground connection pin. 2 3 5 out ldo voltage regulator output pin; should be decoupled with a 1f or greater capacitor. 3 4 1 in input voltage pin; should be decoupled with 1f or greater capacitor. pin number pin description pin name
ame 4 high psrr, low noise, 150ma cmos regulator ame8852a rev. a.01 n ordering information number of pins package type pin configuration ame8852a- x x x xxx x output voltage a 1. en e: sot-2x t: 3 080: 0.8v n/a: sot-2x (sc-70-4) 2. gnd i: sc-70 (sc-82) u: 4 090: 0.9v k: 0.9mm max height 3. out v: 5 100: 1.0v (for tsot-2xa only) 4. in 110: 1.1v 120: 1.2v a 1. in 130: 1.3v (sc-70-5) 2. gnd 140: 1.4v 3. en 150: 1.5v 4. nc : : 5.out : : 420: 4.2v a 1. in 430: 4.3v (sot-25) 2. gnd (tsot-25a) 3. en 4. nc 5. out a 1. gnd (sot-23) 2. out 3. in special feature pin configuration package type number of pins output voltage special feature
ame 5 ame8852a rev. a.01 high psrr, low noise, 150ma cmos regulator n absolute maximum ratings n recommended operating conditions parameter symbol rating unit ambient temperature range t a - 40 to +85 o c junction temperaturen range t j - 40 to +125 o c storage temperaturen range t stg - 65 to +150 o c maximum unit -0.3 to 6 v p d /(v in -v out ) ma gnd-0.3 to v in +0.3 v hbm 2 kv mm 200 v esd classification parameter input voltage output current output voltage
ame 6 high psrr, low noise, 150ma cmos regulator ame8852a rev. a.01 n thermal information * measure q jc on backside center of molding compound if ic has no tab. ** mil-std-202g 210f parameter package die attach symbol maximum unit sc-70-5 sc-70-4(sc-82) sot-25 81 tsot-25a 81 sot-23 non-conductive epoxy 140 sc-70-5 sc-70-4(sc-82) sot-25 260 tsot-25a 230 sot-23 non-conductive epoxy 280 sc-70-5 sc-70-4(sc-82) sot-25 400 tsot-25a 455 sot-23 non-conductive epoxy 400 260 o c thermal resistance* (junction to case) q j c thermal resistance (junction to ambient) q ja conductive epoxy mw lead temperature (soldering, 10sec.)** conductive epoxy conductive epoxy internal power dissipation p d 300 224 o c / w 331 o c / w
ame 7 ame8852a rev. a.01 high psrr, low noise, 150ma cmos regulator n electrical specifications v in =v out(nom) +1v, (for v out <2v, v in =2.5v), i out =1ma, and c out =1 m f, c in =1 m f unless otherwise noted. typical values are at t a =25 o c. parameter symbol min typ max units input voltage v in 2.5 5.5 v output voltage range v out 0.8 4.3 v note2 400 300 110 230 output current i out 150 ma quiescent current i q 60 90 m a 0.125 0.25 0.1 0.2 0.05 0.1 0.05 0.1 2.5 5 1.7 4 1.0 3 test condition output accuracy v out,acc i out =1ma % 2.0 dropout voltage (note 1) v drop i out =150ma, 0.8v ?? v out(nom) ?? 1.9v i out =150ma, 1.9v ame 8 high psrr, low noise, 150ma cmos regulator ame8852a rev. a.01 n electrical specifications note1: dropout voltage is measured at v out =v out(nom) x98% note2: for v out below 2.0v, dropout voltage is the input (min) to output differential. parameter symbol min typ max units f=100hz 60 f=1khz 60 f=10khz 60 output voltage noise en 100 m v rms enable high(enabled) v en,hi 1.4 v in enable low (shutdown) v en,lo 0 0.4 i en,hi 8 i en,lo 1 shutdown current i shdn 0.1 1 m a shutdown output voltage v out,sd 0.4 v output current limit i lim 250 ma thermal shutdown temperature t shdn 150 thermal shutdown hysteresis t shdn(hys) 20 shutdown, temperature increasing i out =0.4ma, v en =0 o c v out =0.9 x v out(nom) protection power supply rejection ration psrr c out =1uf, v out =1v i out =10ma v in =2.8v enable input bias current v en =v in v en =0v v in(min) ?? v in ?? 5.5v v in =5.0v, v en =0v i out =10ma, v out =0.8v, f=1hz to 100khz v in(min) ?? v in ?? 5.5v v m a test condition db
ame 9 ame8852a rev. a.01 high psrr, low noise, 150ma cmos regulator the ame8852a family of cmos regulators contain a pmos pass transistor, voltage reference, error amplifier, over-current protection, thermal shutdown, and power good detection circuitry. the p-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal pro- tection circuits. during normal operation, the error ampli- fier compares the output voltage to a precision reference. over-current and thermal shutdown circuits become ac- tive when the junction temperature exceeds 150 o c, or the current exceeds 150ma. during thermal shutdown, the output voltage remains low. normal operation is re- stored when the junction temperature drops more 20 o c. capacitor selection and regulator stability the ame8852a is stable with an output capacitor to ground of 1 m f or greater. ceramic capacitors have the lowest esr, and will offer the best ac performance. conversely, aluminum electrolytic capacitors exhibit the highest esr, resulting in the poorest ac response. un- fortunately, large value ceramic capacitors are compara- tively expensive. one option is to parallel a 0.1 m f ce- ramic capacitor with a 10 m f aluminum electrolytic. the benefit is low esr, high capacitance, and low overall cost. a second capacitor is recommended between the in- put and ground to stabilize v in . the input capacitor should be at least 0.1 m f to have a beneficial effect. enable pin the enable pin is pull-low. when activated pulled low, the mos pass transistor shuts off, and all internal cir- cuits are powered down. in this state, the stand by cur- rent is than 1 m a. n detailed description capacitor selection and regulator stability the maximum output power of the ame8852 is limited by the maximum power dissipation of the package. by calculation the power dissipation of the package as a function of the input voltage, output voltage and output current, the maximum input voltage can be obtained. the maximum power dissipation should not exceed the package ? s maximum power rating. p max = (v in(max) -v out ) x i out where: v in(max) = maximum input voltage p max = maximum power dissipation of the package
ame 10 high psrr, low noise, 150ma cmos regulator ame8852a rev. a.01 n characterization curve output voltage output voltage quiescent current quiescent current 0 . 95 0 . 96 0 . 97 0 . 98 0 . 99 1 . 00 1 . 01 1 . 02 1 . 03 1 . 04 1 . 05 - 40 - 25 - 10 + 5 + 20 + 35 + 50 + 65 + 80 + 95 + 110 + 125 o u t p u t v o l t a g e ( v ) temperature ( o c ) v in = 2 . 5 v v out = 1 . 0 v i out = 1 ma 4 . 45 4 . 15 4 . 20 4 . 25 4 . 30 4 . 35 4 . 40 - 40 - 25 - 10 + 5 + 20 + 35 + 50 + 65 + 80 + 95 + 110 + 125 temperature ( o c ) o u t p u t v o l t a g e ( v ) v in = 5 . 3 v v out = 4 . 3 v i out = 1 ma 0 10 20 30 40 50 60 70 80 90 100 - 40 - 25 - 10 + 5 + 20 + 35 + 50 + 65 + 80 + 95 + 110 + 125 i q ( m a ) temperature ( o c ) v out = 1 . 0 v 0 10 20 30 40 50 60 70 80 90 100 - 40 - 25 - 10 + 5 + 20 + 35 + 50 + 65 + 80 + 95 + 110 + 125 v out = 4 . 3 v i q ( m a ) temperature ( o c )
ame 11 ame8852a rev. a.01 high psrr, low noise, 150ma cmos regulator n characterization curve (contd.) dropout voltage stability vs. esr vs. load current psrr vs. frequency 0 50 100 150 200 250 300 350 400 - 40 - 25 - 10 + 5 + 20 + 35 + 50 + 65 + 80 + 95 + 110 + 125 v out = 4 . 3 v d r o p o u t v o l t a g e ( m v ) temperature ( o c ) 0 . 00 10 . 00 1 . 00 r e g i o n o f s t a b l e c o u t e s r ( [ ) 0 . 10 0 . 01 0 . 005 50 100 150 200 250 300 load current ( ma ) 0 v in = 5 v c in = c out = 1 m f / x 7 r unstable range stable range unstable range 1 k 10 k 100 k p s r r ( d b ) frequency ( hz ) 0 10 20 30 40 50 60 70 80 90 100 100 1 m v out = 1 v i out = 10 ma current limit vs. input voltage current limit vs. input voltage 100 200 300 400 500 600 2 . 5 3 . 5 4 . 5 5 . 5 c u r r e n t l i m i t ( m a ) v out = 1 v input voltage ( v ) 100 200 300 400 500 600 5 . 3 5 . 4 5 . 5 v out = 4 . 3 v input voltage ( v ) c u r r e n t l i m i t ( m a )
ame 12 high psrr, low noise, 150ma cmos regulator ame8852a rev. a.01 n characterization curve (contd.) line transient response line transient response line transient response line transient response line transient response line transient response 5 . 5 v 4 . 8 v 20 m v 0 - 20 m v t a = 125 o c v out = 4 . 3 v i out = 150 ma 20 m s / div v o u t ( 2 0 m v / d i v ) v i n ( 1 v / d i v ) v o u t ( 2 0 m v / d i v ) 20 m s / div v i n ( 1 v / d i v ) t a = 25 o c v out = 1 v i out = 150 ma 5 . 5 v 2 . 8 v 20 m v 0 - 20 m v 20 m s / div v o u t ( 2 0 m v / d i v ) v i n ( 1 v / d i v ) 5 . 5 v 2 . 8 v 20 m v 0 - 20 m v t a = - 40 o c v out = 1 v i out = 10 ma v o u t ( 2 0 m v / d i v ) v i n ( 1 v / d i v ) 20 m s / div t a = - 40 o c v out = 4 . 3 v i out = 10 ma 5 . 5 v 4 . 8 v 20 m v 0 - 20 m v 20 m s / div v o u t ( 2 0 m v / d i v ) v i n ( 1 v / d i v ) t a = - 40 o c v out = 1 v i out = 150 ma 5 . 5 v 2 . 8 v 20 m v 0 - 20 m v t a = 25 o c v out = 1 v i out = 10 ma 5 . 5 v 2 . 8 v 20 m v 0 - 20 m v v o u t ( 2 0 m v / d i v ) v i n ( 1 v / d i v ) 20 m s / div
ame 13 ame8852a rev. a.01 high psrr, low noise, 150ma cmos regulator n characterization curve (contd.) line transient response line transient response line transient response line transient response line transient response line transient response v o u t ( 2 0 m v / d i v ) 20 m s / div 5 . 5 v 2 . 8 v 20 m v 0 - 20 m v v i n ( 1 v / d i v ) t a = 125 o c v out = 1 v i out = 10 ma 5 . 5 v 2 . 8 v 20 m v 0 20 m s / div - 20 m v t a = 125 o c v out = 1 v i out = 150 ma v o u t ( 2 0 m v / d i v ) v i n ( 1 v / d i v ) 5 . 5 v 4 . 8 v 20 m v 0 - 20 m v t a = 125 o c v out = 4 . 3 v i out = 150 ma 20 m s / div v o u t ( 2 0 m v / d i v ) v i n ( 1 v / d i v ) 5 . 5 v 4 . 8 v 20 m v 0 - 20 m v 20 m s / div t a = 25 o c v out = 4 . 3 v i out = 10 ma v o u t ( 2 0 m v / d i v ) v i n ( 1 v / d i v ) t a = 25 o c v out = 4 . 3 v i out = 150 ma v o u t ( 2 0 m v / d i v ) v i n ( 1 v / d i v ) 20 m s / div 5 . 5 v 4 . 8 v 20 m v 0 - 20 m v 20 m s / div 5 . 5 v 4 . 8 v 20 m v 0 - 20 m v t a = 125 o c v out = 4 . 3 v i out = 10 ma v o u t ( 2 0 m v / d i v ) v i n ( 1 v / d i v )
ame 14 high psrr, low noise, 150ma cmos regulator ame8852a rev. a.01 n characterization curve (contd.) load transient response load transient response load transient response load transient response load transient response load transient response i o u t ( 5 0 m a / d i v ) v o u t ( 2 0 m v / d i v ) time ( 20 m sec / div ) t a = - 40 o c v out = 1 v i out = 10 ~ 150 ma 20 mv 0 - 20 m v 10 ma 150 ma t a = - 40 o c v out = 4 . 3 v i out = 10 ~ 150 ma 20 mv 0 - 20 m v 10 ma 150 ma i o u t ( 5 0 m a / d i v ) v o u t ( 2 0 m v / d i v ) time ( 20 m sec / div ) time ( 20 m sec / div ) i o u t ( 5 0 m a / d i v ) v o u t ( 2 0 m v / d i v ) t a = 25 o c v out = 1 v i out = 10 ~ 150 ma 20 mv 0 - 20 m v 150 ma 10 ma time ( 20 m sec / div ) 20 mv 0 - 20 m v 10 ma i o u t ( 5 0 m a / d i v ) v o u t ( 2 0 m v / d i v ) 150 ma t a = 25 o c v out = 4 . 3 v i out = 10 ~ 150 ma time ( 20 m sec / div ) t a = 125 o c v out = 1 v i out = 10 ~ 150 ma i o u t ( 5 0 m a / d i v ) v o u t ( 2 0 m v / d i v ) 20 mv 0 - 20 m v 10 ma 150 ma time ( 20 m sec / div ) i o u t ( 5 0 m a / d i v ) v o u t ( 2 0 m v / d i v ) t a = 125 o c v out = 4 . 3 v i out = 10 ~ 150 ma 20 mv 0 - 20 m v 10 ma 150 ma
ame 15 ame8852a rev. a.01 high psrr, low noise, 150ma cmos regulator n characterization curve (contd.) chip enable transient response chip enable transient response chip enable transient response chip enable transient response 1) en= 1v/div 2) v out = 500mv/div 3) i out = 20ma/div 1) en= 1v/div 2) v out = 500v/div 3) i out = 20ma/div 1) en= 2v/div 2) v out = 2v/div 3) i out = 20ma/div 1) en= 2v/div 2) v out = 2v/div 3) i out = 20ma/div v out = 1 v i out = 10 ma 50 m s / div 1 2 3 1 2 3 20 m s / div v out = 1 v i out = 10 ma 1 2 3 v out = 4 . 3 v i out = 10 ma 50 m s / div 1 2 3 20 m s / div v out = 4 . 3 v i out = 10 ma
ame 16 high psrr, low noise, 150ma cmos regulator ame8852a rev. a.01 chip enable transient response chip enable transient response n characterization curve (contd.) 1) en= 1v/div 2) v out = 500mv/div 3) i out = 50ma/div 1) en= 1v/div 2) v out = 500mv/div 3) i out = 50ma/div 1) en= 2v/div 2) v out = 2v/div 3) i out = 50ma/div 1) en= 2v/div 2) v out = 2v/div 3) i out = 50ma/div chip enable transient response chip enable transient response 1 2 3 v out = 1 v i out = 150 ma 50 m s / div v out = 1 v i out = 150 ma 10 m s / div 1 2 3 v out = 4 . 3 v i out = 150 ma 50 m s / div 1 2 3 10 m s / div v out = 4 . 3 v i out = 150 ma 1 2 3
ame 17 ame8852a rev. a.01 high psrr, low noise, 150ma cmos regulator package carrier width (w) pitch (p) part per full reel reel size sot-23 8.00.1 mm 4.00.1 mm 3000pcs 1801 mm carrier tape, number of components per reel and reel size sot-23 pin 1 w p ame ame sc-70-4 (sc-82) w p ame ame pin 1 carrier tape, number of components per reel and reel size package carrier width (w) pitch (p) part per full reel reel size sc-70-4 8.00.1 mm 4.00.1 mm 3000pcs 1801 mm n tape and reel dimension
ame 18 high psrr, low noise, 150ma cmos regulator ame8852a rev. a.01 n tape and reel dimension (contd.) jcet_tds_a8550aexxa230z_010512_1 sc-70-5 w p ame ame pin 1 carrier tape, number of components per reel and reel size package carrier width (w) pitch (p) part per full reel reel size sc-70-5 8.00.1 mm 4.00.1 mm 3000pcs 1801 mm package carrier width (w) pitch (p) part per full reel reel size sot-25 8.00.1 mm 4.00.1 mm 3000pcs 1801 mm sot-25 w p ame ame pin 1 carrier tape, number of components per reel and reel size
ame 19 ame8852a rev. a.01 high psrr, low noise, 150ma cmos regulator tsot-25a w p ame ame pin 1 carrier tape, number of components per reel and reel size package carrier width (w) pitch (p) part per full reel reel size tsot-25a 8.00.1 mm 4.00.1 mm 3000pcs 1801 mm n tape and reel dimension (contd.)
ame 20 high psrr, low noise, 150ma cmos regulator ame8852a rev. a.01 sot-23 b d h e e a a 1 top view side view front view c 1 l pin 1 n package dimension min max min max a 0.90 1.40 0.0354 0.0551 a 1 0.00 0.15 0.0000 0.0059 b 0.30 0.50 0.0118 0.0197 d 2.70 3.10 0.1063 0.1220 e 1.40 1.80 0.0551 0.0709 e h 2.40 3.00 0.0945 0.1181 l q 1 0 o 10 o 0 o 10 o 0.35bsc 0.0138 bsc symbols millimeters inches 1.90 bsc 0.0748 bsc
ame 21 ame8852a rev. a.01 high psrr, low noise, 150ma cmos regulator n package dimension (contd.) sc-70-4 top view front view e 1 d e e 1 b 1 b d side view a 1 a 2 a l l 1 e c 0 . 20 pin 1 ? min max min max a 0.900 1.100 0.035 0.043 a1 0.000 0.100 0.000 0.004 a2 0.900 1.000 0.035 0.039 b 0.250 0.400 0.010 0.016 b1 0.350 0.500 0.014 0.020 c 0.080 0.150 0.003 0.006 d d 2.000 2.200 0.079 0.087 e 1.150 1.350 0.045 0.053 e1 2.150 2.450 0.085 0.096 e e1 1.200 1.400 0.047 0.055 l l1 0.260 0.460 0.010 0.018 q 0 o 8 o 0 o 8 o symbols millimeters inches 0.050 typ 0.002 typ 0.525 ref 0.021 ref 0.650 typ 0.026typ
ame 22 high psrr, low noise, 150ma cmos regulator ame8852a rev. a.01 section a - a base metal b 1 ( b ) c 1 c top view d e 1 e 1 / 2 e 1 e b b b a c 0 . 15 (. 006 ) . 10 ( 0 . 04 ) m e / 2 e c d pin 1 c 0 . 15 (. 006 ) side view see detail a a a front view c a 2 a 1 a seating plane c 0 . 15 (. 006 ) detail a l c c 1 h . 15 ( 0059 ) gage plane sc-70-5 n package dimension (contd.) min max min max a 0.80 1.10 0.0315 0.0433 a1 0.00 0.10 0.0000 0.0039 a2 0.80 1.00 0.0315 0.0394 b 0.15 0.35 0.0059 0.0138 b1 0.15 0.25 0.0059 0.0098 c 0.08 0.25 0.0031 0.0098 c1 0.08 0.20 0.0031 0.0079 d 1.85 2.20 0.0728 0.0866 e 1.80 2.45 0.0709 0.0965 e1 1.10 1.40 0.0433 0.0551 e e1 1.20 1.40 0.0472 0.0551 l 0.26 0.46 0.0102 0.0181 q1 0 o 8 o 0 o 8 o q 4 o 10 o 4 o 10 o symbols millimeters inches 0.65 bsc 0.0255 bsc
ame 23 ame8852a rev. a.01 high psrr, low noise, 150ma cmos regulator n package dimension (contd.) sot-25 tsot-25a top view rear view e 1 d e e 1 b side view a 1 a 2 a l e c 0 . 25 pin 1 q min max min max a 0.700 0.900 0.028 0.035 a1 0.000 0.100 0.000 0.004 a2 0.700 0.800 0.028 0.031 b 0.350 0.500 0.014 0.020 c 0.080 0.200 0.003 0.008 d 2.820 3.020 0.111 0.119 e 1.600 1.700 0.063 0.067 e1 2.650 2.950 0.104 0.116 e e1 l 0.300 0.600 0.012 0.024 q 0 o 8 o 0 o 8 o 1.90 bsc 0.075 bsc symbols millimeters inches 0.95 bsc 0.037 bsc top view side view d s 1 e e h front view a 1 b a l c 1 pin 1 min max min max a 0.90 1.30 0.0354 0.0512 a 1 0.00 0.15 0.0000 0.0059 b 0.30 0.55 0.0118 0.0217 d 2.70 3.10 0.1063 0.1220 e 1.40 1.80 0.0551 0.0709 e h 2.60 3.00 0.10236 0.11811 l q 1 0 o 10 o 0 o 10 o s 1 1.90 bsc 0.07480 bsc symbols millimeters inches 0.37bsc 0.0146bsc 0.95bsc 0.0374bsc
ame 24 high psrr, low noise, 150ma cmos regulator ame8852a rev. a.01 n lead pattern note: 1. lead pattern unit description: bsc: basic. represents theoretical exact dimension or dimension target. 2. dimensions in millimeters. 3. general tolerance + 0.05mm unless otherwise specified. sot-23 0 . 80 bsc 1 . 0 0 b s c 2 . 4 0 b s c 1 . 90 bsc
ame 25 ame8852a rev. a.01 high psrr, low noise, 150ma cmos regulator n lead pattern (contd.) note: 1. lead pattern unit description: bsc: basic. represents theoretical exact dimension or dimension target. 2. dimensions in millimeters. 3. general tolerance + 0.05mm unless otherwise specified. sc-70-4(sc-82) 1 . 3 bsc 1 . 9 4 b s c 0 . 45 bsc 0 . 35 bsc 0 . 8 b s c 0 . 05 ref
ame 26 high psrr, low noise, 150ma cmos regulator ame8852a rev. a.01 n lead pattern (contd.) note: 1. lead pattern unit description: bsc: basic. represents theoretical exact dimension or dimension target. 2. dimensions in millimeters. 3. general tolerance + 0.05mm unless otherwise specified. sc-70-5 1 . 3 bsc 1 . 9 4 b s c 0 . 8 b s c 0 . 35 bsc
ame 27 ame8852a rev. a.01 high psrr, low noise, 150ma cmos regulator n lead pattern (contd.) note: 1. lead pattern unit description: bsc: basic. represents theoretical exact dimension or dimension target. 2. dimensions in millimeters. 3. general tolerance + 0.05mm unless otherwise specified. sot-25 0 . 70 bsc 1 . 0 0 b s c 0 . 95 bsc 0 . 95 bsc 1 . 90 bsc 2 . 4 0 b s c
ame 28 high psrr, low noise, 150ma cmos regulator ame8852a rev. a.01 n lead pattern (contd.) note: 1. lead pattern unit description: bsc: basic. represents theoretical exact dimension or dimension target. 2. dimensions in millimeters. 3. general tolerance + 0.05mm unless otherwise specified. tsot-25a 0 . 70 bsc 1 . 0 0 b s c 0 . 95 bsc 0 . 95 bsc 1 . 90 bsc 2 . 4 0 b s c
life support policy: these products of ame, inc. are not authorized for use as critical components in life-support devices or systems, without the express written approval of the president of ame, inc. ame, inc. reserves the right to make changes in the circuitry and specifications of its devices and advises its customers to obtain the latest version of relevant information. ? ame, inc. , may 2012 document: tm001-ds8852a-a.01 corporate headquarter ame, inc. 8f, 12, wenhu st., nei hu taipei, taiwan. 114 tel: 886 2 2627-8687 fax: 886 2 2659-2989 www.ame.com.tw e-mail: sales@ame.com.tw


▲Up To Search▲   

 
Price & Availability of AME8852AAIV080K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X