Part Number Hot Search : 
ULN2002 TLOE53T LL415006 3A333 35N10 28F16 MBRF1045 IR9494N
Product Description
Full Text Search
 

To Download 903-515J-51P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cable group listing
36 amphenol ? rf: 800-627-7100 36 amphenol ? rf: 800-627-7100 smb connectors description the smb name derives from subminiature b (the second subminiature design). developed in the 1960s, this sub miniature interface has snap-on coupling. amphenols smb connectors conform to the requirements of mil-c-39012, and the interface is in compliance with mil-std- 348. available in 50 and 75 , the smb provides broadband capability through 10 ghz with a snap-on connector design and utilizes die cast components on non-critical areas to provide a low-cost solution. features/benefts ? broadband performance with low refection dc to 4 ghz provides low cost connector combined with high quality. ? quick connect/disconnect snap-on mating reduces installation time. ? various plating options in nickel, gold, and tin. selective plating provides corrosion resistance fnish as well as good solderability characteristics. ? smb pcb slide-on plug and jack allows board-to-board mounting with a low insertion force. this is ideal for mating a high number of connectors on a pair of pcbs. applications ? automotive ? base stations ? cable assemblies ? components ? instrumentation ? pc/lan ? process controls ? radio boards ? surge protection ? telecom ? test and measurement ? video systems smb amphenol ? rf smb
37 amphenol ? rf: 800-627-7100 50 smb specifcations electrical impedance 50 frequency range dc - 4 ghz (usable to 10 ghz) vswr 1.2 max. @ dc - 4 ghz 1.5 max. @ 4 - 10 ghz rf-leakage 55 db minimum @ 1 ghz (fexible cable) voltage rating (at sea level) 250 vrms (depending on cable) contact resistance center contact: 6 m outer contact: 2.5 m braid to body: 1 m insulation resistance 5,000 m minimum insertion loss maximum 0.3 db @ 1.5 ghz dielectric withstanding voltage 1,000 vrms (at sea level) mechanical mating snap-on coupling (mil-std-348) braid/jacket cable affxment hex crimp center conductor cable affxment solder captivated contacts all, unless noted otherwise engagement force 14.2 lbs (63n) disengagement force 1.8 lbs (8n) durability (matings) 500 cycles minimum environmental temperature range -65c to +165c thermal shock mil-std-202, method 107, cond. b moisture resistance mil-std-202, method 106 corrosion mil-std-202, method 101, cond. b vibration mil-std-202, method 204, cond. d mechanical shock mil-std-202, method 213, cond. b smb smb
38 amphenol ? rf: 800-627-7100 50 smb specifcations (continued) material body and outer contacts body: brass or zinc alloy (astm-b86-71), gold or nickel plated male contact brass, gold plated female contact beryllium copper or phosphor bronze, gold plated crimp ferrule copper or brass, nickel or gold plated insulator ptfe military mil-c-22557a where applicable plug jack .007/.037 .007 mi n ?.081 max .064 max .141 mi n .141 mi n .117 ref plane min l c .007 .065 .117 .010 min .052 ?.021/.019 .010 mi n .141/.131 .000 mi n ?.082 mi n ?.146 max max max ref plane min max smb smb
39 amphenol ? rf: 800-627-7100 75 smb specifcations electrical impedance 75 frequency range dc - 4 ghz vswr 1.4 max. @ dc - 4 ghz rf-leakage 55 db minimum @ 1 ghz (fexible cable) voltage rating (at sea level) 250 vrms (depending on cable) contact resistance center contact: 6 m outer contact: 1 m braid to body: 1 m insulation resistance 5,000 m minimum insertion loss maximum 0.3 db @ 1.5 ghz dielectric withstanding voltage 1,000 vrms (at sea level) mechanical mating snap-on coupling (mil-std-348) braid/jacket cable affxment hex crimp center conductor cable affxment solder captivated contacts all, unless noted otherwise engagement force 14.2 lbs (63n) disengagement force 1.8 lbs (8n) durability (matings) 500 cycles minimum environmental temperature range -65c to +165c thermal shock mil-std-202, method 107, cond. b moisture resistance mil-std-202, method 106 corrosion mil-std-202, method 101, cond. b vibration mil-std-202, method 204, cond. d mechanical shock mil-std-202, method 213, cond. b smb smb
40 amphenol ? rf: 800-627-7100 smb 75 smb specifcations (continued) material body and outer contacts body: brass or zinc alloy (astm-b86-71), gold or nickel plated male contact brass, gold plated female contact beryllium copper or phosphor bronze, gold plated crimp ferrule copper or brass, nickel or gold plated insulator ptfe military mil-c-22557a where applicable note: these characteristics are typical but may not apply to all connectors. plug jack ?.130 max .141 min .141 min .117 min .007/.037 .007 min .064 max ref plane ?.021/.019 .141/.13 1 .117 .007 .065 min .052 min .010 min .000 mi n ?.244 max ?.131 mi n .010 max ma x ma x ref plane smb
41 amphenol ? rf: 800-627-7100 smb 50 cable connectors straight plugs plating termination cable group part number body contact body contact a 903-287p-51s gold gold crimp solder a 903-509p-51s gold gold crimp solder a 903-371p-51s nickel gold crimp solder a 903-578p-51s gold gold crimp crimp a 903-578p-51s1 nickel gold crimp crimp b 903-285p-51s gold gold crimp solder b 903-370p-51s nickel gold crimp solder b 903-577p-51s1 nickel gold crimp crimp b 903-577p-51s gold gold crimp crimp b2 903-401p-51s gold gold crimp solder b2 903-579p-51s gold gold crimp crimp b2 903-579p-51s1 nickel gold crimp crimp angle plugs plating termination cable group part number body contact body contact description a 903-291p-51a gold gold crimp solder a 903-291p-51a1 gold gold crimp solder zinc diecast body a 903-368p-51a1 nickel gold crimp solder b 903-289p-51a gold gold crimp solder b 903-367p-51a nickel gold crimp solder b 903-367p-51a2 nickel gold crimp solder b2 903-369p-51a2 nickel gold crimp solder smb
42 amphenol ? rf: 800-627-7100 smb straight bulkhead jacks plating termination cable group part number body contact body contact b2 903-505j-51s1 gold gold crimp solder b2 903-505j-51s gold gold crimp solder l2 903-659j-51s gold gold solder solder angle bulkhead jacks plating termination cable group part number body contact body contact b 903-422j-51a gold gold crimp solder b2 903-683j-51a gold gold solder solder b2 903-422j-51a2 gold gold crimp solder 50 receptacles straight front mount bulkhead jacks plating part number body contact terminal type 903-406j-51r gold gold solder cup 903-402j-51r gold gold blunt post angle front mount bulkhead jacks plating part number body contact terminal type 903-416j-51r gold gold solder cup straight rear mount bulkhead jacks plating part number body contact terminal type 903-305j-51r gold gold solder cup straight recessed mount bulkhead jacks plating part number body contact terminal type 903-407j-51r gold gold solder cup 50 cable connectors (continued) smb
43 amphenol ? rf: 800-627-7100 smb 50 printed circuit board connectors straight plugs plating part number body contact terminal type description 903-410p-53p gold gold blunt post for .360 (9mm) bd. spacing/four legs 903-409j-53p gold gold blunt post for .360 (9mm) bd. spacing/four legs accessories smb/smc accessories: jam nuts part number description 903-10408-1 smb/smc gold plated nut hex, bulk pack version smb/smc accessories: lockwashers part number description 903-10409-1 smb/smc gold plated lockwasher, bulk pack version angle bulkhead jacks plating part number body contact terminal type description 903-413j-51a gold gold blunt post four legs/leak tight 903-373j-51a gold gold blunt post four legs/leak tight straight bulkhead jacks plating part number body contact terminal type description 903-375j-53p nickel gold blunt post four legs 903-518j-51p gold gold blunt post four legs 903-515J-51P matte tin gold blunt post four legs straight jacks plating part number body contact terminal type description 903-415j-51p gold gold blunt post four legs 903-499j-51p2 gold gold blunt post four legs smb
44 amphenol ? rf: 800-627-7100 smb 75 cable connectors straight plugs plating termination cable group part number body contact body contact b 903-502p-71s nickel gold crimp solder b1 903-152p-71s3 gold gold crimp solder b1 903-575p-71s nickel gold crimp solder b1 903-660p-71s gold gold crimp solder b3 903-574p-71s nickel gold crimp solder i2 903-152p-71s7 gold gold crimp solder i2 903-663p-71s gold gold crimp solder k3 903-152p-71s gold gold crimp solder angle plugs plating termination cable group part number body contact body contact b1 903-661p-71a gold gold crimp solder b1 903-662p-71a nickel gold crimp crimp straight bulkhead jacks plating termination cable group part number body contact body contact b1 903-108j-71s gold gold crimp solder 75 receptacles straight bulkhead jacks plating part number body contact termination type description 903-382j-71r gold gold solder cup rear mount 903-675j-71s gold gold solder cup panel threaded smb
45 amphenol ? rf: 800-627-7100 smb 75 printed circuit board connectors straight plugs plating part number body contact termination type description 903-522p-71p gold gold blunt post four legs, slide-on angle jacks plating part number body contact termination type description 903-585j-71a nickel gold blunt post four legs 903-519j-71p gold gold blunt post four legs edge mount jacks plating part number body contact termination type description 903-518j-71p gold gold blunt post four legs straight jacks plating part number body contact termination type description 903-523j-71p nickel gold blunt post four legs smb
46 cable group cable type a rg-178, 196 b rg-174, 188a, 316, belden 7805 b1 rg-179, 187, belden 9221 b2 rd-188/u, rd-316/u b3 rd-179/u, at&t 19224l2 c rg-58, 58a, 58c, 141, 303, lmr195, belden 7806a, 9907 c1 rg-55, 142, 223, 400 c2 lmr200, belden 7807a d rg-58/u plenum, thinnet, rg-122/u, belden 88240, 89907 e rg-59, 62, 140, 210, belden 8241, 8263, 8279, 9209 e1 rg-59/u 20 awg center conductor, belden 1426a, 1505a, 9100, 9278 e2 rd-59/u, belden 8281, 9141, 9231 e3 rg-59/u quad shield, belden 1152a f rg-59/u plenum, belden 1560a, 9259, 82259, 89259, 88241 f1 rg-59/u plenum 20 awg center conductor, belden 82108 g1 rg-6, 143, 212 g2 8x, lmr240, belden 7808a, 9258 g3 lmr400, belden 7810a, 8214, 9913 g4 rg-8, 8a, 9, 87a, 213, 214, 225, 393 g5 rd-6/u h rg-11 h1 belden 1694a, 9248 h2 belden 1859a, 7731, 8213, 9292 h3 rg-54a/u i at&t 734a, belden 1505a i2 at&t 735a, belden 735a1 j quad 59 headend cable k lmr600 k2 belden 1695a k3 rg-122, 180, 195, belden 1855, 1865a, 8218 l .141 semi-rigid, rg-402/u l2 .085, .086, .087 semi-rigid, rg-405/u l3 .250 semi-rigid l4 .047 semi-rigid, belden 1674 m 1/2 inch annular corrugated m1 1 1/4 inch annular corrugated m2 1 5/8 inch annular corrugated m3 7/8 inch annular corrugated n 1/4 helical n1 3/8 helical n2 1/2 helical n3 7/8 inch sfc p1 .81 mm od micro-cable p2 1.13 mm od micro-cable, tcb-068 p3 1.32 mm od micro-cable p4 1.37 mm od micro-cable cable group listing cable group listing


▲Up To Search▲   

 
Price & Availability of 903-515J-51P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X