22 catalog 82068 dimensions are in inches and dimensions are s hown for usa: 1-800-522-6752 south america: 55-11-2103-60 00 revised 1-08 millimeters unless otherwise reference purp oses only. canada: 1-905-470-4425 hong kong: 852-2735-162 8 specified. values in brackets specifications subject mex ico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to chang e. c. america: 52-55-1106-0803 uk: 44-8706-080-208 amplimite .050 series panel mount flat top receptacle assem blies without rails and latch blocks, series iii amplimite subminiature d connectors note: all part numbers are rohs compliant. amplimite .050 series connectors, series iii materials: housing and termination covers thermoplastic, 94v-0 rated, black shell steel, plated bright nickel over copper bracket zinc, plated nickel over copper contacts phosphor bronze, duplex plated .000030 [0.00076] min. gold on mating end; tin on solder end; all nickel underplated recommended wire size 28 awg [0.08-0.09mm 2 ] or 30 awg [0.05mm 2 ], solid or 7 strand, with a .029-.036 [0.74-0.89] insulation diameter or .050 [1.27] centerline, 28 awg [0.08-0.09mm 2 ] stranded, pvc, flat ribbon cable technical documents: product specifications 108-1228 application specifications 114-40029 dimensions part numbers pos. c d e connectors with assembled no. of standard termination covers 1.830 1.629 2.065 50 46.48 41.38 52.45 5-749877-5 2.280 2.079 2.515 68 57.91 52.81 63.88 5-749877-7 3.080 2.879 3.315 100 78.23 73.13 84.20 5-749877-9 note: for termination, cover closing and wire lacing tool ing, see page 14. note: for termination tooling other than wire lacing see pages 28 & 29. note: refer to tyco electronics customer drawings and app lication spec for pcb & panel layouts. c e mating face terminating cover receptacle housing 4-40 unc 2 plcs. cavity identification d .007 [ 0.18] .592 [15.04] .197 [5.00] .406 [10.31] .050 [1.27] typ. .170 .002 [4.32 0.05 ] typ. ref.
|