Part Number Hot Search : 
H3545 TFS300A 2N3369 BZV55B24 QI2NA90 BZV55B24 AMDL190J 1N5819
Product Description
Full Text Search
 

To Download 30FHH-SM1-GAN-TF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 this is 2.0mm height connector with the double-sided contact for fpc. as fpc with protrusions is used for this fhh connector, prevention of incomplete insertion and mis- insertion are realized and connection reliability is improved. fhh connector 0.5mm pitch/connectors for fpc emboss tape specifications ?current rating: 0.5a ac, dc ?voltage rating: 50v ac, dc ?temperature range: -25?c to +85?c (including temperature rise in applying electrical current) contact resistance: initial value/70m? max. after environmental testing/60m? max. (variation from initial value) ?insulation resistance: 500m? min. ?withstanding voltage: 200v ac/minute ?applicable fpc: conductor pitch/0.5mm conductor width/0.35mm mating part thickness/0.30.03mm * compliant with rohs. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. 1.76 0.05 3.15 0.1 1.9 0.05 0.65 0.05 1 0.05 connector outline 0.3 0.05 0.5(n-1) 0.05 0.5 0.05 0.15 circuit no.1 6.7 2.0 7.2 pc board layout and assembly layout note: n --- number of circuits
2 fhh connector b c a 0.5 7.2 2.0 7.4 2,000 2,000 2,000 2,000 2,000 4.5 circuits model no. q?y / reel ab 8.6 c contact: copper alloy, nickel-undercoated, gold-plated (nickel-stripe) solder tab: copper alloy, copper-undercoated, tin-plated (reflow treatment) housing: heat resisting resin, ul94v-0, natural cover: heat resisting resin, ul94v-0, black material and finish 10fhh-sm1-gan-tf 10 17.4 14.5 18.6 30FHH-SM1-GAN-TF 30 22.4 19.5 23.6 40fhh-sm1-gan-tf 40 27.4 24.5 28.6 50fhh-sm1-gan-tf 50 32.4 29.5 33.6 60fhh-sm1-gan-tf 60 dimensions (mm) 0.5(n+1)+1.4 0.05 0.5(n+1) 0.05 0.5(n+1)-0.2 0.05 0.5(n-1) 0.0.3 0.5 0.07 0.3 0.03 4.2 min 0.35 0.03 1.54 0.1 2.64 0.1 3.5 min 0.5 0.03 0.5 0.07 r0.2 rohs compliance this product displays (lf)(sn) on a label. note: this products listed above are supplied on embossed-tape. note: n --- number of circuits connector lead section dimensions of fpc


▲Up To Search▲   

 
Price & Availability of 30FHH-SM1-GAN-TF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X