all specification & dimensions are subject to chang e, please call your nearest foxconn sales represent ative for update information. specifications hard metric connector 2h seri es hard metric header type f long pin press fit type 2.0mm pitch 8+2 row mechanical contact retention force: 0.5kg min. electrical voltage rating: 500v current rating: 1a contact resistance: 20m max. dielectrical withstanding voltage: 750v insulation resistance: 10000m min. physical housing: pbt, ul 94-0, gray contact: phosphor bronze plating: see ?ordering information? drawing ordering i nf or mati on row no. 8:8 row a:8+2row product no.: 2h1* * * * * - * f * * * column no.: 11:11 column location peg: 0:w/o location peg 1:w/ location peg plating spec. 1:gold flash 3:30u" (0.76um) fpt plating 5:50u" (1.27um) au plating extension code n, s, e, f option for tail length and hot swap selective pin pattern
|