Part Number Hot Search : 
ICM72 74FCT138 RS232 Q6700 MJD29 RN131007 M52307 KP3000A
Product Description
Full Text Search
 

To Download 245801014002829 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series 5801 0.4 mm pitch series 5801 `n-e 5801 *]o-?????5.d? phs ?:+2^ av ?z3 {?+o3 {-et?n4?"?e? 0.4mm g64/?
e(?n?n &@"2a??n4f7e 0.8mm ?%56 =?: 5.0mm  s ?? ` outline series 5801 is a 0.4mm pitch board to board connector to meet t he market requirement for downsizing and thinner tendency in cellular phones, phs, and digital av apparatus. 0.8mm in stacki ng height and 5.0mm in width including tails are realized. ` $43 (1) c@t1g?w$ [)d? s < a?? ?!a?p'7e h=0.8 ::
e(? { s ?? (2) ,]sn
e(?a???&@"2-c5y)y???e?2??5: ??:6<,mo,?e?????%56\f<?04f? d2 of2)'"?(?a??7?2s-]?1??t1ga?? (3) 7??. >5h s ?????.t1gd g?*-
-#???=1t1g ?!a???y???.1?6'?h\6",?
?#  !?  ?4? [)d?pt1g ?!a? (4) p't1g? fine-lock t1g? ?!a?/?
e(?? "]6"?n7?p' ;, ?
% s ?? (5) ?o2? u ?`6"?2-l???5?"???&? (??????t? ground ?? ? power ???a?!a1\?- 2?t!a? ??? (6) &@"2?p'e??1b?#t& %?46"?46o&@"2y?!a???? ` features (1) kec-unique s-shaped spring is adopted for the spring structure, which realizes the lowest profile of 0.8mm in this field. (2) because no part of pins were exposed owing to the bottom wall of the connector in spite of its slim and low profile, a pat tern can be laid between lands of tail rows, which enables less limited pattern layouts on boards. (3) the pinching structure, highly resistant to vibration and drop shock, is adopted in contacts and the original structure ex clud- ing splashed flux or foreign matters attached is adopted on contacting points in order to obtain high contacting reliability. (4) "fine locking mechanism" adopted for mating structure realizes the nice clicking response and firm retention force against unmating despite of the ultra low profile. (5) the metal tab reinforces the locking strength and is utilized for electrical connection such as "ground", "power" line or so. (6) a checker connector to be mated with a connector is also available to check electrical continuity or short circuit of the connector. ?2`#??qt ?0????t$36n
?}???? !!?(?b????!:1???#?.z5???? recommended plating types are mentioned in this catalogue. for other plating types and their specifications, and available num- bers of positions, please feel free to contact our sales depart ment. 5801 0.8mm 0.4mm 10 :* 80 ac/dc 0.3a ac/dc 50v ac 250vrms/min. 3'2? copper alloy (42?(? heat resistance plastic 9 40 :* 85 % *]o- 9? series 9? n4f7e 9? stacking height 9? b4f4 9? pitch 9? b? 9? no. of positions 9? op5y 9? rated current) op5? 9? rated voltage 9? (45? 9? d.w.voltage 9? &f2";/ 9? contact material) f*x_o2/ 9? insulator material)
?!a2%?e 9? operating temperature)
pattern non-exposure area pattern non-exposure area 0.4mm pitch series 5801 st smt plug vertical smt tape & reel package ordering code 14 5801 0xx 00x 829+ number of positions 2 with metal tab, without boss 3 with metal tab and boss packing quantity 2000 /reel rohs rohs compliant product ?
\?d ?
:tmmox? ?t]? y&m?b{ note) feel free to contact our sales department for available numbers of positions.
0.4mm pitch series st smt receptacle vertical smt tape & reel package ordering code 24 5801 0xx 00x 829+ number of positions 2 with metal tab, without boss 3 with metal tab and boss packing quantity 2000 /reel rohs rohs compliant product ?
\?d ?
:tmmox? ?t]? y&m?b{ note) feel free to contact our sales department for available numbers of positions. 5801


▲Up To Search▲   

 
Price & Availability of 245801014002829

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X