Part Number Hot Search : 
ZTTMX 1078M 200BZ WSD751B 40D951K 5ETTTS MURS160 HT46R0
Product Description
Full Text Search
 

To Download 1-2029059-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  introducing val-u-lok glow wire connectors
val-u-lok glow wire connectors key features meets the requirement of ? iec 60335-1 mates to standard val-u-lok ? and molex mini-fit jr. housings. compatible with standard ? val-u-lok contacts. descriptions val-u-lok connector housings and headers are now available in special glow wire compatible material. glow wire is a test required by iec/en 60335-1 4th edition: household and similar appliances C safety. val-u-lok glow wire connectors allow manufacturers of home appliances sold into the european market to comply with this standard. applica tions household appliances : air conditioning ? dishwasher ? dryers ? ovens ? refrigerators ? washing machines ? electrical voltage : 600 vac current : 9 amps max. in 2-position applications dielectric withstanding voltage : 1500 vac min. insulation resistance : 1000 megohms min. operating temperature : C40c to +105c [C40f to +221f] mechanical connector mating : 1.55 lb. [6.90 n] max. per circuit connector unmating : .11 lb. [.49 n] min. per circuit contact retention : 4.88 lb. [21.71 n] min. per contact durability : 30 cycles, mating and unmating ma terials housings : glow wire compatible contacts : brass or phos. bronze with tin plating (lead-free) or gold plating tyco electronics i val-u-lok glow wire connectors
val-u-lok glow wire connectors product offering val-u-lok glow wire connectors i tyco electronics r eceptacle and plug housing (dual r ow) receptacles plugs number of positions panel mount free hanging 2 1586765-2 1586861-2 1586862-2 4 1586765-4 1586861-4 1586862-4 6 1586765-6 1586861-6 1586862-6 8 1586765-8 1586861-8 1586862-8 10 1-1586765-0 1-1586861-0 1-1586862-0 12 1-1586765-2 1-1586861-2 1-1586862-2 14 1-1586765-4 1-1586861-4 1-1586862-4 16 1-1586765-6 1-1586861-6 1-1586862-6 18 1-1586765-8 1-1586861-8 1-1586862-8 20 2-1586765-0 2-1586861-0 2-1586862-0 22 2-1586765-2 2-1586861-2 2-1586862-2 24 2-1586765-4 2-1586861-4 2-1586862-4 r eceptacle and plug housing (single r ow) receptacles plugs number of positions panel mount free hanging 3 2029112-3 2029110-3 2029111-3 4 2029178-4 2029177-4 2029180-4 5 2029178-5 2029177-5 2029180-5 headers (dual r ow) number of positions vertical w/o pegs w/ dh* vertical w/ pegs w/ dh* vertical w/ pegs w/o dh* right angle w/o pegs 2 1586768-2 2029059-2 2029265-2 1586863-2 4 1586768-4 2029059-4 2029265-4 1586863-4 6 1586768-6 2029059-6 2029265-6 1586863-6 8 1586768-8 2029059-8 2029265-8 1586863-8 10 1-1586768-0 1-2029059-0 1-2029265-0 1-1586863-0 12 1-1586768-2 1-2029059-2 1-2029265-2 1-1586863-2 14 1-1586768-4 1-2029059-4 1-2029265-4 1-1586863-4 16 1-1586768-6 1-2029059-6 1-2029265-6 1-1586863-6 18 1-1586768-8 1-2029059-8 1-2029265-8 1-1586863-8 20 2-1586768-0 2-2029059-0 2-2029265-0 2-1586863-0 22 2-1586768-2 2-2029059-2 2-2029265-2 2-1586863-2 24 2-1586768-4 2-2029059-4 2-2029265-4 2-1586863-4 headers (single r ow) number of positions vertical w/ pegs w/ dh vertical w/ pegs w/o dh right angle w/ pegs 3 2029113-3 2029181-3 2029154-3 4 2029113-4 2029181-4 2029154-4 5 2029113-5 2029181-5 2029154-5 *dh indicates drain holes .1 7[4.2] .1 7[4.2] .1 7[4.2] .1 4[3.5] .22 [5.5] . 165 [4.20] p osition 1 identifcation f eature .384 [9 .7 5] . 165 [4.20] .1 4[3.5] .50 [12.8] .223. 00 [5.530 .1 ] . 165 [4.20] position 1 identi?cation fe atur e c d .94 [23.9] .17 [4.2] .17 [4.2] .17 [4.2] .39 [9.8] a b for additional product information including crimp contact selection, please go to www.tycoelectronics.com . search keyword val-u-lok .
for more information technical support internet: www.tycoelectronics.com e-mail: product.info@tycoelectronics.com usa: 1-800-522-6752 canada: 1-905-470-4425 mexico: 1-800-733-8926 c. america: 52-55-1106-0803 south america: 55-11-2103-6000 hong kong: 852-2735-1628 japan: 81-44-844-8013 uk: 44-8706-080208 tyco electronics corporation harrisburg, pa tycoelectronics.com copyright 2008 tyco electronics corporation 7-1773453-1 2.5m fp 12/2008 val-u-lok, te logo and tyco electronics are trademarks. mini-ft jr. is a trademark of molex incorporated


▲Up To Search▲   

 
Price & Availability of 1-2029059-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X