Part Number Hot Search : 
GS2993 300B12 STPS20 LT196 PEB2466 74VCX1 BCX52TA D61012
Product Description
Full Text Search
 

To Download UT9435H-AA3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd ut9435h power mosfet www.unisonic.com.tw 1 of 6 copyright ? 2008 unisonic technologies co., ltd qw-r502-131.b p-channel enhancement mode ? description the utc ut9435h provide excellent r ds(on) , low gate charge and fast switching speed . it has been optimized for power management applications . ? symbol gate source drain lead-free: ut9435hl halogen-free: ut9435hg ? ordering information ordering number pin assignment normal lead free halogen free package 1 2 3 4 5 6 7 8 packing UT9435H-AA3-R ut9435hl-aa3-r ut9435hg-aa3-r sot-223 g d s - - - - - tape reel ut9435h-s08-r ut9435hl-s08-r ut9435hg-s08-r sop-8 sss gd d d d tape reel ut9435h-s08-t ut9435hl-s08-t ut9435hg-s08-t sop-8 sss gd d d d tube
ut9435h power mosfet unisonic technologies co., ltd 2 of 5 www.unisonic.com.tw qw-r502-131.b ? pin configuration
ut9435h power mosfet unisonic technologies co., ltd 3 of 5 www.unisonic.com.tw qw-r502-131.b ? absolute maximum ratings (t a = 25 , unless otherwise specified) parameter symbol rating units drain-source voltage v ds -30 v gate-source voltage v gs 20 v continuous drain current (note 3) ta=125 i d 5.3 a pulsed drain current (note 1, 2) i dm 20 a power dissipation p d 2.5 w junction temperature t j +150 storage temperature t stg -55 ~ +150 note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal data parameter symbol min typ max unit junction-to-ambient ja 50 /w ? electrical characteristics (ta =25c, unless otherwise specified) parameter symbol test conditions min typ max unit off characteristics drain-source breakdown voltage bv dss v gs =0 v, i d =-250 a -30 v drain-source leakage current i dss v ds =-24 v, v gs =0 v -1 a gate-source leakage current i gss v ds =0 v, v gs = 20v 100 na on characteristics gate threshold voltage v gs(th) v ds =v gs , i d =-250 a -1 -3 v v gs =-10v, i d =-5.3a 44 50 m ? drain-source on-state resistance (note 2) r ds(on) v gs =-4.5v, i d =-4.2a 74 90 m ? on state drain current i d(on) v ds = -5v, v gs =-10v -20 a dynamic parameters input capacitance c iss 1040 pf output capacitance c oss 420 pf reverse transfer capacitance c rss v ds =-15v, v gs =0v, f=1.0mhz 150 pf switching parameters turn-on delay time (note 2) t d(on) 19 26 ns turn-on rise time t r 9 13 ns turn-off delay time t d(off) 74 105 ns turn-off fall time t f v dd =-15v, i d =-1a, v gen =-10v, r g =6 ? 36 50 ns total gate charge (note 2) q g 22.5 29 nc gate-source charge q gs 2 nc gate-drain charge q gd v ds =-15v, v gs =-10v, i d =-4.6 a 6 nc drain-source diode characteristics drain-source diode forward voltage(note2) v sd v gs =0 v, i s =-5.3 a -0.84 -1.3 v notes: 1. pulse width limited by t j(max) 2. pulse width 300us, duty cycle 2%. 3. surface mounted on 1 in 2 copper pad of fr4 board
ut9435h power mosfet unisonic technologies co., ltd 4 of 5 www.unisonic.com.tw qw-r502-131.b ? typical characteristics drain current,-i d (a) drain current,-i d (a) c iss c oss c rss 1500 1250 1000 750 500 250 0 0 5 10 15 20 25 30 drain-to-source voltage,-v ds (v) capacitance v gs =-10v t j =25 0.18 0.15 0.12 0.09 0.06 0.03 0.00 2.5 57.510 0 drain current,-i d (a) on-rseistance variation with drain current and temperature transconductance,g fs (s) source-drain current,-i s (a)
ut9435h power mosfet unisonic technologies co., ltd 5 of 5 www.unisonic.com.tw qw-r502-131.b ? typical characteristics(cont.) v ds =-15v i d =-5.3a 10 8 6 4 2 0 0 3 6 9 12 15 18 21 24 gate-to-source voltage,v gs (v) gate charge total gate charge,q g (nc) r ds(on) limited 10ms 1s 100ms dc v gs =-10v single pulse t a =25 50 10 1 0.1 0.03 0.1 1 10 30 50 drain current,-i d (a) drain-to-source voltage,-v ds (v) maximum safe operating area utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior writ ten consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UT9435H-AA3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X