Part Number Hot Search : 
3P9228 DG9424DQ PD104 DG9424DQ 73ADW M57714EL P4KE22 MLL5913C
Product Description
Full Text Search
 

To Download UF4004-E3-73 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  uf4001 thru uf4007 vishay general semiconductor document number: 88755 revision: 20-aug-07 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 ultrafast plastic rectifier features ? glass passivated chip junction ? ultrafast reverse recovery time ? low forward voltage drop ? low switching losses, high efficiency ? high forward surge capability ? solder dip 260 c, 40 s ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in high frequency rectification and freewheeling application in switching mode converters and inverters for consumer, computer and telecommunication. mechanical data case: do-204al (do-41) epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 e3 suffix for consumer grade, meets jesd 201 class 1a whisker test polarity: color band denotes cathode end primary characteristics i f(av) 1.0 a v rrm 50 v to 1000 v i fsm 30 a t rr 50 ns, 75 ns v f 1.0 v, 1.7 v t j max. 150 c do-204al (do-41) maximum ratings (t a = 25 c unless otherwise noted) parameter symbol uf4001 uf4002 uf4003 uf4004 uf4005 uf4006 uf4007 unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current 0.375" (9.5 mm) lead length at t a = 55 c i f(av) 1.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 30 a operating junction and storage temperature range t j , t stg - 55 to + 150 c
uf4001 thru uf4007 vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88755 revision: 20-aug-07 2 note: (1) pulse test: 300 s pulse width, 1 % duty cycle note: (1) thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol uf4001 uf4002 uf4003 uf4004 uf4005 uf4006 uf4007 unit maximum instantaneous forward voltage (1) 1.0 a v f 1.0 1.7 v maximum dc reverse current at rated dc blocking voltage t a = 25 c t a = 100 c i r 10 50 a maximum reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 50 75 ns typical junction capacitance 4.0 v, 1 mhz c j 17 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol uf4001 uf4002 uf4003 uf4004 uf4005 uf4006 uf4007 unit typical thermal resistance (1) r ja r jl 60 15 c/w ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode uf4007-e3/54 0.33 54 5500 13" diameter paper tape and reel uf4007-e3/73 0.34 73 3000 ammo pack packaging figure 1. maximum forward current derating curve 1.0 20 40 60 8 0 100 120 140 160 0 0.5 resisti v e or ind u cti v e load 0.375" (9.5 mm) lead length am b ient temperat u re (c) a v erage for w ard re ctified c u rrent (a) figure 2. maximum non-repetitive peak forward surge current 1 10 100 0 5 10 15 20 25 30 t a = 55 c 8 .3 ms single half sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a)
uf4001 thru uf4007 vishay general semiconductor document number: 88755 revision: 20-aug-07 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 figure 3. typical instantaneous forward characteristics figure 4. typical reverse leakage characteristics figure 5. typical instantaneous forward characteristics 0.01 0.1 1 10 100 1.0 0. 8 0.6 0.4 0.2 1.2 1.4 1.6 instantaneo u s for w ard c u rrent (a) instantaneo u s for w ard v oltage ( v ) uf4001 ~ uf4004 t j = 100 c t j = 150 c t j = 125 c t j = 25 c 0.001 0.01 0.1 1 10 100 0 204060 8 0 100 percent of peak re v erse v oltage ( % ) uf4001 ~ uf4004 instantaneo u s re v erse leakage c u rrent ( a) t j = 100 c t j = 150 c t j = 125 c t j = 25 c 10 1.0 1.2 1.4 1.6 1. 8 0. 8 0.6 0.4 0.2 instantaneo u s for w ard c u rrent (a) instantaneo u s for w ard v oltage ( v ) uf4005 ~ uf4007 t j = 100 c t j = 150 c t j = 125 c t j = 25 c 1 0.1 0.01 figure 6. typical reverse leakage characteristics figure 7. typical junction capacitance 0.001 0.01 0.1 1 10 100 0204060 8 0 100 percent of peak re v erse v oltage ( % ) uf4005 ~ uf4007 instantaneo u s re v erse leakage c u rrent ( a) t j = 100 c t j = 150 c t j = 125 c t j = 25 c 0.1 1 10 100 1 10 100 t j = 25 c f = 1.0 mhz v sig = 50 m v p-p re v erse v oltage ( v ) j u nction capacitance (pf)
uf4001 thru uf4007 vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88755 revision: 20-aug-07 4 package outline dimensions in inches (millimeters) do-204al (do-41) 1.0 (25.4) mi n . 1.0 (25.4) mi n . 0.205 (5.2) 0.160 (4.1) 0.107 (2.7) 0.0 8 0 (2.0) dia. 0.034 (0. 8 6) 0.02 8 (0.71) dia.
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of UF4004-E3-73

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X