Part Number Hot Search : 
79L12 R1000 SG2644J 74HC163 IRL6903 M62436FP B20200 SD111
Product Description
Full Text Search
 

To Download TIP122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tip120, tip121, TIP122 npn silicon power darlingtons  
  1 december 1971 - revised september 2002 specifications are subject to change without notice. designed for complementary use with tip125, tip126 and tip127 65 w at 25c case temperature 5 a continuous collector current minimum h fe of 1000 at 3 v, 3 a b c e to-220 package (top view) pin 2 is in electrical contact with the mounting base. mdtraca 1 2 3 absolute maximum ratings at 25c case temperature (unless otherwise noted) notes: 1. this value applies for t p 0.3 ms, duty cycle 10%. 2. derate linearly to 150c case temperature at the rate of 0.52 w/c. 3. derate linearly to 150c free air temperature at the rate of 16 mw/c. 4. this rating is based on the capability of the transistor to operate safely in a circuit of: l = 20 mh, i b(on) = 5 ma, r be = 100 ? , v be(off) = 0, r s = 0.1 ? , v cc = 20 v. rating symbol value unit collector-base voltage (i e = 0) tip120 tip121 TIP122 v cbo 60 80 100 v collector-emitter voltage (i b = 0) tip120 tip121 TIP122 v ceo 60 80 100 v emitter-base voltage v ebo 5v continuous collector current i c 5a peak collector current (see note 1) i cm 8a continuous base current i b 0.1 a continuous device dissipation at (or below) 25c case temperature (see note 2) p tot 65 w continuous device dissipation at (or below) 25c free air temperature (see note 3) p tot 2w unclamped inductive load energy (see note 4) ?li c 2 50 mj operating junction temperature range t j -65 to +150 c storage temperature range t stg -65 to +150 c lead temperature 3.2 mm from case for 10 seconds t l 260 c this series is currently availabl e, but not recommended for new designs.
tip120, tip121, TIP122 npn silicon power darlingtons 2  
  december 1971 - revised september 2002 specifications are subject to change without notice. notes: 5. these parameters must be measured using pulse techniques, t p = 300 s, duty cycle  2%. 6. these parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts. ? voltage and current values s hown are nominal; exact values vary slightly with transistor parameters. electrical characteristics at 25c case temperatur e parameter test conditions min typ max unit v (br)ceo collector-emitter breakdown voltage i c = 30 ma (see note 5) i b = 0 tip120 tip121 TIP122 60 80 100 v i ceo collector-emitter cut-off current v ce = 30 v v ce = 40 v v ce = 50 v i b =0 i b =0 i b =0 tip120 tip121 TIP122 0.5 0.5 0.5 ma i cbo collector cut-off current v cb = 60 v v cb = 80 v v cb = 100 v i e =0 i e =0 i e =0 tip120 tip121 TIP122 0.2 0.2 0.2 ma i ebo emitter cut-off current v eb = 5 v i c =0 2 ma h fe forward current transfer ratio v ce = 3 v v ce = 3 v i c = 0.5 a i c = 3a (see notes 5 and 6) 1000 1000 v ce(sat) collector-emitter saturation voltage i b = 12 ma i b = 20 ma i c = 3a i c = 5a (see notes 5 and 6) 2 4 v v be base-emitter voltage v ce = 3 v i c = 3 a (see notes 5 and 6) 2.5 v v ec parallel diode forward voltage i e = 5 a i b = 0 (see notes 5 and 6) 3.5 v thermal characteristics parameter min typ max unit r  jc junction to case thermal resistance 1.92 c/w r  ja junction to free air thermal resistance 62.5 c/w resistive-load-switching characteristics at 25c case temperature parameter test conditions ? min typ max unit t on tu r n - o n t i m e i c = 3 a v be(off) = -5 v i b(on) = 12 ma r l = 10  i b(off) = -12 ma t p = 20 s, dc  2% 1.5 s t off turn-off time 8.5 s
tip120, tip121, TIP122 npn silicon power darlingtons 3  
  december 1971 - revised september 2002 specifications are subject to change without notice. typical characteristics figure 1. figure 2. figure 3. typical dc current gain vs collector current i c - collector current - a 05 50 10 h fe - typical dc current gain 40000 100 1000 10000 tcs120aa t c = -40c t c = 25c t c = 100c v ce = 3 v t p = 300 s, duty cycle < 2% collector-emitter saturation voltage vs collector current i c - collector current - a 05 50 10 v ce(sat) - collector-emitter saturation voltage - v 0 05 10 15 20 tcs120ab t c = -40c t c = 25c t c = 100c t p = 300 s, duty cycle < 2% i b = i c / 100 base-emitter saturation voltage vs collector current i c - collector current - a 05 50 10 v be(sat) - base-emitter saturation voltage - v 05 10 15 20 25 30 tcs120ac t c = -40c t c = 25c t c = 100c i b = i c / 100 t p = 300 s, duty cycle < 2%
tip120, tip121, TIP122 npn silicon power darlingtons 4  
  december 1971 - revised september 2002 specifications are subject to change without notice. maximum safe operating regions figure 4. thermal information figure 5. maximum forward-bias safe operating area v ce - collector-emitter voltage - v 10 10 100 1000 i c - collector current - a 01 10 10 100 sas120aa tip120 tip121 TIP122 dc operation t p = 300 s, d = 0.1 = 10% maximum power dissipation vs case temperature t c - case temperature - c 0 255075100125150 p tot - maximum power dissipation - w 0 10 20 30 40 50 60 70 80 tis120aa


▲Up To Search▲   

 
Price & Availability of TIP122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X