socket strips - vertical .079 cl dual row - surface mount SSHSM-2-DV series 13 feb 07 major league electronics .079 cl sock et strips - surface mount - vertical row specification d = dual row pins per row sshsm-2 xx d xx ordering information 02 lf 01 - 40 lead free packing information tr-p = tape and reel with plastic pick and place pad tb-p = tube with plastic pick and place pad tb-0 = tube without pick and place pad if left blank, packaging at mle's discretion pad may be metal, mylar or plastic xx x xxx polarized position leave blank if not needed if required, specify empty pin position, e.g. 012 for pin 12 surface mount v vertical plating options 30 gold on contact area / matte tin on tail h matte tin all over t 10 gold on contact area / matte tin on tail gt 10 gold on contact area / flash on tail g gold flash over entire pin f ap - alignment pin leave blank if not needed xx 4235 earnings way, new al bany, indiana, 47150, usa 1-800-782-3486 (usa/canada/mexico) tel: 812-944- 7244 fax: 812-944- 7268 e-mail: mle@mlelectronics.com web: www.mlelectronics.com specifications insertion force - single contact only - h plating: 4oz. (1.11n) avg with .0197 (0.50) sq. pin withdrawal force - single contact only - h plating: 3oz. (0.83n) avg with .0197 (0.50) sq. pin current rating: 2.0 ampere insulation resistance: 1000m ? min. dielectric withstanding: 500v ac contact resistance: 10 m ? max. operating temperature: -40c to + 105c max. process temperature: peak: 260c up to 10 secs. process: 230c up to 60 secs. wave: 260c up to 6 secs. reflow: 260c up to 10 secs. manual solder: 350c up to 5 secs. materials contact material: phosphor bronze insulator material: nylon 6t plating: au or sn over 50" ni products cut to specific sizes are uncancellable/nonreturnable parts are subject to change without notice mates with: bstc, bstcm, bstcr, bstcrsm, bsts, tbstc, tbstcm, tbsts, tbstcm, tbsts, tshc, tshcr, tshcre, tshcrsm, tshr, tshre, tshs, tshscm, ttshc, ttshcr, ttshcre, ttshr, ttshre, ttshs, ttshsm
socket strips - vertical .079 cl dual row - surface mount SSHSM-2-DV series 13 feb 07 r e vi s i o n s revision e - 16th december 2011 amended the pad dimensio n on the pcb layout. revision d - 19th august 2011 amended the tail dimension from .258 (6.55) to .187 (4.75). revision c - 20th june 2011 correction to withdrawal and insertion force. pins amended from .013 (0.33) x .024 (0.61) to .020 (0.51) sq. added alignment pin option to part number layout. revision b - 20th mar 2009 amendment to overall height fr om .285 (7.24) to .305 (7.75). 4235 earnings way, new al bany, indiana, 47150, usa 1-800-782-3486 (usa/canada/mexico) tel: 812-944- 7244 fax: 812-944- 7268 e-mail: mle@mlelectronics.com web: www.mlelectronics.com
|