Part Number Hot Search : 
HGD16 PM4344 L3015 L7113NBC CS51221 40175 E1010 IDT74A
Product Description
Full Text Search
 

To Download SS210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ss22 thru SS210 surface mount schottky barrier rectifier reverse voltage - 20 to 100 volts forward current - 2.0 amperes maximum ratings and electrical characteristics note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 2.p.c.b. mounted with 0.2x0.2 ? (5.0x5.0mm) copper pad areas ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. volts volts volts symbols units amps amps volts v rrm v rms v dc i (av) i fsm v f 2.0 50.0 0.70 operating junction temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t l (see fig.1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 2.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) i r 0.5 r q ja c j t j , t stg 75.0 180 pf c ma typical thermal resistance (note 2) c/w storage temperature range c -65 to +150 -65 to +125 -65 to +150 10.0 5.0 0.55 0.85 case : jedec do-214ac molded plastic body terminals : leads solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight :0.070 grams the plastic package carries underwriters laboratory flammability classification 94v-0 for surface mounted applications metal silicon junction,majority carrier conduction low power loss,high efficiency built-in strain relief,ideal for automated placement high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds at terminals features mechanical data ss22 ss23 ss25 ss24 ss26 SS210 ss28 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 100 70 100 220 dimensions in inches and (millimeters) do-214ac/sma 0.181(4.60) 0.157(3.99) 0.110(2.80) 0.100(2.54) 0.060(1.52) 0.030(0.76) 0.222(5.66) 0.194(4.93) 0.012(0.305) 0.006(0.152) 0.008(0.203)max. 0.096(2.42) 0.078(1.98) 0.067 (1.70) 0.051 (1.30) mdd catalog number mdd electronic
ratings and characteristic curves ss22 thru SS210 2.0 1.6 1.2 0.8 0.4 0 0 25 50 75 100 125 150 175 50 40 30 20 10 0 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse voltage,volts t,pulse duration,sec. fig. 5-typical junction capacitance fig. 6-typical transient thermal impedance number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes junction capacitance, pf peak forward surge current, amperes 1 10 100 8.3ms single half sine-wave (jedec method) 10 100 1000 2000 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 tj=75 c tj=25 c tj=100 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, milliamperes transient thermal impedance, c/w ambient temperature, c ss22-ss26 ss28-SS210 single phase half wave 60hz resistive or inductive load 50 10.0 1 0.1 0.01 fig. 3-typical instantaneous forward characteristics instantaneous forward current,amperes instantaneous forward voltage, volts ss22-ss24 ss25-ss26 ss28-SS210 t j =25 c 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 t j =25 c ss22-ss24 ss25-SS210 mdd electronic


▲Up To Search▲   

 
Price & Availability of SS210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X