Part Number Hot Search : 
C59RM71 IR2E19 106K0 THC2192 PL4V3Z BKRDE CLQ10206 P6SBMJ27
Product Description
Full Text Search
 

To Download SS210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ss22 thru SS210 2 amp schottky rectifier 20 to 100 volts features ? low forward voltage ? low forward voltage ? guard ring protection maximum ratings ? operating temperature: -55 c to +125 c ? storage temperature: -55 c to +150 c ? maximum thermal resistance: rthjl-15c/w; rthja- mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage ss22 ss22 20v 14v 20v ss23 ss23 30v 21v 30v ss24 ss24 40v 28v 40v ss25 ss25 50v 35v 50v ss26 ss26 60v 42v 60v ss28 ss28 80v 56v 80v SS210 SS210 100v 70v 100v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 2.0a t j = 100 c 0.5ma maximum dc reverse current at rated dc blocking voltage i r t j = 25 c typical junction capacitance ss22 ss23-SS210 c j 230pf 50pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 300 sec, duty cycle 2% maximum instantaneous forward voltage ss22-ss24 ss25-ss26 ss28-SS210 v f .55v .70v .85v i fm = 2.0a; t j = 25 c* peak forward surge current i fsm 50a 8.3ms, half sine do-214ac (sma) (high profile) h j e f g a b d c cathode band 0.070 0.090 0.085 suggested solder pad layout dimensions inches mm dim min max min max note a .078 .116 1.98 2.95 b .067 .089 1.70 2.25 c .002 .008 .05 .20 d --- .02 --- .51 e .035 .055 .89 1.40 f .065 .09 6 1.65 2. 45 g .205 .224 5.21 5.69 h .160 .180 4.06 4.57 j .100 .112 2.57 2.84  
 omp onents 20736 marilla street chatsworth       
     mcc revision: c 2011/11/01 tm micro commercial components www. mccsemi .com 1 of 4 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemptions applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 73 c/w not recommended for new designs use ss22-ltp~SS210-ltp series
ss22 figure 1 typical forward characteristics instantaneous forward current - amperes versus instantaneous forward voltage - volts 0 .2 .4 .6 .8 1.0 1.2 1.4 .1 .2 .4 .6 .8 1.0 2.0 4.0 6.0 8.0 10 20 40 60 80 100 volts amps figure 2 typical reverse characteristics 0 5 10 15 20 25 30 35 40 45 50 .001 .1 1 10 100 1000 125 c 75 c 25 c typical reverse current - ma versus reverse voltage - volts ma volts 25 c 125 c figure 3 t yp ical junction ca p acitance junction capacitance - pf versus reverse voltage - volts volts pf 0. 0.5 1.0 5.0 10 50 100 100 200 400 600 1000 2000 4000 6000 10000 figure 4 new sma assembly round lead process mcc revision: c 2011/11/01 tm micro commercial components www. mccsemi .com 2 of 4
ss23 thru SS210 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 0 .2 .4 .6 .8 1.0 1.2 1.4 .1 .2 .4 .6 .8 1.0 2.0 4.0 6.0 8.0 10 20 40 60 80 100 25 c volts amps figure 2 typical reverse characteristics 0 4 8 1216202428323640 .001 .01 .1 1 10 100 25 c typical reverse current - ma versus reverse voltage - volts ma volts 125 c figure 3 t yp ical junction ca p acitance junction capacitance - pf versus reverse voltage - volts volts pf 0. 0.5 1.0 5.0 10 50 100 10 20 40 60 100 200 400 600 1000 75 c 125 c ss23 ss24 figure 4 new sma assembly round lead process mcc revision: c 2011/11/01 tm micro commercial components www. mccsemi .com 3 of 4
mcc revision: c 2011/11/01 tm micro commercial components www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 3kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of SS210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X