Part Number Hot Search : 
1N6513 M29LV 10M8T MAX2232 MCH4020 HZK4C EN29LV EN29LV
Product Description
Full Text Search
 

To Download SMBJ85ACA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  october 2010 doc id 5616 rev 10 1/10 10 smbj transil? features peak pulse power: ? 600 w (10/1000 s) ? 4 kw (8/20 s) stand off voltage range: from 5 v to 188 v unidirectional and bidirectional types low leakage current: ? 0.2 a at 25 c ? 1 a at 85 c operating t jmax : 150 c high power capability at t jmax : ? 515 w (10/1000 s) jedec registered package outline complies with the following standards iec 61000-4-2 level 4: ? 15 kv (air discharge) ? 8 kv (contact discharge) iec 61000-4-5 mil std 883g, method 3015-7 class 3b: ? 25 kv hbm (human body model) resin meets ul 94, v0 mil-std-750, method 2026 soldererability eia std rs-481 and iec 60286-3 packing ipc 7531 footprint description the smbj transil series has been designed to protect sensitive equipment against electrostatic discharges according to iec 61000-4-2, and mil std 883, method 3015, and electrical over stress according to iec 61000-4-4 and 5. these devices are more generally used against surges below 600 w (10/1000 s). planar technology makes these devices suitable for high-end equipment and smps where low leakage current and high junction temperature are required to provide reli ability and stability over time. smbj are packaged in smb (smb footprint in accordance with ipc 7531 standard). tm : transil is a trademark of stmicroelectronics k a unidirectional bidirectional smb (jedec do-214aa) www.st.com
characteristics smbj 2/10 doc id 5616 rev 10 1 characteristics figure 1. electrical characteristics - definitions figure 2. pulse definition for electrical characteristics table 1. absolute maximum ratings (t amb = 25 c) symbol parameter value unit p pp peak pulse power dissipation (1) t j initial = t amb 600 w t stg storage temperature range -65 to +150 c t j operating junction temperature range -55 to +150 c t l maximum lead temperature for soldering during 10 s. 260 c 1. for a surge greater than the maximum val ues, the diode will fail in short-circuit. table 2. thermal resistances symbol parameter value unit r th(j-l) junction to leads 20 c/w r th(j-a) junction to ambient on recommended pad layout 100 c/w v cl v br v rm i rm i r i pp v i i rm i r i pp v rm v br v cl v cl v br v rm i rm i r i pp v i i rm i r i pp v rm v br v cl v cl v br v rm i rm i r i pp v i i f v f v cl v br v rm i rm i r i pp v i i f v f unidirectional bidirectional symbol parameter v stand-off voltage v breakdown voltage v clamping voltage i leakage current @ v i peak pulse current t voltage temperature coefficient v forward voltage drop r dynamic resistance rm br cl rm rm pp f d repetitive pulse current t r = rise time (s) t p = pulse duration time (s) t p t t r % ipp 100 50 0
smbj characteristics doc id 5616 rev 10 3/10 table 3. electrical characteristics - parameter values (t amb = 25 c) order code i rm max@v rm v br @i r (1) v cl @i pp 10/1000 s r d (2) 10/1000 s v cl @i pp 8/20 s r d (2) 8/20 s t (3) 25 c 85 c min typ max max max a v v ma v a (4) va (4) 10-4/ c smbj5.0a/ca 20 50 5.0 6.4 6.74 1 0 9.2 68 0.031 13.4 298 0.021 5.7 smbj6.0a/ca 20 50 6.0 6.7 7.05 10 10.3 61 0.048 13.7 290 0.022 5.9 smbj6.5a/ca 20 50 6.5 7.2 7.58 10 11.2 56 0.058 14.5 276 0.024 6.1 smbj8.5a/ca 20 50 8.5 9.4 9.9 1 14. 4 41.7 0.096 19.5 205 0.044 7.3 smbj10a/ca 0.2 1 10 11.1 11.7 1 17 37 0.127 21.7 184 0.051 7.8 smbj12a/ca 0.2 1 12 13.3 14 1 19.9 31 0.168 25.3 157 0.068 8.3 smbj13a/ca 0.2 1 13 14.4 15.2 1 21. 5 29 0.191 27.2 147 0.076 8.4 smbj15a/ca 0.2 1 15 16.7 17.6 1 24. 4 25.1 0.236 32.5 123 0.114 8.8 smbj16a/ca 0.2 1 16 17.8 18.7 1 26 23.1 0.276 34.4 116 0.127 8.8 smbj18a/ca 0.2 1 18 20.0 21.1 1 29. 2 21.5 0.328 39.3 102 0.168 9.2 smbj20a/ca 0.2 1 20 22.2 23.4 1 32. 4 19.4 0.404 42.8 93 0.196 9.4 smbj22a/ca 0.2 1 22 24.4 25.7 1 35. 5 17.7 0.481 48.3 83 0.257 9.6 smbj24a/ca 0.2 1 24 26.7 28.1 1 38.9 16 0.587 50 80 0.256 9.6 smbj26a/ca 0.2 1 26 28.9 30.4 1 42. 1 14.9 0.683 53.5 75 0.288 9.7 smbj28a/ca 0.2 1 28 31.1 32.7 1 45.4 13.8 0.802 59 68 0.363 9.8 smbj30a/ca 0.2 1 30 33.3 35.1 1 48.4 13 0.888 64.3 62 0.443 9.9 smbj33a/ca 0.2 1 33 36.7 38.6 1 53.3 11.8 1.08 69.7 57 0.512 10.0 smbj36a/ca 0.2 1 36 40.0 42.1 1 58.1 10.3 1.35 76 52 0.611 10.0 smbj40a/ca 0.2 1 40 44.4 46.7 1 64.5 9.7 1.59 84 48 0.728 10.1 smbj48a/ca 0.2 1 48 53.3 56.1 1 77.4 8.1 2.28 100 40 1.03 10.3 smbj58a/ca 0.2 1 58 64.4 67.8 1 93.6 6.7 3.34 121 33 1.51 10.4 smbj70a/ca 0.2 1 70 77.8 81.9 1 113 5.5 4.91 146 27 2.22 10.5 smbj85a/ca 0.2 1 85 94 99 1 137 4.6 7.18 178 22.5 3.29 10.6 smbj100a/ca 0.2 1 100 111 117 1 162 3.8 10.3 212 19 4.69 10.7 smbj130a/ca 0.2 1 130 144 152 1 209 3 16.5 265 15 7.03 10.8 smbj154a/ca 0.2 1 154 171 180 1 246 2.4 23.8 317 12.6 10.2 10.8 smbj170a/ca 0.2 1 170 189 199 1 275 2.2 30.0 353 11.3 12.7 10.8 smbj188a/ca 0.2 1 188 209 220 1 328 2 48.5 388 10.3 15.2 10.8 1. pulse test : t p < 50 ms 2. to calculate maximum clamping voltage at othe r surge level,use the following formula: v clmax = v cl - r d x (i pp - i ppappli ) where i ppappli is the surge current in the application 3. to calculate v br or v cl versus junction temperature, use the following formulas: v br @ t j = v br @ 25c x (1 + t x (t j ? 25)) v cl @ t j = v cl @ 25c x (1 + t x (t j ? 25)) 4. surge capability given for both directions for unidirectional and bidirectional types.
characteristics smbj 4/10 doc id 5616 rev 10 figure 5. clamping voltage versus peak pulse current (exponential waveform, maximum values) figure 3. peak pulse power dissipation versus initial junction temperature figure 4. peak pulse power versus exponential pulse duration (t j initial = 25 c) 0 100 200 300 400 500 600 700 0 25 50 75 100 125 150 175 p pp (w) t j (c) 0.1 1.0 10.0 100.0 1. 0 e- 03 1. 0 e- 0 21. 0 e- 0 11. 0 e+ 00 1. 0 e+ 0 1 p pp (kw) t j initial = 25 c t p (ms) i pp (a) 0.1 1.0 10.0 100.0 1000.0 1 10 100 1000 10/1000 s t j initial=25 c 8/20 s 10 ms smbj5.0a smbj188a smbj12a smbj24a smbj40a smbj85a smbj5.0a smbj188a smbj12a smbj24a smbj40a smbj85a v cl (v)
smbj characteristics doc id 5616 rev 10 5/10 figure 6. junction capacitance versus reverse applied voltage for unidirectional types (typical values) figure 7. junction capacitance versus reverse applied voltage for bidirectional types (typical values) 10 100 1000 10000 1 10 100 1000 c(pf) f=1 mhz v osc =30 mv rms t j =25 c smbj5.0a smbj12a smbj24a smbj40a smbj85a smbj188a v r (v) 10 100 1000 10000 1 10 100 1000 c(pf) f=1 mhz v osc =30 mv rms t j =25 c smbj5.0ca smbj12ca smbj24ca smbj40ca smbj85ca smbj188ca v r (v) figure 8. peak forward voltage drop versus peak forward current (typical values) figure 9. relative variation of thermal impedance, junction to ambient, versus pulse duration figure 10. thermal resistance, junction to ambient, versus copper surface under each lead figure 11. leakage current versus junction temperature (typical values) i fm (a) 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t j =25 c t j =125 c v fm (v) 0.01 0.10 1.00 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 1.0e+03 z th(j-a) /r th(j-a) t p (s) recommended pad layout pcb fr4, copper thickness = 35 m 0 10 20 30 40 50 60 70 80 90 100 110 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 r (c/w) th(j-a) s cu (cm2) pcb fr4, copper thickness = 35 m 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 25 50 75 100 125 150 v r =v rm v rm 10 v v r =v rm v rm <10v t j (c) i r (na)
ordering information scheme smbj 6/10 doc id 5616 rev 10 2 ordering information scheme figure 12. ordering information scheme sm b j 85 ca - tr surface mount peak pulse power b = 600 w transil in smb stand off voltage 85 = 85 v type a = unidirectional ca = bidirectional delivery mode tr = tape and reel
smbj package information doc id 5616 rev 10 7/10 3 package information case: jedec do-214aa molded plastic over planar junction terminals: solder plated - solderable per mil-std-750, method 2026 polarity: for unidirectional types the band indicates cathode flammability: epoxy is rated ul94v-0 rohs package in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. table 4. smb dimensions ref. dimensions millimeters inches min. max. min. max. a1 1.90 2.45 0.075 0.096 a2 0.05 0.20 0.002 0.008 b 1.95 2.20 0.077 0.087 c 0.15 0.40 0.006 0.016 d 3.30 3.95 0.130 0.156 e 5.10 5.60 0.201 0.220 e1 4.05 4.60 0.159 0.181 l 0.75 1.50 0.030 0.059 figure 13. footprint dimensions in mm (inches) figure 14. marking layout (1) 1. marking layout can vary according to assembly location. e c l e1 d a1 a2 b 2.60 5.84 1.62 2.18 1.62 (0.064) (0.102) (0.23) (0.064) (0.086) y w w e z x x x e: ecopack compliance xxx: marking z: manufacturing location y: year ww: week cathode bar ( unidirectional devices only )
package information smbj 8/10 doc id 5616 rev 10 table 5. marking order code marking order code marking smbj5.0a-tr buz smbj5.0ca-tr bbz smbj6.0a-tr bua smbj6.0ca-tr bba smbj6.5a-tr bub smbj6.5ca-tr bbb smbj8.5a-tr buc smbj8.5ca-tr bbc smbj10a-tr bud smbj10ca-tr bbd smbj12a-tr bue smbj12ca-tr bbe smbj13a-tr buf smbj13ca-tr bbf smbj15a-tr bug smbj15ca-tr bbg smbj16a-tr cug smbj16ca-tr cbg smbj18a-tr buh smbj18ca-tr bbh smbj20a-tr bui smbj20ca-tr bbi smbj22a-tr bva smbj22ca-tr cbh smbj24a-tr buj smbj24ca-tr bbj smbj26a-tr buk smbj26ca-tr bbk smbj28a-tr bul smbj28ca-tr bbl smbj30a-tr bum smbj30ca-tr bbm smbj33a-tr bun smbj33ca-tr bbn smbj36a-tr cun smbj36ca-tr cbn smbj40a-tr cuj smbj40ca-tr cbj smbj43a-tr cuw smbj43ca-tr cbw smbj48a-tr buw smbj48ca-tr bbw smbj58a-tr buo smbj58ca-tr bbo smbj70a-tr cum smbj70ca-tr cbm smbj85a-tr buq smbj85ca-tr bbq smbj100a-tr cuq smbj100ca-tr cbq smbj130a-tr bus smbj130ca-tr bbs smbj154a-tr but smbj154ca-tr bbt smbj170a-tr buu smbj170ca-tr bbu smbj188a-tr buv smbj188ca-tr bbv
smbj ordering information doc id 5616 rev 10 9/10 4 ordering information 5 revision history table 6. order codes order code marking package weight base qty delivery mode smbjxxxa/ca-tr (1) 1. where xxx is nominal value of v br and a or ca indicates unidirectional or bidirectional version. see table 3 for list of available devices and their order codes see table 5 on page 8 smb 0.11 g 2500 tape and reel table 7. document revision history date revision changes oct-2001 4 previous issue 10-feb-2005 5 reformatted to current template. added directional (uni and bi) indications to graphics. added ecopack statement. 16-nov-2006 6 add part numbers smbj36a-tr and smbj36ca-tr in ta b l e 3 . 14-may-2009 7 reformatted to current standards. updated ecopack statement. added part number smbj43ca/a 17-sep-2009 8 document updated for low leakage current. 09-jul-2010 9 changed timescale in figure 9. 20-oct-2010 10 updated figure 13.
smbj 10/10 doc id 5616 rev 10 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2010 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of SMBJ85ACA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X