Part Number Hot Search : 
TSM231 2SB1535P DT70N6T ON2778 C847A 600TTS SMCJ10A V285ME10
Product Description
Full Text Search
 

To Download S-2-NIL-5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  219 s-relays 4 amp polarized high density relay with high sensitivity mm inch 28.0 1.102 12.0 .472 10.4 .409 features ?a variety of contact arrangements 2 form a 2 form b, 3 form a 1 form b, 4 form a ?latching types available ?high sensitivity in small size 100 mw pick-up and 200 mw nominal operat- ing power ?high shock and vibration resistance shock: 50 g vibration: 10 to 55 hz at double amplitude of 3 mm ?wide switching range from 100 a 100 mv dc to 4 a 250 v ac ?low thermal electromotive force ap- prox. 3 v ?dual-in-line packaging arrangement specifications contacts coil (polarized) (at 20 c 68 f ) characteristics (at 25 c 77 f 50% relative humidity) arrangement 2 form a 2 form b, 3 form a 1 form b, 4 form a initial contact resistance, max. (by voltage drop 6 v dc 1 a) 50 m ? initial contact pressure approx. 12 g .42 oz initial contact bounce, max. 1 ms contact material gold clad silver alloy electrostatic capacitance approx. 3pf thermal electromotive force (at nominal coil voltage) approx. 3 v rating (resistive) nominal switching capacity 4 a 250 v ac, 3 a 30 v dc maximum switching power 1,000 va, 90 w maximum switching voltage 250 v ac, 30 v dc (48 vdc at less than 0.5 a) max. switching current 4 a (ac), 3 a (dc) min. switching capacity** 1 100 a 100 m v dc expected life (min. operations) mechanical (at 50 cps) 10 8 electrical (at 20 cpm) 4 a 250 v ac 10 5 3 a 30 v dc 2 10 5 single side stable minimum operating power approx. 100 mw nominal operating power approx. 200 mw latching minimum set and reset approx. 100 mw nominal set and reset approx. 200 mw max. operating speed 20 cpm for maximum load, 50 cps for low-level load (1 ma 1 v dc) initial insulation resistance* 1 10,000 m ? at 500 v dc initial breakdown voltage* 2 between open contacts 750 vrms between contact sets 1,000 vrms between contacts and coil 1,500 vrms operate time* 3 (at nominal voltage)(at 20 c) max. 15 ms (approx. 8 ms) release time (without diode)* 3 (at nominal voltage)(at 20 c) max. 10 ms (approx. 5 ms) set time* 3 (latching) (at nominal voltage)(at 20 c) max. 15 ms (approx. 8 ms) reset time* 3 (latching) (at nominal voltage)(at 20 c) max. 15 ms (approx. 8 ms) initial contact bounce, max. 1 ms temperature rise (at nominal voltage)(at 20 c) max. 35 c with nominal coil voltage and at maximum switching current shock resistance functional* 4 min. 490 m/s 2 {50 g} destructive* 5 min. 980 m/s 2 {100 g} vibration resistance functional* 6 176.4 m/s 2 {18 g}, 10 to 55 hz at double amplitude of 3 mm destructive 235.2 m/s 2 {24 g}, 10 to 55 hz at double amplitude of 4 mm conditions for operation, transport and storage* 7 (not freezing and condens- ing at low temperature) ambient temp. ?0 c to +65 c ?0 f to +149 f humidity 5 to 85% r.h. unit weight approx. 8 g .28 oz notes: ** 1 this value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. remarks * speci?ations will vary with foreign standards certi?ation ratings. * 1 measurement at same location as "initial breakdown voltage "section * 2 detection current: 10ma * 3 excluding contact bounce time * 4 half-wave pulse of sine wave: 11ms; detection time: 10 s * 5 half-wave pulse of sine wave: 6ms * 6 detection time: 10 s * 7 refer to 5. conditions for operation, transport and storage mentioned in ambient environment (page 61). typical applications telecommunications equipment, data processing equipment, facsimiles, alarm equipment, measuring equipment.
s 220 1 product name contact arrangement operating function coil voltage, v dc s 2: 2 form a 2 form b 3: 3 form a 1 form b 4: 4 form a nil: single side stable l: 1 coil latching l2: 2 coil latching 3, 5, 6,12, 24, 48 s 2 l2 48 ex. notes: 1) standard packing; carton 50 pcs. case 500 pcs. 2) ul/csa approved type is standard. v types and coil data at 20? 68? single side stable 1 coil latching 2 coil latching note: insert 2, 3 or 4 in ? for contact form required. type nominal voltage, v dc pick-up voltage, v dc (max.) drop-out voltage, v dc (min.) nominal operating current, ma coil resistance, ? ( 10%) inductance, mh nominal operating power, mw maximum allowable voltage, v dc (40 c) s ? -3v 3 2.1 0.3 66.7 45 23 200 5.5 s ? -5v 5 3.5 0.5 38.5 130 65 192 9.0 s ? -6v 6 4.2 0.6 33.3 180 93 200 11.0 s ? -12v 12 8.4 1.2 16.7 720 370 200 22.0 s ? -24v 24 16.8 2.4 8.4 2,850 1,427 202 44.0 s ? -48v 48 33.6 4.8 5.6 8,500 3,410 271 75.0 type nominal voltage, v dc pick-up voltage, v dc (max.) drop-out voltage v dc (min.) nominal oper- ating current, ma coil resis- tance, ? ( 10%) inductance, mh nominal operating power, mw maximum allowable voltage, v dc (40 c) s ? -l1-3v 3 2.1 0.3 33 90 0.04 99 8.4 s ? -l1-5v 5 3.5 0.5 16 300 0.14 80 15.3 s ? -l1-6v 6 4.2 0.6 16 360 0.14 96 16.8 s ? -l1-12v 12 8.4 1.2 8 1450 0.6 96 33.7 s ? -l1-24v 24 16.8 2.4 4 5700 2.05 96 66.7 s ? -l1-48v 48 33.6 4.8 3 16,000 8.9 144 111 type nominal voltage, v dc set and reset voltage, v dc (max.) nominal operating current, ma coil resistance, ? ( 10%) inductance, mh nominal operating power, mw maximum allowable voltage, v dc (40 c) coil i coil ii coil i coil ii s ? -l2-3v 3 2.1 66.7 45 45 10 10 200 5.5 s ? -l2-5v 5 3.5 38.5 130 130 31 31 192 9.0 s ? -l2-6v 6 4.2 33.7 180 180 40 40 200 11.0 s ? -l2-12v 12 8.4 16.7 720 720 170 170 200 22.0 s ? -l2-24v 24 16.8 8.4 2,850 2,850 680 680 202 44.0 s ? -l2-48v 48 33.6 7.4 6,500 6,500 1,250 1,250 355 65.0 ordering information dimensions general tolerance: 0.3 .012 pc board pattern (copper-side view) tolerance: 0.1 .003 10 0.5 .394 0.02 12 .472 7.62 .300 123456 12 11 10 9 8 7 3 .118 1 .039 4 .157 0.4 .016 1.4 .055 1.0 .039 5.08 .200 0.5 .020 0.5 .020 7.62 .300 28 0.5 1.102 0.02 12 .472 2.54 .100 2.54 .100 12-1.3 dia. .047-.051 dia.
s 221 s chematic (bottom view) single side stable deenergized position 2a2b 3a1b 4a 123456 12 11 10 9 8 7 - + 123456 12 11 10 9 8 7 - + 123456 12 11 10 9 8 7 - + 2 coil latching iagram shows the "reset" osition when terminals 6 nd 7 are energized. nergize terminals 1 and 2 to transfer contacts. 2a2b 3a1b 4a 123456 12 11 10 9 8 7 set reset - + - + - set reset + 123456 12 11 10 9 8 7 - + - set reset + 123456 12 11 10 9 8 7 - + 4.-(1) coil temperature rise tested sample: s4-24v, 4 form a 4.-(2) coil temperature rise tested sample: s4-24v, 4 form a 5.-(1) operate and release time (single side stable type) tested sample: s4-24v, 10pcs 4a 0a 100 0.2 0.4 0.6 0.8 1.0 1.2 90 80 70 60 50 40 30 20 10 0 coil operating power, w temperature rise, c 100 123456 90 80 70 60 50 40 30 20 10 0 coil operating power, 0.2 w contact current, a temperature rise, c min. max. min. max. min. max. 80 100 120 140 20 18 16 14 12 10 8 6 4 2 0 coil applied voltage, %v operate/release time, ms release time (with diode) operate time release time reference data 1. maximum switching power 2. life curve 3. contact reliability condition: 1v dc, 1ma detection level 10 ? tasted sample: s4-24v, 10pcs 100 1,000 10 0.1 1 10 contact current, a contact voltage, v dc resistive load ac resistive load 1,000 500 100 50 30 10 012345 contact current, a life, 10 4 125 v ac (cos ? = 1.0) 250 v ac (cos ? = 1.0) 99.9 99.0 95.0 0.1 1.0 10.0 0.2 0.5 1.0 2.0 5.0 10.0 30.0 50.0 70.0 no. of operations, 10 7 m = 1.6 : 79 million time : 51 million time 95% reliability limit: 14.6 million times (weibul probability paper)
s 222 5.-(2) operate time (2 coil latching type) tested sample: s2-l2-12v min. min. max. max. 20 80 100 120 140 18 16 14 12 10 8 6 4 2 coil applied voltage, %v operate/release time, ms (with diode) (without diode) 6. in uence of adjacent mounting 510 30 0 +30 510 30 0 +30 (1) (2) (3) (1) & (3) relays are energized rate of change, % rate of change, % single side stable 2 coil latching drop-out voltage pick-up voltage pick-up voltage inter-relay distance, mm inter-relay distance, mm 7. thermal electromotive force 200 2 4 6 8 10 12 100 minute nr-h nf relay s relay thermal electromotive force, v 8. effect from an external magnetic eld 0 0 50 100 30 +30 50 100 30 +30 rate of change, % rate of change, % g g pick-up voltage pick-up voltage drop-out voltage single side stable 2 coil latching 50 100 30 30 0 +30 50 100 0 +30 rate of change, % rate of change, % g g pick-up voltage pick-up voltage drop-out voltage single side stable 2 coil latching speci?ations (note: don't insert or remove relays while in the energized condition.) breakdown voltage 1,500 vrms between terminals insulation resistance more than 100 m ? between terminals at 500 v dc mega heat resistance 150 3 c ( 302 5.4 f ) for 1 hour. maximum continuous current 4 a dimensions pc board pattern (copper-side view) 12.4 0.6 .488 .024 18.3 0.6 .720 .024 15.5 0.6 .610 .024 3.4 0.3 .134 .012 0.4 0.1 .016 .004 1.2 0.3 .047 .012 4.85 0.3 .191 .012 5.08 0.3 .200 .012 32.4 0.6 1.276 .024 1.5 0.3 .059 .012 1.5 0.3 .059 .012 7.62 0.3 .300 .012 terminal width: 1.3 .051 terminal thickness: 1.2 .047 7.6 .299 5.08 .200 5.08 .200 5.08 .200 5.08 .200 5.08 .200 12-1.6 dia. hole 12-.063 dia. hole accessories s relay socket, s-ps
s 223 notes 1. special use of 2 coil latching types: 2 ways can be considered if 2 coil latching types are used as 1 coil latching types. (a) reverse polarity is applied to the set coil of 2 coil latching type. (b) by shorting terminals 12 and 7, apply plus to 1, minus to 6 at set and plus to 6, minus to 1 at reset. applied coil voltage should be the same as the nominal. ope- rating power will be reduced to one-half. reset position of 2a2b type 2. soldering operations should be accom- plished as quick as possible; within 10 seconds at 250 c 482 f solder tempera- ture or 3 seconds at 350 c 662 f . the header portion being sealed with epoxy resin, undue subjection to heat may cause loss of seal. solder should not be permitted to remain on the header. 123456 12 11 10 9 8 7 - + cautions for use based on regulations regarding insulation distance, there is a re- striction on same-channel load connections between terminals no. 2, 3 and 4, 5, as well as between no. 8, 9 and 10, 11. see the gure below for an example. 4 2 5 3 10 9 4 8 11 5 23 9 8 11 between 2, 3 and 4, 5: between 10, 11 and 8, 9: same channels, therefore possible same channels, therefore possible between 2, 3 and 4, 5: between 10, 11 and 8, 9: different channels, therefore not possible different channels, therefore not possible 10 no good good for cautions for use, see relay technical information (page 48 to 76). removing method: (1) remove the relay straight from the socket holding the shaded portion of the relay as shown in fig. 2. fig. 2 (2) when sockets are mounted in close proximity, use a slotted screw driver as shown in fig. 3. fig. 3 inserting and removing method inserting method: insert the relay as shown in fig. 1 unit the rib of the relay snaps into the clip of the socket. rib fig. 1


▲Up To Search▲   

 
Price & Availability of S-2-NIL-5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X