Part Number Hot Search : 
AD7912 1205S D1104 LTC3026 H373MT TFS110D B1015 SMCJ6
Product Description
Full Text Search
 

To Download MPTC-02-80-01-630-01-L-V-LC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,00mm) .0787" mptc, mpsc series mptc?01?80?01?6.30?01?l?v?lc mpsc?01?80?01?7.70?01?l?v www.samtec.com (2,54) .100 (0,50) .020 sq (0,41) .016 (2,00) .0787 (1,88) .074 (2,72) .107 (10,16) .400 a 01 (4,44) .175 (2,00) .0787 (2,00) .0787 (12,45) .490 04 01 (11,38) .448 (2,72) .107 (2,54) .100 a (1,88) .074 (0,41) .016 (0,50) .020 sq (6,27) .247 (2,00) .0787 f-211-1 pwr pins pwr pins sig pins sig pins pwr pins pwr pins ?01, ?02 = power pins per end 01 v 01 v specifications for complete speci cations see www.samtec.com?mptc or www.samtec.com?mpsc insulator material: black lcp terminal material: copper alloy plating: sn or au over 50? (1,27?) ni current rating: testing now! operating temp range: -55? to +105? voltage rating: 300 vac/424 vdc rohs compliant: ye s lead?free solderable: ye s mptc mpsc plating option plating option lead style other option other option ?lc = locking clip (manual placement required) ?lc = locking clip (manual placement required) ?l = 10" (0,25m) gold on contact, matte tin on tail (power & signal) ?t = matte tin on contacts and tail (power), gold on contact, matte tin on tail (signal) ?l = 10" (0,25m) gold on contact, matte tin on tail (power & signal) ?t = matte tin on contacts and tail (power), gold on contact, matte tin on tail (signal) mated height 14mm mpsc mptc ?7.70 = (7,70mm) .303" ? 6.30 = (6,30mm) 0.248" ?16 = signal pins ?24 = signal pins ?80 = signal pins ?16 = signal pins ?24 = signal pins ?80 = signal pins note: some siz es, styles and options are non-standard, non-returnable. ?01, ?02 = power pins per end ?01, ?02 = power pins per end ?01, ?02 = power pins per end also available ?right angle. see mptc-ra series. mptc mates with: mpsc , mpcc mpsc mates with: mptc lead style application specific option ?asymmetric power pin placement. ? 4, 8, 36 and 48 total signal pins ? solder leads for (2,36mm) .093" thick board. call samtec. 25a signal power combo system strip 25 tm ?locking clip option power pins/end a 16 signal pins 24 signal pins 80 signal pins ?01 (27,44) 1.081 (31,45) 1.238 (59,44) 2.340 ?02 (37,44) 1.474 (41,45) 1.632 (69,44) 2.734 power pins/end a 16 signal pins 24 signal pins 80 signal pins ?01 (27,44) 1.081 (31,45) 1.238 (59,44) 2.340 ?02 (37,44) 1.474 (41,45) 1.632 (69,44) 2.734


▲Up To Search▲   

 
Price & Availability of MPTC-02-80-01-630-01-L-V-LC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X