Part Number Hot Search : 
TS0507 248YF MIW2146 BAS16HT1 TLGE263P 248YF FR9210N AD202J
Product Description
Full Text Search
 

To Download MA15KP75A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http: //www.micros emi.com rf01011 rev b , august 2010 hi gh rel iability product group page 1 of 4 devices m15kp22a thru m15kp280ca, e3 levels m, ma, mx, mxl features ? high reliability controlled devices with wafer fabrication and assembly lot traceability ? 100 % surge tested devices ? s uppresses transients up to 15 kw @ 10/1000 s and 100 kw @ 8/20 s (see figure 1) ? optional upscreening available by replacing m prefix with ma, mx or mxl prefixes. these prefixes specify various screening and conformance inspection op tions based on mil - prf - 19500. refer to micron ote 129 for more d etails on the screening options ? moisture classification is level 1 with no dry pack required per ipc/jedec j - std - 020b ? rohs compliant devices available by adding e3 suffix ? 3 lot norm screening performed on standby current i d applications / benefits ? protection from switching transients and induced rf ? fast response ? protection from esd, and eft per iec 61000 - 4 - 2 and iec 61000 - 4 - 4 ? secondary lightning protection per iec 61000 - 4 - 5 with 42 ohms source impedance: o class 1,2,3,4: m15kp22a to m15kp280ca o class 5: m15kp22a to m15kp280ca (short distance) o class 5: m15kp22a to m 1 5kp110ca (long distance) ? secondary lightning protecti on per iec 61000 - 4 - 5 with 12 ohms source impedance: o class 1 & 2: m15kp22a to m15kp280ca o class 3: m15kp22a to m15kp240ca o class 4: m15kp22a to m15kp120ca ? secondary lightning protection per iec 61000 - 4 - 5 with 2 ohms source impedance: o class 2: m15kp22a to m15kp220ca o class 3: m15kp22a to m15kp110ca o class 4: m15kp22a to m15kp54ca maximum ratings ? peak pulse power dissipation at 25 oc : 15,000 watts at 10/1000 s (also see figures 1 and 2) with impulse repetition rate (duty factor) of 0.05 % or less ? t clamping (0 v to v br min.): < 100 ps theoretical for unidirection al and < 5 ns for bidirectional ? operating and storage temperature: - 65 oc to +150 oc ? thermal resistance: 20 oc/w junction to lead, or 80oc/w junction to ambient when mounted on fr4 pc board with 4 mm 2 copper pads (1oz) and track width 1 mm, length 25 mm ? steady - state power dissipation: 6 watts at t l = 30 o c, or 1.56 watts at t a = 2 5oc when mounted on fr4 pc board d escribed for thermal resistan ce ? forward surge: 200 amps 8.3 ms half - sine wave for unidirectional devices only ? solder temperatures: 260 oc for 10 s (maximum ) 1 5 , 000w transient voltage suppressor - high reliability controlled devices - unidirectional (a) and bidirectional (ca) construction - plastic encapsulated tvs series for thru hole mounting - selections for 22.0 to 280 v standoff voltages (v wm ) case 5a (do - 204ar)
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http: //www.micros emi.com _____________________________________________________________________________________________________________________________ ______ rf01011 r ev b , august 2010 hi gh rel iability product group page 2 of 4 mechanical and packaging ? void - free transfer molded thermoset ting epoxy body meeting ul94v - 0 requirements ? tin - lead (90 % sn, 10 % pb) or rohs (100% sn) compliant annealed matte - tin plating readily solderab le per mil - std - 750, method 2026 ? body marked with part number ? band denotes ca thode. bidirectional not marked . ? available in b ulk or custom tape - and - reel packaging ? tape - and - reel s tandard per eia - 296 for axial package (add tr suffix to part number) ? w eight: 1.4 gram s (approximate) package dimensions case 5a dimensions in inches symbols & definitions symbol definition symbol definition v wm working peak (standoff) voltage i pp peak pulse current p pp peak pulse power v c clamping voltage v br breakdown voltage i br breakdown current for v br i d standby current
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http: //www.micros emi.com _____________________________________________________________________________________________________________________________ ______ rf01011 r ev b , august 2010 hi gh rel iability product group page 3 of 4 electrical characteristics @ 25 o c microsemi part number (note 2) reverse stand - off voltage v wm (note 1) v minimum breakdown voltage v br @ i br v ma maximum clamping voltage v c @ i pp v maximum standby current i d @ v wm ? a maximum peak pulse current i pp (fig. 2) a maximum voltage temperature variation v(br ) mv/ oc m15kp22a 22 24.4 10 37.1 500 404 24 m15kp24a m15kp26a 24 26 26.7 28.9 5 5 40.7 44.0 150 50 369 341 27 29 m15kp28a m15kp30a 28 30 31.1 33.3 5 5 47.5 50.7 25 15 316 296 31 34 m15kp33a m15kp36a 33 36 36.7 40.0 5 5 54.8 59.7 10 10 274 251 38 41 m15kp40a m15kp43a 40 43 44.4 47.8 5 5 65.8 69.7 10 10 228 215 46 50 m15kp45a m15kp48a 45 48 50.0 53.3 5 5 73.0 77.7 10 10 205 193 52 56 m15kp51a m15kp54a 51 54 56.7 60.0 5 5 82.8 87.5 10 10 181 171 60 63 m15kp58a m15kp60a 58 60 64.4 66.7 5 5 94.0 97.3 10 10 160 154 68 71 m15kp64a m15kp70a 64 70 71.1 77.8 5 5 104 114 10 10 144 132 76 83 m15kp75a m15kp78a 75 78 83.3 86.7 5 5 122 126 10 10 123 119 89 93 m15kp85a m15kp90a 85 90 94.4 100 5 5 137 146 10 10 109 103 102 109 m15kp100a m15kp110a 100 110 111 122 5 5 162 178 10 10 93 84 121 133 m15kp120a m15kp130a 120 130 133 144 5 5 193 209 10 10 78 72 145 157 m15kp150a m15kp160a 150 160 167 178 5 5 243 259 10 10 62 58 183 195 m15kp170a m15kp180a 170 180 189 200 5 5 275 291 10 10 55 52 207 219 m15kp200a m15kp220a 200 220 222 245 5 5 322 356 10 10 47 42 243 269 m15kp240a m15kp260a 240 260 267 289 5 5 388 419 10 10 39 36 293 317 m15kp280a 280 311 5 452 10 33 342 note 1: transient voltage suppressors are normally selected with reverse standoff voltage v wm which should be equal to or greater than the dc or continuous peak operating voltage level. note 2: for bidirectional construction, indicate a ca suffix after the part number. ** consult factory for availability of the 17 and 18 volt devices on a special order basis. s
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http: //www.micros emi.com _____________________________________________________________________________________________________________________________ ______ rf01011 r ev b , august 2010 hi gh rel iability product group page 4 of 4 graphs p pp peak pulse power - kw c C p pp ) or continuous power in percent of 25 o c rating tp C C figure 1 peak pulse power vs. pulse time to 50% of figure 2 exponentially decaying pulse test waveform parameters: tr=10 ? ? figure 2 figure 2 : pulse waveform pulse waveforpulse waveform t l lead temperature o c figure 4 derating v (br) - breakdown voltage - volts figure 3 typical capacitance vs. breakdown voltage note: for bidirectional construction, indicate a c or ca suffix after part number. capacitance will be one - half that shown in figure 3.


▲Up To Search▲   

 
Price & Availability of MA15KP75A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X