Part Number Hot Search : 
I506ERW 2CL71 100LVE MCT5210 DL4728 70430 NJU66 GP402
Product Description
Full Text Search
 

To Download M665-01-BD-BD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m665 datasheet rev 0.2 revised 17nov2004 integrated circuit systems, inc. networking & communications www.icst.com tel (508) 852-5400 m665 d ual saw, s electable f requency vcso integrated circuit systems, inc. preliminary information g eneral d escription the m665 is a dual saw, selectable frequency vcso frequency source for low-jitter clock generation. an integrated saw (surface acoustic wave) delay line implements the high-q vco (voltage controlled oscillator) function, which results in low output phase noise and very low jitter. th e m665-01 is available in a range of center frequencies from 125 to 175 mhz. the m665-02 provides 500 to 700 mhz. guaranteed minimum pull-range of 120 ppm meets gbe requirements. (it als o fully satisfies 50 ppm minimum pull-range specification comm only required.) industry- standard kvco (vco gain) provides full replacement compatibility. the m665 is we ll suited for phase-locked loop implementations, clock and data recovery circuits, and other timing applications in telecom and optical fiber networking systems (e.g., oc-48). f eatures two integrated saw devices and selectable output frequency; supports multi-rate optical interfaces m665-01 output frequencies from 125 to 175 mhz m665-02 output frequencies from 500 to 700 mhz (specify center frequencies at time of order) industry-standard kvco for full compatibility low phase jitter 0.2ps rms typical for the m665-02 (50khz to 80mhz) differential 3.3v lvpecl output single 3.3v power supply small 9 x 14mm smt (surface mount) package p in a ssignment (9 x 14mm smt) figure 1: pin assignment b lock d iagram figure 2: block diagram sample of available output frequencies vcso center frequencies 1 (mhz) note 1: specify vcso center frequencies at time of order applications 155.5200, 167.3316 sonet/sdh, sonet/sdh fec 156.2500, 161.1328 gigabit ethernet, gbe fec 622.0800, 669.3266 sonet/sdh, sonet/sdh fec 625.0000, 644.5313 gigabit ethernet, gbe fec table 1: sample of available output frequencies m660 (top view) vcc fout nfout gnd f_sel vin 123 4 5 6 m665 f_sel vin fout nfout saw delay line phase shifter saw delay line phase shifter m660 vcso vcso m665 m665 dual saw, selectable frequency vcso
m665 datasheet rev 0.2 2 of 6 revised 17nov2004 integrated circuit systems, inc. networking & communications www.icst.com tel (508) 852-5400 integrated circuit systems, inc. m665 d ual saw, s electable f requency vcso preliminary information p in d escriptions number name i/o configuration description 1vin input frequency control input. 2 f_sel input internal pull-down resistor 1 frequency select: logic 1 selects frequency 2 . logic 0 selects frequency 1 . 3gnd ground power supply ground connection. 4 5 fout nfout output no internal terminator clock output pair. differential lvpecl. 6vcc power power supply connection, connect to + 3.3 v. table 2: pin descriptions note 1: see ?frequency select? in table 5 (dc characteristics fo r m665-01 on pg. 3) and table 7 (dc characteristics for m665-02 on pg. 4). a bsolute m aximum r atings 1 note 1: stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these ratings are stress s pecifications only. func tional operation of produc t at these conditions or any conditions beyond those listed in recommended conditions of oper ation, dc characteristics, or ac characteristics is not implied. exposure to abs olute maximum rating condit ions for extended periods may affect product reliability . symbol parameter rating unit v i inputs - 0.5 to v cc + 0.5 v v o outputs - 0.5 to v cc + 0.5 v v cc power supply voltage 4.6 v t s storage temperature - 55 to + 125 o c table 3: absolute maximum ratings r ecommended c onditions of o peration symbol parameter min typ max unit v cc positive supply voltage 2.97 3.3 3.63 v t a ambient operating temperature - 40 25 + 85 o c table 4: recommended c onditions of operation
m665 datasheet rev 0.2 3 of 6 revised 17nov2004 integrated circuit systems, inc. networking & communications www.icst.com tel (508) 852-5400 m665 d ual saw, s electable f requency vcso preliminary information integrated circuit systems, inc. e lectrical s pecifications for m665-01 dc characteristics for m665-01 unless stated otherwise, v cc = 3.3 volts + 10%, t a = 0 to 85 o c, vcso freq.?s = 155.52, 167.3316mhz, outputs terminated into 180 ? to ground symbol parameter pin min typ max unit power supply v cc positive supply voltage vcc 2.97 3.3 3.63 v i cc power supply current 90 125 ma control voltage v in input control voltage range vin 0 3.3 v v in input impedence 100 k ? frequency select 1 note 1: internally pulled down to logic 0 (frequency 1) if left unselected. v ih input high voltage f_sel 2 v cc + 0.3 v v il input low voltage - 0.3 0.8 v i ih input high current 5 a i il input low current -1 50 a r pulldown internal pull-down resistor 51 k ? differential outputs v oh output high voltage fout, nfout v cc - 0.98 v cc - 0.75 v v ol output low voltage v cc - 1.95 v cc - 1.63 v v p - p peak to peak output voltage 2 note 2: single-ended measurement. see figure 3, output rise and fall time, on pg. 5. 0.450 0.625 0.85 v p - p i out output current 20 ma table 5: dc characteristics for m665-01 ac characteristics for m665-01 unless stated otherwise, v cc = 3.3 volts + 10%, t a = 0 to 85 o c, vcso freq.?s = 155.52, 167.3316mhz, outputs terminated into 180 ? to ground symbol parameter min typ max unit notes control voltage v in modulation bandwidth vin 600 khz output f out output center frequency range m665-01 125 175 mhz apr absolute (guaranteed) pull-range 1 note 1: also fully meets 50 ppm minimum pull- range specification that is commonly required. 120 ppm f stab frequency stability 100 ppm p-p at any givin v in l in tuning linearity 6 % v in = 0.3 to 3.0 v best fit straight line k vco vco gain @ 155.52 mhz 400 ppm/v v in = 0.3 to 3.0 v non-harmonic spurious -50 -77 dbc n ssb (single sideband) phase noise, offset from carrier @ 155.52 mhz 100hz offset -48 dbc/hz 1khz offset -75 dbc/hz 10khz offset -99 dbc/hz 100khz offset -124 dbc/hz 1mhz offset -142 dbc/hz j(t) jitter (rms) @ 155.52 mhz 12khz to 20mhz 0.30 ps rms 50khz to 80mhz 0.18 ps rms odc output duty cycle 2 note 2: see parameter measurement information on pg. 5. 45 55 % t r output rise time 2 for fout, nfout 275 425 ps 20 % to 80 % t f output fall time 2 for fout, nfout 275 425 ps 20 % to 80 % table 6: ac characteristics for m665-01
m665 datasheet rev 0.2 4 of 6 revised 17nov2004 integrated circuit systems, inc. networking & communications www.icst.com tel (508) 852-5400 integrated circuit systems, inc. m665 d ual saw, s electable f requency vcso preliminary information e lectrical s pecifications for m665-02 dc characteristics for m665-02 unless stated otherwise, v cc = 3.3 volts + 10%, t a = 0 to 85 o c, vcso freq.?s = 622.08, 669.3266mhz, outputs terminated into 180 ? to ground symbol parameter pin min typ max unit power supply v cc positive supply voltage vcc 2.97 3.3 3.63 v i cc power supply current 90 125 ma control voltage v in input control voltage range vin 0 3.3 v v in input impedence 100 k ? frequency select 1 note 1: internally pulled down to lo gic 0 (frequency 1) if left unselected. v ih input high voltage f_sel 2 v cc + 0.3 v v il input low voltage - 0.3 0.8 v i ih input high current 5 a i il input low current -1 50 a r pulldown internal pull-down resistor 51 k ? differential outputs v oh output high voltage fout, nfout v cc - 0.98 v cc - 0.75 v v ol output low voltage v cc - 1.95 v cc - 1.63 v v p - p peak to peak output voltage 2 note 2: single-ended measuremen t. see figure 3, output rise and fall time, on pg. 5. 0.450 0.625 0.85 v p - p i out output current 20 ma table 7: dc characteristics for m665-02 ac characteristics for m665-02 unless stated otherwise, v cc = 3.3 volts + 10%, t a = 0 to 85 o c, vcso freq.?s = 622.08, 669.3266mhz, outputs terminated into 180 ? to ground symbol parameter min typ max unit notes control voltage v in modulation bandwidth vin 600 khz output f out output center frequency range m665-02 500 700 mhz apr absolute (guaranteed) pull-range 1 note 1: also fully meets 50 ppm minimum pull- range specification that is commonly required. 120 ppm f stab frequency stability 100 ppm p-p at any givin v in l in tuning linearity 6 % v in = 0.3 to 3.0 v best fit straight line k vco vco gain @ 622.08 mhz 400 ppm/v v in = 0.3 to 3.0 v non-harmonic spurious -50 -77 dbc n ssb (single sideband) phase noise, offset from carrier @ 622.08 mhz 100hz offset -42 dbc/hz 1khz offset -72 dbc/hz 10khz offset -102 dbc/hz 100khz offset -127 dbc/hz 1mhz offset -146 dbc/hz j(t) jitter (rms) @ 622.08 mhz 12khz to 20mhz 0.22 ps rms 50khz to 80mhz 0.16 ps rms odc output duty cycle 2 note 2: see parameter measurement information on pg. 5. 45 55 % t r output rise time 2 for fout, nfout 275 400 ps 20 % to 80 % t f output fall time 2 for fout, nfout 275 400 ps 20 % to 80 % table 8: ac characteristics for m665-02
m665 datasheet rev 0.2 5 of 6 revised 17nov2004 integrated circuit systems, inc. networking & communications www.icst.com tel (508) 852-5400 m665 d ual saw, s electable f requency vcso preliminary information integrated circuit systems, inc. p arameter m easurement i nformation output rise and fall time figure 3: output rise and fall time output duty cycle figure 4: output duty cycle d evice p ackage - 9 x 14mm smt (s urface mount) package mechanical dimensions: figure 5: device package - 9 x 14mm smt (surface mount) package 20% 80% t r 20% t f 80% clock outputs v p-p t pw t period (output pulse width) t period t pw odc = nfout fout dimensions are in mm; dimensions in [ ] are in inches unless otherwise specified, all dimensions are 0.13 [0.005] m665
m665 datasheet rev 0.2 6 of 6 revised 17nov2004 integrated circuit systems, inc. networking & communications www.icst.com tel (508) 852-5400 integrated circuit systems, inc. while the information presented herein has been checked for both accuracy and reliability, integrated circuit systems (ics) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which wou ld result from its use. no other circuits, patents, or licenses are implied. this product is intended for use in normal commercial applications. any other applications such as those requiring ex tended temperature range, high reliability, or other extraordina ry environmental requirements are not recommended without additional processing by ics. ics reserves the right to change any circuitry or specifications without notice. ics does not authorize or warrant any ics product for use in life support devices o r critical medical instruments. m665 d ual saw, s electable f requency vcso preliminary information o rdering i nformation part numbering scheme figure 6: part numbering scheme example order numbers m665-01 standard output frequencies & order codes m665-02 standard output frequencies & order codes consult ics for the availa bility of other frequencies for output frequencies (mhz) frequency 1 , frequency 2 order part number m665-0 y - xx - xx 155.5200, 167.3316 m665-01-ba-bh 156.2500, 161.1328 m665-01-bb-bd 622.0800, 669.3266 m665-02-aa-ah 625.0000, 644.5313 m665-02-ab-ad table 9: example order numbers see tables 10 and 11 at right for frequency order codes. m665 part number: m680-01 - xx -xx device number consult ics for other frequencies and order codes. m665 variant -01 = output frequencies 125 - 175 mhz -02 = output frequencies 500 - 700 mhz -0y output frequency 1 order code output frequency 2 order code 153.6000 bo 167.2820 bf 155.5200 ba 167.3280 bg 156.2500 bb 167.3316 bh 156.8324 bc 167.7097 bi 161.1328 bd 168.0400 bj 164.3555 bm 172.6423 bk 166.6286 be 173.3708 bl table 10: m665-01 standard ou tput frequencies & order codes 614.4000 ao 669.1281 af 622.0800 aa 669.3120 ag 625.0000 ab 669.3266 ah 627.3296 ac 670.8386 ai 644.5313 ad 672.1600 aj 657.4219 am 690.5692 ak 666.5143 ae 693.4830 al table 11: m665-02 standard ou tput frequencies & order codes


▲Up To Search▲   

 
Price & Availability of M665-01-BD-BD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X