Part Number Hot Search : 
ST7271N5 MC3306 HU266R KBP301 W208D U6P01SL0 8344A SMB60A
Product Description
Full Text Search
 

To Download IXFV96N15PS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 175 c 150 v v dgr t j = 25 c to 175 c; r gs = 1 m ? 150 v v gs continuous 20 v v gsm transient 30 v i d25 t c = 25 c96a i d(rms) external lead current limit 75 a i dm t c = 25 c, pulse width limited by t jm 250 a i ar t c = 25 c60a e ar t c = 25 c40mj e as t c = 25 c 1.0 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 175 c, r g = 4 ? p d t c = 25 c 480 w t j -55 ... +175 c t jm 175 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c t sold plastic body for 10s 260 c f c mounting force (plus220) 11...65/2.4...11 n/lb m d mounting torque (to-247) 1.13/10 nm/lb.in. weight to-247 6 g plus220 4 g g d s g = gate d = drain s = source tab = drain ds99208e(12/05) symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0 v, i d = 250 a 150 v v gs(th) v ds = v gs , i d = 4 ma 3.0 5.0 v i gss v gs = 20 v dc , v ds = 0 100 na i dss v ds = v dss 25 a v gs = 0 v t j = 175 c 1000 a r ds(on) v gs = 10 v, i d = 0.5 i d25 24 m ? pulse test, t 300 s, duty cycle d 2 % polarht tm hiperfet power mosfet v dss = 150 v i d25 =96a r ds(on) 24 m ? ? ? ? ? t rr 200 ns n-channel enhancement mode avalanche energy rated fast intrinsic diode features l international standard packages l unclamped inductive switching (uis) rated l low package inductance - easy to drive and to protect advantages l easy to mount l space savings l high power density to-247 (ixfh) (tab) ixfh 96n15p ixfv 96n15p ixfv 96n15ps g s d (tab) plus220smd (ixfv__s) g s d plus220 (ixfv) d (tab)
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 96n15p ixfv 96n15p ixfv 96n15ps symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 0.5 i d25 , pulse test 35 45 s c iss 3500 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 1000 pf c rss 280 pf t d(on) 30 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = 60 a 33 ns t d(off) r g = 4 ? (external) 66 ns t f 18 ns q g(on) 110 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 26 nc q gd 59 nc r thjc 0.31 c/w r thcs (to-247, plus220) 0.21 c/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 96 a i sm repetitive 250 a v sd i f = i s , v gs = 0 v, 1.5 v pulse test, t 300 s, duty cycle d 2 % t rr i f = 25 a, -di/dt = 100 a/ s 200 ns q rm v r = 100 v, v gs = 0 v 600 nc i rm 6a to-247 (ixfh) outline dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc terminals: 1 - gate 2 - drain 3 - source tab - drain 1 2 3 plus220 (ixfv) outline plus220smd (ixfv__s) outline ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2
? 2006 ixys all rights reserved fig. 2. extended output characteristics @ 25 o c 0 25 50 75 100 125 150 175 200 0 2 4 6 8 101214161820 v d s - volts i d - amperes v gs = 10v 7v 6v 8v 9v fig. 3. output characteristics @ 150 o c 0 10 20 30 40 50 60 70 80 90 100 00.511.522.533.544.555.5 v d s - volts i d - amperes v gs = 10v 9v 5v 6v 7v 8v fig. 1. output characteristics @ 25 o c 0 10 20 30 40 50 60 70 80 90 100 00.5 11.5 22.5 v d s - volts i d - amperes v gs = 10v 9v 7v 6v 8v fig. 4. r ds(on ) norm alized to 0.5 i d25 value vs. junction temperature 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r d s ( o n ) - normalize d i d = 96a i d = 48a v gs = 10v fig. 6. drain current vs. case temperature 0 10 20 30 40 50 60 70 80 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes external lead current limit fig. 5. r ds(on) norm alized to 0.5 i d25 value vs. i d 0.6 1 1.4 1.8 2.2 2.6 3 3.4 3.8 0 50 100 150 200 250 i d - amperes r d s ( o n ) - normalize d t j = 175oc t j = 25oc v gs = 10v v gs = 15v ixfh 96n15p ixfv 96n15p ixfv 96n15ps
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 96n15p ixfv 96n15p ixfv 96n15ps fig. 11. capacitance 100 1000 10000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 102030405060708090100110 q g - nanocoulombs v g s - volts v ds = 75v i d = 48a i g = 10ma fig. 7. input admittance 0 20 40 60 80 100 120 140 160 180 456 78910 v g s - volts i d - amperes t j = 150oc 25oc -40oc fig. 8. transconductance 0 10 20 30 40 50 60 0 25 50 75 100 125 150 175 200 i d - amperes g f s - siemens t j = -40oc 25oc 150oc fig. 9. source current vs. source-to-drain voltage 0 50 100 150 200 250 300 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 v s d - volts i s - amperes t j = 150oc t j = 25oc fig. 12. forw ard-bias safe operating area 1 10 100 1000 1 10 100 1000 v d s - volts i d - amperes 100s 1ms dc t j = 175oc t c = 25oc r ds(on) limit 10ms 25s
? 2006 ixys all rights reserved fig. 13. m axim um trans ie nt the rm al re s is tance 0.01 0.10 1.00 1 10 100 1000 pulse width - milliseconds r ( t h ) j c - oc / w ixfh 96n15p ixfv 96n15p ixfv 96n15ps


▲Up To Search▲   

 
Price & Availability of IXFV96N15PS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X