Part Number Hot Search : 
PN7362 B8279 D96L6L 85C12 LVG32643 20800SAE 7808V AD50621
Product Description
Full Text Search
 

To Download IRFI4228PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com 1 06/26/06 IRFI4228PBF notes   through  are on page 8 description  hexfet ? power mosfet  
   
  

 




  mosfet  
 
 !
 


    
" 
 
  mosfet 
#$%&' 
(

 
)

*   
* 
) mosfet 
  +*
  
*    
 
  features  advanced process technology  key parameters optimized for pdp sustain, energy recovery and pass switch applications  low e pulse rating to reduce power dissipation in pdp sustain, energy recovery and pass switch applications  low q g for fast response  high repetitive peak current capability for reliable operation  short fall & rise times for fast switching  150c operating junction temperature for improved ruggedness  repetitive avalanche capability for robustness and reliability s d g  gds gate drain source d s d g to-220ab full-pak absolute maximum ratings parameter units v gs gate-to-source voltage v i d @ t c = 25c continuous drain current, v gs @ 10v a i d @ t c = 100c continuous drain current, v gs @ 10v i dm pulsed drain current  i rp @ t c = 100c repetitive peak current  p d @t c = 25c power dissipation w p d @t c = 100c power dissipation linear derating factor w/c t j operating junction and c t stg storage temperature range soldering temperature for 10 seconds mounting torque, 6-32 or m3 screw n thermal resistance parameter typ. max. units r jc junction-to-case  ??? 2.73 c/w r ja j unct i on-to- a m bi ent  ??? 65 61 300 -40 to + 150 10lb  in (1.1n  m) 46 18 0.37 max. 21 130 34 30 v ds max 150 v v ds (avalanche) typ. 180 v r ds(on) typ. @ 10v 12.2 m  i rp max @ t c = 100c 61 a t j max 150 c key parameters
 2 www.irf.com s d g electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units bv dss drain-to-source breakdown voltage 150 ??? ??? v ? v dss / ? t j breakdown voltage temp. coefficient ??? 190 ??? mv/c r ds(on) static drain-to-source on-resistance ??? 12.2 16 m ? v gs(th) gate threshold voltage 3.0 ??? 5.0 v ? v gs(th) / ? t j gate threshold voltage coefficient ??? -12 ??? mv/c i dss drain-to-source leakage current ??? ??? 20 a ??? ??? 1.0 ma i gss gate-to-source forward leakage ??? ??? 100 na gate-to-source reverse leakage ??? ??? -100 g fs forward transconductance 64 ??? ??? s q g total gate charge ??? 73 110 nc q gd gate-to-drain charge ??? 20 ??? t st shoot through blocking time 100 ??? ??? ns e pulse energy per pulse j c iss input capacitance ??? 4560 ??? c oss output capacitance ??? 560 ??? pf c rss reverse transfer capacitance ??? 110 ??? c oss eff. effective output capacitance ??? 460 ??? l d internal drain inductance ??? 4.5 ??? between lead, nh 6mm (0.25in.) l s internal source inductance ??? 7.5 ??? from package avalanche characteristics parameter units e as single pulse avalanche energy  mj e ar repetitive avalanche energy  mj v ds(avalanche) repetitive avalanche voltage  v i as avalanche current  a diode characteristics parameter min. typ. max. units i s @ t c = 25c continuous source current ??? ??? 34 (body diode) a i sm pulsed source current ??? ??? 130 (body diode)  v sd diode forward voltage ??? ??? 1.3 v t rr reverse recovery time ??? 74 110 ns q rr reverse recovery charge ??? 230 350 nc mosfet symbol v ds = 25v, i d = 20a v dd = 75v, i d = 20a, v gs = 10v  conditions and center of die contact v dd = 120v, v gs = 15v, r g = 5.1 ? v ds = 120v, r g = 5.1 ?, t j = 25c l = 220nh, c= 0.3f, v gs = 15v v ds = 120v, r g = 5.1 ?, t j = 100c v ds = 25v v ds = v gs , i d = 250a v ds = 150v, v gs = 0v v gs = 0v, v ds = 0v to 120v v ds = 150v, v gs = 0v, t j = 125c v gs = 20v v gs = -20v v gs = 0v l = 220nh, c= 0.3f, v gs = 15v conditions v gs = 0v, i d = 250a reference to 25c, i d = 1ma v gs = 10v, i d = 20a  t j = 25c, i f = 20a, v dd = 50v di/dt = 100a/s  t j = 25c, i s = 20a, v gs = 0v  showing the integral reverse p-n junction diode. typ. max. ? = 1.0mhz ??? 170 4.6 20 ??? ??? 180 ??? ??? 62 ??? ??? 110 ???
 www.irf.com 3 fig 6. typical e pulse vs. drain current fig 5. typical e pulse vs. drain-to-source voltage fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 15v 10v 8.0v 7.0v 6.5v 6.0v 5.5v bottom 5.0v 60s pulse width tj = 25c 5.0v 3 4 5 6 7 v gs , gate-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 150c v ds = 25v 60s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 20a v gs = 10v 60 65 70 75 80 85 90 95 100 105 i d , peak drain current (a) 10 20 30 40 50 60 70 80 90 100 110 120 e n e r g y p e r p u l s e ( j ) l = 220nh c = variable 100c 25c 80 90 100 110 120 130 v ds, drain-to-source voltage (v) 20 30 40 50 60 70 80 90 100 110 120 e n e r g y p e r p u l s e ( j ) l = 220nh c = 0.3f 100c 25c 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 5.0v 60s pulse width tj = 150c vgs top 15v 10v 8.0v 7.0v 6.5v 6.0v 5.5v bottom 5.0v
 4 www.irf.com fig 11. maximum drain current vs. case temperature fig 8. typical source-drain diode forward voltage fig 12. maximum safe operating area fig 7. typical e pulse vs.temperature fig 10. typical gate charge vs.gate-to-source voltage fig 9. typical capacitance vs.drain-to-source voltage 20 40 60 80 100 120 140 160 temperature (c) 0 20 40 60 80 100 120 140 e n e r g y p e r p u l s e ( j ) l = 220nh c = 0.3f c = 0.2f c = 0.1f 0.2 0.4 0.6 0.8 1.0 1.2 v sd , source-to-drain voltage (v) 0.1 1 10 100 1000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 150c v gs = 0v 1 10 100 1000 v ds , drain-to-source voltage (v) 10 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 1020304050607080 q g , total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 120v v ds = 75v v ds = 30v i d = 20a 25 50 75 100 125 150 t j , junction temperature (c) 0 5 10 15 20 25 30 35 i d , d r a i n c u r r e n t ( a ) 0 1 10 100 1000 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) operation in this area limited by r ds (on) tc = 25c tj = 150c single pulse 100sec 1msec 10msec
 www.irf.com 5 fig 17. maximum effective transient thermal impedance, junction-to-case fig 15. threshold voltage vs. temperature fig 14. maximum avalanche energy vs. temperature fig 13. on-resistance vs. gate voltage fig 16. typical repetitive peak current vs. case temperature 4 5 6 7 8 9 10 11 v gs, gate -to -source voltage (v) 0 20 40 60 80 100 120 140 160 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) i d = 20a t j = 25c t j = 125c 25 50 75 100 125 150 starting t j , junction temperature (c) 0 100 200 300 400 500 600 700 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 4.6a 5.4a bottom 20a -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 2.0 2.5 3.0 3.5 4.0 4.5 5.0 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 250a 25 50 75 100 125 150 case temperature (c) 0 20 40 60 80 100 r e p e t i t i v e p e a k c u r r e n t ( a ) ton= 1s duty cycle = 0.25 half sine wave square pulse 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 10 100 t 1 , rectangular pulse duration (sec) 0.0001 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc ri (c/w) i (sec) 0.3129 0.000381 1.1873 0.219458 1.2311 2.895 j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 c ci i / ri ci= i / ri
 6 www.irf.com fig 18. 
    
     for n-channel hexfet   power mosfets 
   ?  
    ?      ?            p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period    
 
  + - + + + - - - 
    ?   
  ?  
 !"!! ?     

#  $$ ? !"!!%"        fig 19b. unclamped inductive waveforms fig 19a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v v gs fig 20a. gate charge test circuit fig 20b. gate charge waveform vds vgs id vgs(th) qgs1 qgs2 qgd qgodr 1k vcc dut 0 l
 www.irf.com 7 fig 21a. t st and e pulse test circuit fig 21b. t st test waveforms fig 21c. e pulse test waveforms dri ver dut l c vcc rg rg b a ipulse
 8 www.irf.com data and specifications subject to change without notice. this product has been designed and qualified for the industrial market. qualification standards can be found on ir?s web site. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 06/06 
 repetitive rating; pulse width limited by max. junction temperature.
 starting t j = 25c, l = 0.85mh, r g = 25 ? , i as = 20a.  pulse width 400s; duty cycle 2%. r is measured at   
  half sine wave with duty cycle = 0.25, ton=1sec. to-220ab full-pak packages are not recommended for surface mount application. 
   
   
         
      
 
     

  
           !"#$%&&"'()*)#$"+ &#!# $ #$,#-%!"&"%,./""    0   




note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRFI4228PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X