Part Number Hot Search : 
AN5337K TD6102 AOT11N70 2SK31 S10K2 S6003L CDSS355 M13252DH
Product Description
Full Text Search
 

To Download IL-402-04S-S1L-SA-E1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in mm (inches). 1.0mm (.039") contact spacing, zif type smt connectors for fpc/ff c il-402/402r series connectors dimensions and specifications subject to change without notice. features ? smt configuration ? low profile of 2.5mm (0.98") ? easy termination of cable utilizing a slide actuator ? zero insertion force (zif) cable termination ? hold down tabs prevent floating up of the connector during soldering and secure the connector on pcb ? optional embossed tape packaging for automatic mounting ? ? ? ? ? ? ? ? ? ? ? ? ? ? the il-402/402r series has been developed to meet the demands of increased density of components in the surface mount environment. this 1.0mm (.039") pitch, low profile connector for flexible printed circuit (fpc) and flexible flat cable (ffc) has a mounting height of 2.5mm (.098"). its construction is compatible with automatic mounting equipment when ordered on embossed tape. zero insertion force cable termination allows for simplified operation. general specifications number of contacts il-402/4 to 30, il-402r/4, 7, 8, 10 to 12, 14 to 18, 20, 23 contact spacing 1.0mm (.039"), single row current rating 0.5 amps operating voltage 200 vac, vdc dielectric withstanding voltage 500 vac r.m.s. (one minute) insulation resistance 1000 megohms min. contact resistance 20 milliohms max. operating temperature -40 c +85 c applicable fpc 1.0mm (.039") center (il-402) 0.3mm mm (.012" ")thick (il-402r) 0.3mm 0.05mm (.012" .002") thick materials and finishes description materials/finishes contact phosphor bronze/tin plated insulator glass-filled pps (ul94v-o, light gray) hold-down tab phosphor bronze/tin plated slider glass filled pps +0.05 -0.02 +.002 -.001 il C 402 * C ** s C s 1 l C sa C e**** series il-402 C bottom contact mating il-402r C top contact mating no. of contacts contact type s C socket contact arrangement s C single row contact pitch 1 C 1.0mm (.039") termination l C right angle modification code embossed tape packaging e1000 C 1000 pcs. per reel (4 to 24 contacts) e1500 C 1500 pcs. per reel. (25 to 30 contacts) ordering information 4 to 20 contacts connector profile (ref.) 21 to 30 contacts il-402 il-402r 55
dimensions in mm (inches). fi series connectors 1.25mm (.049") contact spacing, pcb-to-cable connectors consult jae for other available sizes. dimensions and specifications subject to change without notice. features ? socket housing available with or without a shield ? flex connector available ? pin header available on embossed tape for automatic smt mounting ? dependable pin-type double contacts (post and box) ? friction lock housing enables secure connections ? ? ? ? ? ? ? ? ? ? ? ? ? ? fi series connectors are designed for board-to-cable applica- tions. high-density 1.25mm (.049") contact spacing smt single and double row shielded and unshielded versions available. they are used in notebook pcs, vcr's, mobile phones, and other consumer applications, where reduced space is a requirement. general specifications number of contacts single row: 2-6, 8, 10, 15, 20, 25, 30 double row: 5-21 (every 2 pins) , 31, 41 contact spacing 1.25mm (.049") current rating 1 amp dielectric withstanding voltage 500 vac r.m.s. (one minute) insulation resistance 100 megohms min. contact resistance 40 milliohms max. operating temperature -40 c to +80 c applicable wire size standard #28 to #32 awg applicable fpc .625mm (.025") center .14mm (.006") thick materials and finishes ? pin header description materials/finishes insulator single row: glass-filled pps (ul94v-0, black) double row: glass-filled lcp (ul94v-0, beige) contact copper alloy connecting area: gold 0.1 (.000004") min. over nickel terminal area: tin over nickel plating shell copper alloy/tin plating hold-down copper alloy/tin over nickel ? fpc insulator glass-filled pps (ul94v-0, black) contact copper alloy connecting area: gold 0.1 (.000004") min. over nickel fpc area: tin over nickel plating shell copper alloy/tin plating slider glass-filled pps (ul94v-0, brown) ? socket housing housing glass-filled pps (ul94v-0, black) socket contact phosphor bronze/gold over nickel fi series connectors 1.25mm (.049") contact spacing, pcb-to-cable connectors refer to ordering information for connector profiles. 56


▲Up To Search▲   

 
Price & Availability of IL-402-04S-S1L-SA-E1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X