Part Number Hot Search : 
K3564 3002E TDA7427 ADA3R3 26EUA M5S33 70257 LB111
Product Description
Full Text Search
 

To Download HE1AN-P-DC100V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ he asctb183e 201202-t classification ordering information tv-10/tv-15 rated 1a 30a, 2a 20a power relays he relays type pc board plug-in tm screw terminal operating funciton single side stable contact arrangement 1 form a 1 form a 2 form a 1 form a 2 form a 1 form a 2 form a vde 1 form a plug-in type rohs compliant features 1. excellent resistance to contact welding owing to the pre-tension and kick-off mechanism, the 1 form a passes tv-15 and the 2 form a passes tv-10. 2. high-capacity and long life 3. excellent surge resistance between contacts and coil, the surge voltage is more than 10,000 v (when surge waveform accords with jec-212-1981). 4. compatible with all major safety standards ul, csa, vde and t?v certi?d 5. terminals are available typical applications 1. of?e equipment copiers, package air conditioners, automatic vending machines. 2. industrial equipment machine tools, molding equipment, wrapping machines, food processing equipment, etc. 3. home appliances air conditioners, microwave ovens, televisions, stereo systems, water heaters and air heating equipment. contact arrangement 1 form a type 2 form a type contact capacity 30a 20a electrical life (at 20 times/min.) 2 10 5 mechanical life (at 180 times/min.) dc type: 10 7 , ac type: 5 10 6 * reference value type single side stable type he 1 form a, 2 form a insulation gap min. 8 mm distance between contacts* 1 form a and 2 form a: min. 3 mm pc board type: min. 2.5 mm breakdown voltage between open contacts 2, 000 vrms for 1 min. between contact and coil 5, 000 vrms for 1 min. he relay contact arrangement 1a: 1 form a (single side stable type) 2a: 2 form a (single side stable type) he pick-up voltage n: 70% of nominal voltage terminals nil: s: q: p: plug-in type screw terminal type tm type pc board type nominal coil voltage dc ac 6, 12, 24, 48, 100, 110 v 12, 24, 48, 100 (100/120), 200 (200/240) v
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ he asctb183e 201202-t types 1. pc board type (1 form a, dc coil) (single side stable) standard packing: carton: 25 pcs.; case: 100 pcs. 2. plug-in type (single side stable) standard packing: carton: 20 pcs.; case: 100 pcs. 3. tm type (single side stable) standard packing: carton: 20 pcs.; case: 100 pcs. 4. screw terminal type (single side stable) standard packing: carton: 10 pcs.; case: 50 pcs. note: the tm type of the screw terminals are also available. * for terminal sockets, see page 198. nominal coil voltage 1 form a part no. 6v dc he1an-p-dc6v 12v dc he1an-p-dc12v 24v dc he1an-p-dc24v 48v dc he1an-p-dc48v 100v dc HE1AN-P-DC100V 110v dc he1an-p-dc110v type nominal coil voltage 1 form a 2 form a part no. part no. dc type 6v dc he1an-dc6v he2an-dc6v 12v dc he1an-dc12v he2an-dc12v 24v dc he1an-dc24v he2an-dc24v 48v dc he1an-dc48v he2an-dc48v 100v dc he1an-dc100v he2an-dc100v 110v dc he1an-dc110v he2an-dc110v ac type 12v ac he1an-ac12v he2an-ac12v 24v ac he1an-ac24v he2an-ac24v 48v ac he1an-ac48v he2an-ac48v 100/120v ac he1an-ac100v he2an-ac100v 200/240v ac he1an-ac200v he2an-ac200v type nominal coil voltage 1 form a 2 form a part no. part no. dc type 6v dc he1an-q-dc6v he2an-q-dc6v 12v dc he1an-q-dc12v he2an-q-dc12v 24v dc he1an-q-dc24v he2an-q-dc24v 48v dc he1an-q-dc48v he2an-q-dc48v 100v dc he1an-q-dc100v he2an-q-dc100v 110v dc he1an-q-dc110v he2an-q-dc110v ac type 12v ac he1an-q-ac12v he2an-q-ac12v 24v ac he1an-q-ac24v he2an-q-ac24v 48v ac he1an-q-ac48v he2an-q-ac48v 100/120v ac he1an-q-ac100v he2an-q-ac100v 200/240v ac he1an-q-ac200v he2an-q-ac200v type nominal coil voltage 1 form a 2 form a part no. part no. dc type 6v dc he1an-s-dc6v he2an-s-dc6v 12v dc he1an-s-dc12v he2an-s-dc12v 24v dc he1an-s-dc24v he2an-s-dc24v 48v dc he1an-s-dc48v he2an-s-dc48v 100v dc he1an-s-dc100v he2an-s-dc100v 110v dc he1an-s-dc110v he2an-s-dc110v ac type 12v ac he1an-s-ac12v he2an-s-ac12v 24v ac he1an-s-ac24v he2an-s-ac24v 48v ac he1an-s-ac48v he2an-s-ac48v 100/120v ac he1an-s-ac100v he2an-s-ac100v 200/240v ac he1an-s-ac200v he2an-s-ac200v
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ he asctb183e 201202-t rating 1. coil data 1) ac coils 2) dc coils 2. speci?ations notes: *1. this value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. *2. wave is standard shock voltage of 1.2 50 s according to jec-212-1981 *3. the upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. refer to usage, transport and storage conditions in notes. nominal coil voltage pick-up voltage (at 20 c 68 f ) drop-out voltage (at 20 c 68 f ) nominal operating current [ 10%] (at 20 c 68 f ) nominal operating power max. applied voltage (at 20 c 68 f ) 12v ac 70%v or less of nominal voltage (initial) 15%v or more of nominal voltage (initial) 138ma 1.7va 110%v of nominal voltage 24v ac 74ma 1.8va 48v ac 39ma 1.9va 100/120v ac 18.7 to 2.1ma 1.9 to 2.7va 200/240v ac 9.1 to 10.8ma 1.8 to 2.6va nominal coil voltage pick-up voltage (at 20 c 68 f ) drop-out voltage (at 20 c 68 f ) nominal operating current [ 10%] (at 20 c 68 f ) coil resistance [ 10%] (at 20 c 68 f ) nominal operating power max. applied voltage (at 55 c 131 f ) 6v dc 70%v or less of nominal voltage (initial) 10%v or more of nominal voltage (initial) 320ma 18.8 ? 1.92w 110%v of nominal voltage 12v dc 160ma 75 ? 1.92w 24v dc 80ma 300 ? 1.92w 48v dc 40ma 1,200 ? 1.92w 100v dc 19ma 5,200 ? 1.92w 110v dc 18ma 6,300 ? 1.92w characteristics item speci?ations contact contact material agsno 2 type arrangement 1 form a 2 form a contact resistance (initial) max. 100 m ? (by voltage drop 6 v dc 1a) rating nominal switching capacity (resistive load) 30a 277v ac 25a 277v ac max. switching power 8,310va 6,925va max. switching voltage 277v ac, 30v dc max. switching current 30a 25a nominal operating power dc: 1.92w, ac: 1.7 to 2.7va min. switching capacity (reference value)* 1 100ma 5v dc electrical characteristics insulation resistance (initial) min. 1,000m ? (at 500v dc) measurement at same location as ?reakdown voltage section. breakdown voltage (initial) between open contacts 2,000 vrms for 1min (detection current: 10ma.) between contact sets 4,000 vrms for 1min (detection current: 10ma.) between contact and coil 5,000 vrms for 1min (detection current: 10ma.) temperature rise (coil) dc: max. 60 c (at 55 c) (by resistive method), ac: max. 65 c (at 55 c) (by resistive method) surge breakdown voltage* 2 (between contact and coil) (initial) min. 10,000v operate time (at nominal voltage) max. 30ms (excluding contact bounce time) release time (at nominal voltage) dc: max.10ms (excluding contact bounce time, without diode), ac : max. 30ms (excluding contact bounce time) mechanical characteristics shock resistance functional min. 98 m/s 2 (half-wave pulse of sine wave: 11 ms; detection time: 10 s.) destructive min. 980 m/s 2 (half-wave pulse of sine wave: 6 ms.) vibration resistance functional 10 to 55 hz at double amplitude of 1 mm (detection time: 10 s.) destructive 10 to 55 hz at double amplitude of 1.5 mm expected life mechanical dc: min. 10 7 (at 180 times/min.), ac: min. 5 10 6 (at 180 times/min.) electrical (resistive load) (at 20 times/min.) min. 10 5 (30a 277v ac) min. 2 10 5 (30a 250v ac) min. 10 5 (25a 277v ac) min. 2 10 5 (20a 250v ac) conditions conditions for operation, transport and storage* 3 ambient temperature: ?0 c to +55 c ?8 f to +131 f humidity: 5 to 85% r.h. (not freezing and condensing at low temperature), air pressure: 86 to 106kpa max. operating speed 20 times/min. (at max. rating) unit weight pc board type: approx. 80g 2.82oz , plug-in type/tm type: approx. 90g 3.17oz , screw terminal type: approx. 120g 4.23oz
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ he asctb183e 201202-t reference data 1 form a type 2 form a type 1. maximum switching power 2. life curve 3. coil temperature rise (dc type) measured portion: inside the coil contact current: 30 a 100 50 30 20 10 5 1 0.5 30 100 500 1,000 contact voltage, v contact current, a ac resistive dc resistive 10 5 100 50 1,000 500 30 3520 2510 1550 contact current, a no. of operations, 10 4 250 v ac resistive 30 v dc resistive 70 60 50 40 30 20 10 0 100 110 120 20 c 60 c coil applied voltage, %v temperature rise, c 40 c 4. ambient temperature characteristics tested sample: he1an-ac120v, 6 pcs. 30 40 60 8020 ?0 0?0?0 ?0 ?0 x x - - ambient temperature, c rate of change, % pick-up voltage drop-out voltage 20 10 1. maximum switching power 2. life curve 3. coil temperature rise (dc type) measured portion: inside the coil contact current: 30 a 100 50 30 20 10 5 1 0.5 30 100 500 1,000 contact voltage, v contact current, a ac resistive dc resistive 10 5 100 50 1,000 500 30 3520 2510 1550 contact current, a no. of operations, 10 4 250 v ac resistive 30 v dc resistive 70 60 50 40 30 20 10 0 100 110 120 20 c 60 c 40 c coil applied voltage, %v temperature rise, c 4. ambient temperature characteristics tested sample: he2an-ac120v, 6 pcs. 40 60 8020 ?0 0?0?0 ?0 ?0 x - x - ambient temperature, c pick-up voltage drop-out voltage rate of change, % 20 10
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ he asctb183e 201202-t dimensions (mm inch ) 1. pc board type 2. plug-in type the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ 1 form a external dimensions single side stable type general tolerance: 0.3 .012 38.0 1.496 36.3 1.429 .020 0.5 4 .157 4.7 .185 33 1.299 schematic (bottom view) single side stable type 14 56 pc board pattern (bottom view) 32 1.260 .331 8.4 18.6 .732 6-.079 dia. 6-2 dia. hole 24 .945 4.7 .185 tolerance: 0.1 .004 cad data 1 form a external dimensions single side stable type 2-.177 dia. 2-4.5 dia. 14 56 r4 r.157 .138 3.5 .404.331 10.258.4 6.35 0.8 .250 .031 #250 tab terminal 33 1.299 10.4 .409 35 1.378 0.8 .031 36.4 1.433 40 50 1.575 1.969 general tolerance: 0.3 .012 schematic (bottom view) single side stable type panel cutout tolerance: 0.1 .004 14 56 2-.177 .004 dia. 2-4.5 0.1 dia. 40 0.1 1.575 .004 cad data 2 form a external dimensions single side stable type 2-.177 dia. 2-4.5 dia. 56 r4 r.157 33 1.299 36.4 1.433 40 50 1.575 1.969 12 34 .138 3.5 .404 .331 10.25 8.4 6.35 0.8 .250 .031 #250 tab terminal 35 1.378 0.8 .031 .567 14.4 10.4 .409 general tolerance: 0.3 .012 schematic (bottom view) single side stable type panel cutout tolerance: 0.1 .004 1 65 2 34 2-.177 .004 dia. 2-4.5 0.1 dia. 40 0.1 1.575 .004 cad data
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ he asctb183e 201202-t 3. tm type 4. screw terminal type external dimensions single side stable type 1 form a 2 form a general tolerance: 0.3 .012 14 5 6 r4 r.157 .138 3.5 .404 .331 10.25 8.4 6.35 4.5 .177 0.8 .250 .031 #250 tab terminal 33 1.299 10.4 .409 35 1.378 0.8 .031 36.4 1.433 50 40 47.6 1.874 60 1.969 1.575 2.362 .138 3.5 .404 .331 10.25 8.4 6.35 0.8 .250 .031 #250 tab terminal 10.4 .409 35 1.378 0.8 .031 14 3 5 6 r4 r.157 4.5 .177 2 33 1.299 36.4 1.433 14.4 .567 50 40 60 1.969 1.575 2.362 47.6 1.874 schematic (bottom view) single side stable type panel cutout tolerance: 0.1 .004 14 56 1 65 2 34 1 form a 2 form a 2-.177 .004 dia. 2-4.5 0.1 dia. 47.6 0.1 1.874 .004 cad data 1 form a external dimensions single side stable type 14.4 21.5 .846 17.5 .689 16.5 .650 33.5 1.319 m.138 m3.5 r4 r.157 2-.177 dia. 2-4.5 dia. m.177 m4.5 40.0 51.0 .567 1.575 2.008 50.0 1.969 .295 7.5 44.5 1.752 0.8 .031 .138 3.5 general tolerance: 0.3 .012 schematic (bottom view) single side stable type panel cutout tolerance: 0.1 .004 14 56 2-.177 .004 dia. 2-4.5 0.1 dia. 40 0.1 1.575 .004 cad data
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ he asctb183e 201202-t mounting method safety standards notes for cautions f or us e . item ul/c-ul (recognized) csa (certi?d) vde (certi?d) tv rating (ul/csa) t?v (certi?d) file no. contact rating file no. contact rating file no. contact rating file no. rating file no. rating 1 form a e43028 30a 277v ac 30a 30v dc 1.5hp 125v ac 3hp 250v ac lr26550 etc. 30a 277v ac 30a 30v dc 1.5hp 125v ac 3hp 250v ac 40006681 30a 250v ac (cos =1.0) 30a 250v ac (cos =0.4) 5a 110v dc (0ms) ul e43028 tv-15 b 11 04 13461 293 30a 250v ac (cos =1.0) 30a 250v ac (cos =0.4) 8a 110v dc (0ms) 2 form a e43028 25a 277v ac 25a 30v dc 1hp 125v ac 2hp 250v ac lr26550 etc. 25a 277v ac 25a 30v dc 1hp 125v ac 2hp 250v ac 40006681 25a 250v ac (cos =1.0) 25a 250v ac (cos =0.4) 5a 110v dc (0ms) ul e43028 tv-10 b 11 04 13461 293 25a 250v ac (cos =1.0) 25a 250v ac (cos =0.4) 8a 110v dc (0ms) 2 form a external dimensions single side stable type 14.4 .567 21.5 .846 33.5 1.319 m.138 m3.5 2-.177 dia. 2-4.5 dia. m.157 m4.0 36.4 40.0 51.0 1.433 1.575 2.008 50.0 1.969 .295 7.5 .138 3.5 44.5 1.752 0.8 .031 17.5 .689 16.5 .650 r4 r.157 general tolerance: 0.3 .012 schematic (bottom view) single side stable type panel cutout tolerance: 0.1 .004 1 65 2 34 40 0.1 1.575 .004 2-.177 .004 dia. 2-4.5 0.1 dia. cad data 1. plug-in type 2. screw terminal type 3. allowable installation wiring size for screw terminal types and terminal sockets due to the up terminals, it is possible to either directly connect the wires or use crimped terminal. m4 screw washer faston no. 250 m4 screw washer 1. the dust cover should not be removed since doing so may alter the characteristics. 2. avoid use under severe environmental conditions, such as high humidity, organic gas or in dust, oily locations and locations subjected to extremely frequent shock or vibrations. 3. when mounting, use spring washers. optimum fastening torque ranges from 49 to 68.6 n ? m (5 to 7 kgf?m). 4. firmly insert the receptacles so that there is no slack or looseness. to remove a receptacle, 19.6 to 39.2 n (2 to 4 kg) of pulling strength is required. do not remove more than one receptacle at one time. always remove one receptacle at a time and pull it straight outwards. 5. when using the ac type, the operate time due to the in-rush phase is 20 ms or more. therefore, it is necessary for you to ver ify the characteristics for your actual circuit. 6. when using the push-on blocks for the screw terminal type, use crimped terminals and tighten the screw-down terminals to the torque below. m4.5 screw: 147 to 166.6 n ? cm (15 to 17 kgf?m) m4 screw: 117.6 to 137 n?m (12 to 14 kgf?m) m3.5 screw: 78.4 to 98 n?m (8 to 10 kgf?m)


▲Up To Search▲   

 
Price & Availability of HE1AN-P-DC100V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X