Part Number Hot Search : 
AMCB21 UTC1316 MAX630 RGP10J EZ1083 713MZV GS3031 TP12N
Product Description
Full Text Search
 

To Download GENE-4310SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5-5 all specifications are subject to change without notification. 3.5" fdd subcompact form factor onboard ns geode gx1-300 low-power bga cpu supports crt and 18-bit tft panels l vds interface (gene-4310s/t only) tv-out interface (gene-4310t only) one 10/100base-t fast ethernet integrated ac-97 2.0 sound blaster compatible audio supports type i compactflash memory 2 coms / 1 parallel / 2 usbs / 1 irda 5v only operation s pecifications system cpu onboard ns geode gx1 300mhz processor system memory sdram sodimm x 1, max. 128mb chipset ns cs5530a i/o chipset winbond w83977. fully 16-bit i/o decoded bios a ward 256kb flash bios ethernet intel ? 82559er, 10/100base-t rj-45 connector x 1 ssd t ype i compactflash socket watchdog timer can generate a system reset, irq expansion interface pc/104 connector x 1 battery lithium battery dma 7 dma channels (8237 equivalent) interrupt 15 interrupt levels (8259 equivalent) h/w status monitoring winbond w83781d h/w status monitoring ic supports power supply voltages, fan speed, and temperatures monitoring power supply voltage +5v (4.75v to 5.25v), at. size/ weight 5.75" (l) 4" (w) (146 mm 101.6 mm), 0.88lb. (0.4kg) operating temperature 32 to 140 (0 to 60 ) i/o mio ide (udma33) x 1, fdd x 1, kb+mouse x 1, rs-232 x 1, rs-232/422/485 x 1, parallel 1 irda one irda tx/rx header audio ns cs5530a, ac97 2.0 compliant usb one 5x2 pin header supports 2 usb 1.1 ports display chip ns cs5530a memory size shared memory up to 4mb resolution up to 1024 x 768@ 16bpp colors for crt lcd interface up to 18-bit tft lcd panels. tv-out chrontel 7003 (gene-4310t only) lvds interface 18-bit lvds lcd panel (gene-4310s/t only) p acking list ide cable 1701440500 fdd cable 1701340600 com port cable kit (1 parallel, 1 serial) 1701010302 audio cable 1700140510 tv-out & s-terminal cable(gene-4310t only) 1700080180 kb/mouse cable 1700060192 usb cable 1709100201 jumper cap 9657666600 lvds cable(gene-4310s/t only) 1701200201 quick installation guide utility cd * gene-4310 offers embedded linux solution that was developed by an aaeon business parter, redsonic. please visit : www .redsonic.com for detailed information. f eatures gene-4310 series ns geode gx1-300 intel ? 82559er 10/100base-t fast ethernet controller audio connector db-9 rs-232 connector ns geode gx1-300 cpu ns cs5530a chipset l vds interface (gene-4310 s/t only) tv-out connector (gene-4310 t only) * pc/104 connector 10/100 base-t rj45 connector vga connector power connector


▲Up To Search▲   

 
Price & Availability of GENE-4310SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X