Part Number Hot Search : 
74AC11 PJL9835A RCS1010 1K1BC6P 1SV246 2SJ505L STA15K51 M62358FP
Product Description
Full Text Search
 

To Download FR2A-AUA200001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 stad-mar.03.2009 1 fr2a-au~fr2j-au notes:1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied v r = 4.0 volts. 3. 8.0 mm 2 ( .013mm thick ) land areas. features ? for surface mounted applications ? low profile package ? built-in strain relief ? easy pick and place ? fast recovery times for high efficiency ? plastic package has underwriters laboratory flammability classification 94v-o ? glass passivated junction ? acqire quality system certificate : ts16949 ? aec-q101 qualified ? lead free in comply with eu rohs 2002/95/ec directives mechanical data ? case: jedec do-214aa molded plastic ? terminals: solder plated, solderable per mil-std-750,method 2026 ? polarity: indicated by cathode band ? standard packaging: 12mm tape (eia-481) ? weight: 0.0032 ounce, 0.092 gram surface mount fast recovery rectifier maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. voltage 50 to 600 volts current 2 ampere parameter symbol fr2a-au fr2b-au fr2d-au fr2g-au fr2j-au units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 v maximum rms voltage v rms 35 70 140 280 420 v maximum d c blocking voltage v dc 50 100 200 400 600 v maximum average rectified current at t l =90 o ci f(av) 2a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 50 a maximum forward voltage at 2a v f 1.3 v maximum dc reverse current t j =25 o c at rated dc blocking voltage t j =125 o c i r 1 150 a maximum reverse recovery time (note 1) t rr 150 250 ns maximum junction capacitance (note 2) c j 40 pf typical junction resistance (note 3) r jl 20 o c / w operating junction and storage temperature range t j ,t stg -50 to +150 o c 0.083(2.11) 0.075(1.91) 0.185(4.70) 0.160(4.06) 0.096(2.44) 0.083(2.13) 0.050(1.27) 0.030(0.76) 0.220(5.59) 0.200(5.08) 0.012(0.305) 0.006(0.152) 0.155(3.94) 0.130(3.30)
page . 2 stad-mar.03.2009 1 fr2a-au~fr2j-au fig.1 forward current derating curve fig.4 typical junction capacitance rating and characteristic curves 3.0 2.0 1.0 0 0 50 100 150 0.5 1.5 2.5 lead temperature, c o average forward rectified current, amperes fig.3-typical instantaneous forward characteristics instantaneous forward voltage, volts instantaneous forward current, amperes 20 10 0 1 2 6 10 20 40 60 100 3 4 5 6 0 0 0 0 fig.2-maximum non-repetitive peak forward surge current peak forward surge current , amperes number of cycles at 60hz 8.3ms single half sine-wave jedec method capacitance, pf reverse voltage, volts 100 10 0.1 1 10 100 1 tj = 2 5 c f= 1.0mhz vsig = 5 0 m vp -p o 10 1.0 0.1 .01 .001 0.2 0.4 0.6 0.8 1.0 1.2 1.4 t=25 c j o 1.6 singlephase, half-wave,60hz resistive or inductiveload p.c.b mounted no 0.315x0.315"(8.0 x 8.0mm) copper pad areas percentage of peak reverse voltage,% 0.1 20 40 60 80 100 120 140 1.0 10 100 1000 t=150c j o t=100c j o t=25c j o fig.5-typical reverse characteristic instantaneous reverse current ,ua
page . 3 mounting pad layout ? packing information t/r - 3k per 13" plastic reel t/r - 0.5kper 7? plastic reel order information fr2a-au~fr2j-au stad-mar.03.2009 1
page . 4 part no_packing code_version fr2a-au_r1_000a1 fr2a-au_r1_100a1 fr2a-au_r2_000a1 fr2a-au_r2_100a1 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d fr2a-au~fr2j-au stad-mar.03.2009 1
disclaimer z reproducing and modifying information of the document is prohibited without permission from panjit international inc.. z panjit international inc. reserves the right s to make changes of the content herein the document anytime without notific ation. please refer to our website for the latest document. z panjit international inc. disclaims any and a ll liability arising out of the application or use of any product including damages inci dentally and consequentially occurred. z panjit international inc. does not assume any and all im plied warranties, including warranties of fitness for particular pur pose, non-infringement and merchantability. z applications shown on the herein doc ument are examples of standard use and operation. customers are responsible in co mprehending the suitable use in particular applications. panjit international inc. make s no representation or warranty that such applications will be suitable for the specified us e without further testing or modification. z the products shown herein are not desi gned and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera . customers using or selli ng these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages result ing from such improper use or sale. fr2a-au~fr2j-au page . 5 stad-mar.03.2009 1


▲Up To Search▲   

 
Price & Availability of FR2A-AUA200001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X