* all specifcations and photos are subject to change without notice. 261 intel ? core? 2 duo processor up to 2.33 ghz pcie x16 slot power fan embedded system featuring socket m intel ? core?2 duo processor up to 2.33 ghz and pcie x16 slot socket m intel ? core?2 duo/ core? duo/ celeron ? m processor up to 2.33 ghz intel ? 945gme + ich7m/-dh chipset supports 1 pcie x16 slot high performance with full feature i/o supports 6 usb 2.0 ports and 4 com ports supports dual 10/100/1000mbps ethernet ports supports dual ieee 1394a ports one 2.5 sata hdd drive bay packing list ordering information power protection 1 x quick manual 1 x driver cd 1 x screw pack 4 x foot pad 4 x hdd anti-vibration damper standard EBOX832-831 embedded system supports socket m for intel ? core?2 duo/ core? duo/ celeron ? m processor, 4 com, 6 usb and pcie slot, ac-in atx 250w p/s optional 2.5 sata hdd 2.5 sata sdd ddr2 dimm power cord 20 gb or above 4 gb or above 256 mb ~ 2 gb *specifcations and certifcations are based on options and may vary. ac version ovp (over voltage protection) scp (short circuit protection) features specifcations standard color silver-black construction aluminum extrusion and heavy-duty steel, ip30 cpu socket m for intel ? core?2 duo/ core? duo/ celeron ? m processor up to 2.33 ghz system memory 2 x 240-pin ddr2 dimm max. up to 4 gb (the actual max capacity will be less depending on system confguration.) chipset intel ? 945gme + ich7m/-dh bios phoenix-award 4mbit with rpl / pxe lan boot rom smartview and customer cmos backup system i/o outlet 3 x rs-232 (com 2/3/4) 1 x rs-232/422/485 (com 1) 1 x vga 2 x ieee 1394a 2 x audio (mic-in/line-out) 2 x ps/2 keyboard/mouse 2 x 10/100/1000mbps ethernet 6 x usb 2.0 1 x vac 100 ~ 240 power input connector watchdog timer 255 levels, 1 ~ 255 sec. storage 1 x 2.5 sata hdd drive bay expansion interface 1 x pcie x16 slot system indicator 1 x green led for system power-on 1 x orange led for hdd active power supply ac90 ~ 264v, 250w power supply (with fan) operating temperature 0c ~ +45c (32f ~ 113f) (with w.t. hdd) storage temperature -20c ~ +80c (-4f ~ +176f) humidity 10% ~ 90%, non-condensing vibration endurance 1 grms with hdd (5 ~ 500 hz,x,y,z directions) dimensions 300 mm (11.81") (w) x 210 mm (8.27") (d) x 104.5 mm (4.11") (h) weight (net/gross) 6.3 kg (13.89 lb)/8 kg (17.64 lb) certifcation ce, en60950 compliance eos support n/a *w.t.: wide temperature. all w.t. supported products have to be sorted by axiomtek. **xpe: windows ? xp embedded low power ip30 en60950 dimensions EBOX832-831 front view rear view
|