Part Number Hot Search : 
TR3000 P410003 2SK122 CPC1317 IS42S 15A02 40031AIL 2SA106
Product Description
Full Text Search
 

To Download DW-04-09-F-T-450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dw?12?12?l?q?400 zw?06?10?g?t?450?230 hw?14?08?g?s?400?100 www.samtec.com specifications specify lead style from chart board stacker dw, ew, zw & hw series f-209-1 mates with: ssw, ssq, esw, esq, ces, slw, bsw, bcs, ssm, idss, idsd, hle type strip no. pins per row stacker height plat ing option row op tion other options ??xxx? = stacker height lead style stacker height (5,08) .200 min ?s = single row ?d = double row ?t = triple row ?q = double row .200" (5,08mm) row space overall length (oal) stacker height post (0,00).000 min tail (1,40) .055 min ? 07 ? 08 ? 09 ?10 ?11 ?12 ?13 ?14 ?15 ?16 ?17 ?19 oal (10,92).430 (13,46).530 (18,54) .730 (21,08) .830 (23,62) .930 (26,16) 1.030 (31,24) 1.230 (36,32) 1.430 (16,00) .630 (11,30) .445 (12,19) .480 (33,78) 1.330 (28,70) 1.130 dw = (2,79mm) .110" tail ew = (8,38mm) .330" tail (8,38) .330 (2,79) .110 zw = custom tail tail length hw = high temp custom tail 01 thru 50 tail length (2.54) .100 x no. of positions (5,08) .200 50 02 100 01 03 01 99 (2.54) .100 01 (2.54) .100 (2.54) .100 (0,64) .025 sq typ 150 148 (2.54) .100 (5,08) .200 (7,52) .296 ?f = gold ? ash on contact, matte tin on tail ?l = 10" (0,25m) gold on contact area of longer tail, matte tin on tail ?g = 10" (0,25m) gold on contact area of longer tail, gold ? ash on balance ?t matte tin ??xxx?? = polarized specify omitted pin position ??xxx? = zw or hw tail length zw or hw tail length (1,40) .055 min ?ll = locking lead (shortest dimension between the tail and the post is the end that will be crimped. available on tails from (2,29) .090" to (7,87) .310" only.) single row, 01 & 02 positions & ?q row not available for complete speci cations see www.samtec.com?dw, www.samtec.com?ew or www.samtec.com?zw dw, ew, zw insulator material: black glass filled polyester terminal material: phosphor bronze plating: au or sn over 50? (1,27?) ni operating temp range: -55? to +125? with gold -55? to +105? with tin rohs compliant: ye s processing: lead?free solderable: wave only for complete speci cations see www.samtec.com?hw hw same as zw except: insulator material: natural liquid crystal polymer rohs compliant: ye s processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead?free solderable: ye s lead style ? 20 through t/ h hole board stacking bo a rd spa c e so c ke t pro file po st sta c ker heig h t o v era ll th ru ho le pin (o a l) ta il ?q* = same as -t except middle row of pins missing. ?s ?d ?t or ?q* specifications note: other gold plating options available. contact samtec.


▲Up To Search▲   

 
Price & Availability of DW-04-09-F-T-450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X