Part Number Hot Search : 
D112E XB501C ST2604B XC402 VDL1518 2SC3166 NJM2193M SUP70N
Product Description
Full Text Search
 

To Download DF1501S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  glass passivated type reverse v oltage: 50 - 1000 volts forward current: 1.5 amp df15005s thru df1510s features ideal for surface mount applications easy pick and place plastic package has underwriters lab. flammability classification 94v-0 low forward voltage drop glas passivated junction mechanical data case: molded plastic, df-s t erminals: solderable per mil-std-750, method 2026 polarity: marked on body mounting position: any approx. weight:1.0 gram smd g enenal purpose bridge rectifier smd g enenal purpose bridge rectifier www.com chip.co m.tw c o m c h ip c o m c h ip parameter max. repetitive peak reverse voltage max. dc blocking voltage max. rms v oltage peak surge forward current 8.3ms single half sine-wave superimposed on rate load ( jedec method ) max. average forward current max. instantaneous forward current at 1.5 a max. dc reverse current at rated dc blocking voltage ta=25 ta=125 max. thermal resistance (note 1) operating junction t emperature storage t emperature symbol v rrm v dc v rms i fsm i o v f i r r ja t j t stg maximum ratings and electrical characterics unit v v v a a v ua mds0301001a page 1 note 1: thermal resistance from junction to ambient. 50 5035 1000 1000 700 600 600420 400 400280 100 100 70 50 1.5 1.1 -55 to +150 10 500 -55 to +150 800 800560 200 200140 40 c/w c c c c dimension in inches and (millimeters) df-s 0.039(1.0) 0.205(5.2) 0.197(5.0) 0.347(8.8) 0.322(8.2) 0.134(3.4) 0.118(3.0) - + - + ~ ~ ~ ~ 0.047(1.2) 0.255(6.5) 0.245(6.2) 0.310(7.9) 0.290(7.4) 0.013(0.33) 0.003(0.08) 0.425(10.8) 0.400(10.2) 0.60(1.5) 0.40(1.0) df15005s DF1501S df1502s df1504s df1506s df1508s df1510s
rating and characteristic curves (df15005s thru df1510s) www.com chip.co m.tw c o m c h ip c o m c h ip mds0302001a page 2 smd g enenal purpose bridge rectifier smd g enenal purpose bridge rectifier fig. 4 - curren t de rating curve a v e r a g e f o r w a r d c u r r e n t ( a ) f o r w a r d c u r r e n t ( a ) forw ard vol tage ( v) fig.2 - fo rward c harac terist ics p e a k s u r g e f o r w a r d c u r r e n t ( a ) fig. 3 - non re petiti ve forw ard su rge cur rent 0 10 20 50 40 30 1 5 10 50 1 00 number of cycles at 60hz single phase half wave 60hzresistive or inductive load ambient t emperature ( c) tj=25 c 8.3ms single half sine wave jedec methode fig. 1 - rev erse ch aract eristi cs r e v e r s e c u r r e n t ( u a ) percent of rated peak reverse v oltage (%) 0 20 40 60 80 100 120 140 100 10 1.0 0.10.01 tj=25 c 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 10 1.0 0.10.01 0 25 50 75 100 125 150 175 2.1 1.81.5 1.2 0.9 0.6 0.3 0 0.1 1.0 10 100 fig. 5 - typica l juction c apac itanc e c a p a c i t a n c e ( p f ) 100 10 1 reverse voltage (v)


▲Up To Search▲   

 
Price & Availability of DF1501S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X