Part Number Hot Search : 
CM1723 74HC126 LC260WX2 RXB11 EPA240B SMR10110 SMR10110 BGY36
Product Description
Full Text Search
 

To Download DBC-2-X-2-2-N-2-X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dicon fiberoptics, inc. 1689 regatta blvd. richmond, ca 94804 tel. (510)620-5000 fax. (510)620-4100 www.diconfiber. com 

  
   
  0043a 
 1 

   
  units: mm 3.05 62.0 2.54 47.0 51.0 loose tube package bare fiber package   

 dbc - - - - - - tap ratio 11% 22% 55% 10 10% 20 20% 30 30% 40 40% 50 50% passband 13/15 1270 - 1350 nm & 1510 - 1590 nm x specify value grade 1 premium 2 standar 2 2x2 d port configuration 1 1x2 connector type fc fc/spc fc/apc fc/apc fc/upc fc/upc sc sc/spc sc/apc sc/apc sc/upc sc/upc st st/spc st/upc st/upc lc lc/spc lc/upc lc/upc mu/upc mu/upc n none fiber jacket 2 250 micron, 200 kpsi bare fiber 9l 900 micron, loose tube pigtail length 1 1 meter x specify x meters - grade uniformity directivity back-reflection thermal stability fiber type operating temperature storage temperature 50 db min. (for 1 x 2) 60 db min. (for 2 x 2) -50 db max. (for 1 x 2) -60 db max. (for 2 x 2) 0.002 db/ 0 c max. 9/125 corning smf-28 -40 0 c to + 70 0 c -40 0 c to + 85 0 c 1. all specifications r 2. for 50/50 coupler only. eferenced without connectors. premium 0.8 db max. standard 1.2 db max. 2 

 standard 0.25 0.25 0.25 0.25 0.25 0.2 0.2 premium 0.25 0.25 0.25 0.25 0.25 0.2 0.15 tap ratio 1% 2% 5% 10% 20% 30% 40% premium 0.3 0.3 0.4 0.6 1.2 1.9 2.7 standard 0.4 0.4 0.5 0.8 1.4 2.1 2.9 premium 23.5 19.8 15.2 11.8 7.9 6.0 4.7 insertion loss p1 insertion loss p2 pdl standard 24 21 18 12.7 8.4 6.4 5 0.2 0.15 50% 3.6 3.9 3.6 3.9 dicon?s dual window broadband coupler is a compact low loss singlemode component designed for splitting power signals in the 1550 nm and 1310 nm windows.    low insertion loss  low pdl  low wavelength dependence loss  tested to telecordia gr-1221 (bare fiber version) 
 dual window broadband couplers are designed for use in telecommunication equipment, catv networks, and test equipment. these components are available individually or integrated into dicon?s modules for fiber protection switching, mux/dmux, optical channel monitoring, and add/drop multiplexing applications. 

  
   
  specifications subject to change. copyright ?2001 dicon fiberoptics, inc. all rights reserved.  !"


▲Up To Search▲   

 
Price & Availability of DBC-2-X-2-2-N-2-X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X