Part Number Hot Search : 
245DW CX24171 218500P G1200 KA78TXX SU169 5KP70A 01M18
Product Description
Full Text Search
 

To Download CR0201-FV-8552ELF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bourns ? chip resistors & arrays short form catalog
chip resistors th ere are four series of chip resistors: ? cr model off ers 1 % and 5 % tolerance for values from 1 ohm to 10m ohms ? crh model off ers 1 % tolerance for values from 1.02m ohms to 10m ohms ? crl model off ers 1 % and 5 % tolerance for values from .010 ohms to 9.1 ohms ? crp model off ers 0.1 % tolerance for values from 100 ohms to 360k ohms cr bourns, inc. off ers a broad range of chip resistor packages at competitive prices: ? cr0201 j and f ? cr0402 j and f ? cr0603 j and f ? cr0805 j and f ? cr1206 j and f ? cr2010 j and f ? cr2512 j and f standard packaging is 5k/reel (0603-1206 sizes), but 10k/reel is available as an option with g suffi x. available in rohs compliant versions. crl: low value (5 % or 1 %, < 1 w) ? crl0603 j & f ? crl0805 j & f ? crl1206 j & f ? crl2010 j & f ? crl2512 j & f crh: high value (1 %, < 1 w) ? crh0603 f ? crh0805 f ? crh1206 f crp: precision value (0.1 %, < 0.25 w) ? crp0603 b ? crp0805 b ? crp1206 b crl2512 crh1206 cr0805 cr0603
chip resistors summary available types: ? th ick-film chip resistors cr ? crl (low value) ? crh (high value) ? crp (precision value) available ranges: ? 5 % in e24 series ? 1 % in e96 + e24 series chip resistors: 1 %, 100 ppm/oc 5 %, 200 ppm/oc cr0201-fx cr0201-jw cr0402-fx cr0402-jw cr0603-fx cr0603-jw cr0805-fx cr0805-jw cr1206-fx cr1206-jw cr2010-fx cr2010-jw cr2512-fx cr2512-jw chip resistor lab kits are available. packaging: tape and reel applications: bourns off ers seven sizes of chip resistors for most market requirements.
how to order cr 0201 - f w - 8252 e lf chip resistor size ? 0201 / 0402 / 0603 / 0805 / 1206 / 2010 / 2512 ? h0603 / h0805 / h1206 (h = high value) ? l0603 / l0805 / l1206 / l2010 / l2512 (l = low value) ? p0603 / p0805 / p1206 (p = precision value) resistance tolerance ? b = 0.1 % (for precision series) ? j = 5 % ? g = 2 % (for ultra-low series) ? f = 1 % tcr (ppm/c) ? x = 100 with f tolerance only 10 to 1m ohms ? i = -250 to +500 with zero-ohm jumpers only ? w = 250 with f and j ? w = 200 (0.05 to 9.1 ohms) for crl ? v = 400 (0.03 to 0.04 ohm) for crl ? u = 600 (0.01 to 0.02 ohm) for crl ? z = 50 (for precision series) resistance value ? f = 1 % three signi? cant digits; 4th digit is number of zeroes following. < 100 ohms, 24r3 = 24.3 ohms > 100 ohms, 8252 = 82.5k ohms ? j = 5 % two signi? cant digits; 3rd digit is number of zeroes following. < 100 ohms, 24r3 = 24.3 ohms > 100 ohms, 474 = 470k ohms packaging ? e = paper tape (5,000 pieces) on 7 plastic reels ? e = embossed plastic tape (4,000 pieces) on 7 plastic reels for 2010 and 2512 terminations ? lf = tin-plated (lead free) crl2512
cat25 chip arrays summary available types: ? th ick-film chip resistor arrays available ranges: ? 5 % in e24 series ? 1 % in e96 + e24 series chip arrays: cat10, cat16, cat25 cay10, cay16, cay17 5 % and 1 % 5 % and 1 % chip arrays lab kits for cat16 and cay16 are available. packaging: tape and reel applications: bourns off ers seven sizes of chip resistor arrays for most market requirements with bussed and isolated circuits. chip arrays ? cay termination (convex) - cay10, cay16, cay17 ? cat termination (concave) - cat10, cat16, cat25 ? 2, 4 or 8 resistor arrays cay10-j2 cat10-j4 cay16 cay10 cay17 chip arrays convex terminals cay16-j4, f4, j8 (1206/1506) cat16-j4, f4, j8 (1206/1506) cat10-j4 (0804) cat17 (1206) cat16-j2, f2 (0606) cat10-j2 (0404) cay10-j4 (0804) cay17 (1206) cay16-j2 (0606) cay10-j2 (0404) chip arrays concave terminals
chip arrays summary bourns model density package size (eia) package size (metric - mm) cat10-j4 0402 x 4 0804 2.0 x 1.0 cat16-j2 0603 x 2 0606 1.6 x 1.6 cat16-j4 0603 x 4 1206 3.2 x 1.6 cat16-j8 0603 x 8 2506 6.4 x 1.6 cat25 0804 x 4 1608 4.0 x 2.1 cay10-j2 0402 x 2 0404 1.0 x 1.0 cay10-j4 0402 x 4 0804 2.0 x 1.0 cay16-j2 0603 x 2 0606 1.6 x 1.6 cay16-j4 0603 x 4 1206 3.2 x 1.6 cay16-j8 0602 x 8 1506 3.8 x 1.6 cay17 0603 x 5 1206 3.2 x 1.6 how to order ca t 10 - 103 j 4 lf chip arrays type ? t = concave ? y = convex (cay10/16/17) model ? 10 = 0804 package size ? 16 = xx06 ? 17 = 1206 ? 25 = 1608 resistance code ? 103 = 10k ohms (two signi? cant digits; 3rd digit is number of zeroes following.) ? 000 = zero-ohm jumper resistance tolerance ? j= 5 % ? f= 1 % resistors qunatity ? 4 = 4 resistors ? 2 = 2 resistors (for cay10 models) ? 8 = 8 resistors (for cay16/cat16 models) ? a = 8 resistors (for cat25) ? a = common from terminal 5 to 10 (cay17) ? b = common from terminal 1 to 6 (cay17) terminations ? lf = tin-plated (lead free) note: cat16 available as j2, f4, j4, f8, j8; cay16 available as j2, f4, j4, j8. cat10-103-j4
chip array vs dip package chip array ? ceramic has protective coating on top ? terminate to metallization on ceramic ? low power dip package ? ceramic covered with molding ? terminate to pins connected to ceramic ? higher power rating than chip array chip resistor and chip array applications ? test equipment ? consumer electronics ? appliances ? telecommunications ? hand-held electronics ? offi ce equipment ? industrial equipment ? small signal instrumentation ? dc/dc converters in power modules
worldwide sales o? ces country phone fax benelux: +41 (0)41 768 5555 +41 (0)41 768 5510 brazil: +55 11 5505 0601 +55 11 5505 4370 china: +86 21 64821250 +86 21 64821249 france: +33 (0)2 5473 5151 +33 (0)2 5473 5156 germany: +49 (0)69 800 78212 +49 (0)69 800 78299 ireland/uk: +44 (0)1276 691087 +44 (0)1276 691088 italy: +41 (0)41 768 5555 +41 (0)41 768 5510 japan: +81 49 269 3204 +81 49 269 3297 malaysia (kl offi ce): +60 3 71183138 +60 3 71183139 malaysia (penang offi ce): +60 4 6581771 +60 4 6582771 singapore: +65 63461933 +65 63461911 switzerland: +41 (0)41 768 5555 +41 (0)41 768 5510 taiwan: +886 2 25624117 +886 2 25624116 uk/ireland: +44 (0)1276 691087 +44 (0)1276 691088 usa: +1-951-781-5500 +1-951-781-5006 non-listed european countries: +41 (0)41 768 5555 +41 (0)41 768 5510 technical assistance region phone fax asia-pacifi c: +886 2 25624117 +886 2 25624116 europe: +41 (0)41 768 5555 +41 (0)41 768 5510 north america: +1-951-781-5500 +1-951-781-5700 www.bourns.com bourns? products are available through an extensive network of manufacturers representatives, agents and distributors. to obtain technical applications assistance, a quotation, or to place an order, contact a bourns representative in your area. specifi cations subject to change without notice. actual performance in specifi c customer applications may diff er due to the infl u- ence of other variables. customers should verify actual device performance in their specifi c applications. bourns is a registered trademark of bourns, inc. in the u.s. and other countries. copyright? 2006, bourns, inc. ? litho in u.s.a. ? wag ? 07/06 ? 10m/n0610 reliable electronic solutions


▲Up To Search▲   

 
Price & Availability of CR0201-FV-8552ELF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X