beaconled 25mm screw based lamps; page 2, series bbl513, bbl504, bbl508 beaconled a 25mm edison screw based lamps direct incandescent replacement -- up to 90% energy savings ideal for use with alternate or renewable energy resources like solar & wind power major energy reduction, reduces light pollution, "dark skies" initiative friendly custom option: for qualified applications & large quantity orders e27 european screw base bbl513 e 27mm e27 european screw base (compared to standard s100 edison screw base) 25mm beaconled 25mm medium screw, edison base series bbl513 u.s. patent no. 405,201 part number led color input voltage current i f (ma) typ intensity per led i v (mcd) typ total lumens (24 leds) l p (nm) power (watts) bbl513-01-01 red 24v bp 40 4000 36 lm 633 0.96 bbl513-02-01 orange 40 3200 612 0.96 bbl513-03-01 green 60 12,750 57 lm 525 1.4 bbl513-04-01 yellow 40 4100 26 lm 595 0.96 bbl513-05-01 blue 60 2775 17 lm 470 1.4 bbl513-06-01 white 60 7300 38 lm 8000k 1.4 bbl513-01-02 red 120vac 20 4000 36 lm 633 2.4 bbl513-02-02 orange 20 3200 612 2.4 bbl513-03-02 green 15 12,750 57 lm 525 1.8 bbl513-04-02 yellow 20 4100 26 lm 595 2.4 bbl513-05-02 blue 15 2775 17 lm 470 1.8 bbl513-06-02 white 15 7300 38 lm 8000k 1.8 custom option: bbl504 e e27 european screw base see above beaconled 25mm medium screw edison base series bbl504 u.s. patent no. 405,201 part number led color input voltage current i f (ma) typ intensity per led i v (mcd) typ total lumens (48 leds) l p (nm) power (watts) bbl504-01-01 red 24v bp 120 4000 73 lm 633 2.88 bbl504-02-01 orange 120 3200 612 2.88 bbl504-03-01 green 100 12,750 114 lm 525 2.4 bbl504-04-01 yellow 120 4100 52 lm 595 2.88 bbl504-05-01 blue 100 2775 35 lm 470 2.4 bbl504-06-01 white 100 7300 77 lm 8000k 2.4 bbl504-01-02 red 120vac 15 3000 55 lm 633 1.8 bbl504-02-02 orange 15 2400 612 1.8 bbl504-03-02 green 12 10,200 91 lm 525 1.44 bbl504-04-02 yellow 15 3075 39 lm 595 1.8 bbl504-05-02 blue 12 2775 28 lm 470 1.44 bbl504-06-02 white 12 5850 62 lm 8000k 1.44
continued from previous page custom option: bbl508 e e27 european screw base see above beaconled 25mm medium screw edison base series bbl508 u.s. patent no. 405,201 part number led color input voltage current i f (ma) typ intensity per led i v (mcd) typ total lumens (96 leds) l p (nm) power (watts) bbl508-01-01 red 24v bp 240 4000 146 lm 633 5.8 bbl508-02-01 orange 240 3200 612 5.8 BBL508-03-01 green 190 12,750 228 lm 525 4.6 bbl508-04-01 yellow 240 4100 105 lm 595 5.8 bbl508-05-01 blue 190 2775 70 lm 470 4.6 bbl508-06-01 white 190 7300 154 lm 8000k 4.6 bbl508-01-02 red 120vac 30 3000 110 lm 633 3.6 bbl508-02-02 orange 30 2400 612 3.6 bbl508-03-02 green 24 10,200 182 lm 525 2.88 bbl508-04-02 yellow 30 3075 78 lm 595 3.6 bbl508-05-02 blue 24 2775 56 lm 470 2.88 bbl508-06-02 white 24 5850 123 lm 8000k 2.88 specifications subject to change without notice all dc voltage lamps are bipolar (bp) 23105 kashiwa ct, torrance, ca 90505 - ph: (800) 579-4875/(310) 534-1505 - fax: (310) 534-1424 ? copyright 1997-2003 ledtronics, inc. all rights reserved - contact webmaster@ledtronics.com
|