Part Number Hot Search : 
1040C BD3861FS SM7012 MP1060 MCU401 MIC502 MP171GS 0603C10
Product Description
Full Text Search
 

To Download B65812P2203X000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
2 06/11 please read cautions and warnings and  important notes at the end of this document. to iec 62317-4 cores without center hole  for transformer applications delivery mode: sets magnetic characteristics (per set) approx. weight (per set) gapped with  center hole without  center hole  l / a  l e  a e  a min  v e 0.68  35.1  52   1825 0.59  38  64  55  2430 mm C1  mm  mm 2  mm 2  mm 3 m 10.7 12 g material a l value    nh s  approx.  mm  e ordering code 1)  -d with center hole  -f with threaded sleeve  -j without center hole n48 250  3% 0.23 134 b65811+0250a048 315  3% 0.17 169 b65811+0315a048 400  3% 0.14 215 b65811+0400a048 630  5% 0.10 338 b65811+0630j048 n41 160  3% 0.49 76 b65811j0160a041 250  5% 0.24 118 b65811j0250j041 630  5% 0.11 298 b65811j0630j041 1600  10% 0.04 756 b65811j1600k041 n87 250  3% 0.30 118 b65811j0250a087 400  3% 0.18 189 b65811j0400a087 1) replace the + by the code letter f or d for the required version. standard version is d. b65811 core rm 8
3 06/11 please read cautions and warnings and  important notes at the end of this document. ungapped material a l value   nh  e p v   w/set ordering code  -d with center hole  -j without center hole n48 2900 +30/C20% 1550 b65811d0000r048 n30 5700 +30/C20% 2690 b65811j0000r030 t38 12500 +40/C30% 5910 b65811j0000y038 n49 2200 +30/C20% 1040 < 0.37 ( 50 mt, 500 khz, 100  c) b65811j0000r049 n87 3300 +30/C20% 1560 < 1.20 (200 mt, 100 khz, 100  c) b65811j0000r087 n97 3300 +30/C20% 1560 < 1.00 (200 mt, 100 khz, 100  c) b65811j0000r097 n41 4100 +30/C20% 1940 < 0.37 (200 mt, 25 khz, 100  c) b65811j0000r041 b65811 core rm 8
4 06/11 please read cautions and warnings and  important notes at the end of this document. coil former, squared pins material: gfr thermosetting plastic (ul 94 v-0, insulation class to iec 60085:  h max. operating temperature 180  c), color code black  sumikon pm 9630 ?  e41429 (m) , sumitomo bakelite co ltd solderability: to iec 60068-2-20, test ta, method 1 (aging 3): 235  c, 2 s resistance to soldering heat: to iec 60068-2-20, test tb, method 1b: 350  c, 3.5 s winding: see data book 2007, chapter processing notes, 2.1 for matching clamp and insulating washers see page 8. sections a n  mm 2 l n  mm a r value  
pins ordering code 1 30 42 47 5 b65812n1005d001 8 b65812n1008d001 12 b65812n1012d001 2 28.4 42 50 5 b65812n1005d002 version pins omitted 5 pins  8 pins 3, 4, 6, 7, 9, 10, 12  3, 4, 9, 10 b65812 accessories rm 8
5 06/11 please read cautions and warnings and  important notes at the end of this document. coil former, pins squared in the start-of-winding area material: gfr thermosetting plastic (ul 94 v-0, insulation class to iec 60085:  h max. operating temperature 180  c), color code white  bakelite up 3420 ?  e61040 (m) , hexion specialty chemicals gmbh solderability: to iec 60068-2-20, test ta, method 1 (aging 3): 235  c, 2 s resistance to soldering heat: to iec 60068-2-20, test tb, method 1b: 350  c, 3.5 s winding: see data book 2007, chapter processing notes, 2.1 for matching clamp and insulating washers see page 8. sections a n  mm 2 l n  mm a r value  
pins ordering code 1 30 42 47 5 b65812p1005d001 8 b65812p1008d001 12 b65812p1012d001 2 28.4 42 50 8 b65812p1008d002 hole arrangement  view in mounting direction 12 pins version pins omitted 5 pins  8 pins 3, 4, 6, 7, 9, 10, 12  3, 4, 9, 10 b65812 accessories rm 8
6 06/11 please read cautions and warnings and  important notes at the end of this document. coil former for smps transformers with line isolation the creepage distances and clearances are designed such that the coil former is suitable for use in smps transformers with line isolation. closed center flange with external wire guide pins squared in the start-of-winding area optimized for use with automatic winding machines material: gfr thermosetting plastic (ul 94 v-0, insulation class to iec 60085:  f max. operating temperature 180  c), color code black  sumikon pm 9630 ?  e41429 (m) , sumitomo bakelite co ltd solderability: to iec 60068-2-20, test ta, method 1 (aging 3): 235  c, 2 s resistance to soldering heat: to iec 60068-2-20, test tb, method 1b: 350  c, 3.5 s winding: see data book 2007, chapter processing notes, 2.1 sections a n  mm 2 l n  mm a r value  
pins ordering code 2 28.4 42 50 8 b65812s1108d002 hole arrangement  view in mounting direction b65812 accessories rm 8
7 06/11 please read cautions and warnings and  important notes at the end of this document. coil former for power applications optimized for automatic winding material: gfr polyterephthalate (ul 94 v-0, insulation class to iec 60085:  f max. operating temperature 155  c), color code black  valox 420-se0 ?  e45329 (m) , ge plastics bv solderability: to iec 60068-2-20, test ta, method 1 (aging 3): 235  c, 2 s resistance to soldering heat: to iec 60068-2-20, test tb, method 1b: 350  c, 3.5 s winding: see data book 2007, chapter processing notes, 2.1 for matching clamp and insulating washer 1 see page 8. sections a n  mm 2 l n  mm a r value  
pins ordering code 1 30 42 47 12 b65812c1512t001 hole arrangement  view in mounting direction  (note half pitch!) ground ? 1.3+0.1 marking of pin 1 b65812 accessories rm 8
8 06/11 please read cautions and warnings and  important notes at the end of this document. clamp with ground terminal, made of stainless spring steel (tinned), 0.4 mm thick solderability to iec 60068-2-20, test ta, method 1 (aging 3): 235  c, 2 s also available as strip clamp on reels on request insulating washer 1 between core and coil former for tolerance compensation and for insulation made of polyarylate film (ul 94 v-0, insulation class to iec 60085: e 120  c), 0.08 mm thick  aryphan f685,  e167358 (m) , natural color, lofo high tech film gmbh insulating washer 2 for double-clad pcbs made of polycarbonate (ul 94 v-0, insulation class to iec 60085: e 120  c), 0.25 mm thick  makrofol fr,  e118859 (m) , natural color, bayer materialscience ag clamp ordering code clamp (ordering code per piece, 2 are required) b65812a2203x000 insulating washer 1 (reel packing, pu = 1 reel) b65812a5000x000 insulating washer 2 (bulk) b65812c2005x000 frm0105-8 0.1 +0.2 _ 14.9 13.6 +0.2 0.1 _ +0.1 0.2 4.5 _ 4.8 max. 0.7x0.4 0.7 _ 0.2 0.7 0.2 _ insulating washer 1 insulating washer 2 (preliminary data) b65812 accessories rm 8
9 06/11 please read cautions and warnings and  important notes at the end of this document. adjusting screw tube core with thread and core brake made of gfr polyterephthalate  pocan b3235 ?  e245249 (m) , lanxess ag tube core ordering code length (mm) material color code 3.85 5.0 n22 gray b65812b3003x022 b65812 accessories rm 8
10 06/11 please read cautions and warnings and  important notes at the end of this document. to iec 62317-4 for compact transformers without center hole delivery mode: sets magnetic characteristics (per set)  l / a = 0.44 mm C1  l e = 28.7 mm  a e = 64.9 mm 2  a min = 55.4 mm 2  v e = 1860 mm 3 approx. weight 9.2 g/set ungapped material a l value   nh  e p v   w/set ordering code n49 2900 +30/C20% 1020 < 0.33 ( 50 mt, 500 khz, 100  c) b65811p0000r049 n92 3100 +30/C20% 1090 < 1.10 (200 mt, 100 khz, 100  c) b65811p0000r092 n87 4100 +30/C20% 1440 < 0.92 (200 mt, 100 khz, 100  c) b65811p0000r087 b65811p core rm 8 ?low profile?
11 06/11 please read cautions and warnings and  important notes at the end of this document. clamp with ground terminal, made of stainless spring steel (tinned), 0.4 mm thick solderability to iec 60068-2-20, test ta, method 1 (aging 3): 235  c, 2 s also available as strip clamp on reels on request insulating washer 1 between core and coil former for tolerance compensation and for insulation made of polyarylate film (ul 94 v-0, insulation class to iec 60085: e 120  c), 0.08 mm thick  aryphan f685,  e167358 (m) , natural color, lofo high tech film gmbh insulating washer 2 for double-clad pcbs made of polycarbonate (ul 94 v-0, insulation class to iec 60085: e 120  c), 0.25 mm thick  makrofol fr,  e118859 (m) , natural color, bayer materialscience ag clamp ordering code clamp (ordering code per piece, 2 are required) B65812P2203X000 insulating washer 1 (reel packing, pu = 1 reel) b65812a5000x000 insulating washer 2 (bulk) b65812c2005x000 insulating washer 1 (preliminary data) insulating washer 2 b65812 accessories rm 8 ?low profile?
12 06/11 ferrites and accessories cautions and warnings mechanical stress and mounting ferrite cores have to meet mechanical requirements during assembling and for a growing number of applications. since ferrites are ceramic materials one has to be aware of their special behavior under mechanical load. just like any ceramic material, ferrite cores are brittle and sensitive to any shock, fast changing or tensile load. especially fast cooling rates under ultrasonic cleaning, high static and cyclic loads can cause cracks or failure of the ferrite cores. for detailed information see data book 2007, chapter "general - definitions, 8.1". effects of core combination on a l value stresses in the core affect not only the mechanical but also the magnetic properties. it is apparent that the initial permeability is dependent on the stress state of the core. the higher the stresses are in the core, the lower the value for the initial permeability. thus, the embedding medium should offer the greatest possible elasticity. for detailed information see data book 2007, chapter "general - definitions, 8.2". heating up ferrites can run hot during operation at higher flux densities and higher frequencies. nizn-materials the magnetic properties of nizn-materials can change irreversibly when exposed to strong magnetic fields. processing notes C the start of the winding process should be soft. otherwise, the flanges may be destroyed. C excessive winding forces may damage the flanges or squeeze the tube so that the cores can no longer be mounted. C excessive soldering time at high temperature (>300 c) may affect coplanarity or pin arrangement. C not following the processing notes for soldering of the j-leg terminals may cause solderability problems at the transformer because of contamination with tin oxide (sno) from the tin bath or burned insulation from the wire. for detailed information see data book 2007, chapter "processing notes, 2.2". C the dimensions of the pin hole arrangement are fixed and should be understood as an ideal recommendation for drilling the printed circuit board. in order to avoid problems when mounting the transformer, customers should make allowances for manufacturing tolerances in the drilling and pick-and-place processes by increasing the diameter of the pin holes.
13 06/11 important notes the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed . 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the general terms of delivery for products and services in the electrical industry published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, csmp, cssp, ctvs, deltacap, digisimic, dssp, miniblue, minicell, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: epcos: ? b65811d0000r048? b65812a2203x? b65812a5000x? b65812c2005x? b65811jr87? b65812c1512t1? b65812n1012d1? b65811d0000r097? b65811d0250a048? b65811d0315a048? b65811d0400a048? b65811d0630a048? b65811d0630j048? b65811f0250a041? b65811f0250a048? b65811f0315a048? b65811f0400a048? b65811f0630a048? b65811f0630j048? b65811j0000r030? b65811j0000r041? b65811j0000r048? b65811j0000r049? b65811j0000r097? b65811j0000y038? b65811j0160a041? b65811j0250a048? b65811j0250a087? b65811j0250j041? b65811j0315a048? b65812k1012d1? b65811j0400a048? b65811j0400a087? b65811j0630j041? b65811j0630j048? b65811j1600k041? b65811p0000r049? b65811p0000r087? b65811p0000r092? b65812x1108d002


▲Up To Search▲   

 
Price & Availability of B65812P2203X000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X