Part Number Hot Search : 
MC3479 CRCW0402 RT7274 120FIB 2SB824 374545 6KE400CA PC1188
Product Description
Full Text Search
 

To Download AME8810EEGTZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ame 1 ame8810 600ma cmos ldo rev.a.05 n typical application n functional block diagram l very low dropout voltage l guaranteed 600ma output l accurate to within 1.5% l 30 m a quiescent current l over-temperature shutdown l current limiting l short circuit current fold-back l space-saving sot-223 l factory pre-set output voltages l low temperature coefficient the ame8810 of positive, linear regulators feature low quiescent current (30 m a typ.) with low dropout voltage, making them ideal for battery applications. the space- saving sot-223 package is attractive for "pocket" and "hand held" applications. these rugged devices have both thermal shutdown, and current fold-back to prevent device failure under the "worst" of operating conditions. the ame8810 is stable with an output capacitance of 2.2 m f or greater. l instrumentation l portable electronics l wireless devices l cordless phones l pc peripherals l battery powered widgets l electronic scales n general description n features n applications overcurrent shutdown thermal shutdown amp gnd out in r1 r2 v ref =1.215v l all ame' s lead free products meet rohs standards 2.2 m f ame8810 out in c2 c1 1 m f in gnd out 5v
ame 2 600ma cmos ldo ame8810 rev.a.05 ? pin configuration sot-223 top view ame8810 1. gnd 2. v out 3. v in is the sole product of ame8810 family pls contact sales department if any other package or pin configuration is required. * die attach: non-conductive epoxy 13 2 ame8810 ? ordering information operating ambient temperature range ame8810 x x x x x number of pins package type product grade or option special feature a: 3.3v 1: 1.3v e: -40 o c to +85 o c g: sot-223 t: 3 z: lead free b: 3.0v 2: 2.0v c: 2.8v 3: 4.2v d: 2.5v 4: 4.0v e: 3.8v f: 3.6v g: 3.5v h: 2.7v i: 3.4v j: 2.85v k: 3.7v l: 1.5v m: 1.8v n: 2.9v o: 3.1v p: 4.1v q: 4.75v r: 2.65v s: 5.0v u: 3.2v v: 3.15v w: 2.3v y: 1.9v z: 1.7v special feature product grade or option operating ambient temperature range package type num ber of pins
ame 3 ame8810 600ma cmos ldo rev.a.05 n ordering information note: yww represents the date code. * a line on top of the first letter represents lead free plating such as adiyww. please consult ame sales office or authorized rep./distributor for output voltage and package type availability. part number marking* output voltage package operating ambient temperature range ame8810aegt adiyww 3.3v sot-223 - 40 o c to +85 o c ame8810aegtz adiyww 3.3v sot-223 - 40 o c to +85 o c ame8810begt adjyww 3.0v sot-223 - 40 o c to +85 o c ame8810begtz adjyww 3.0v sot-223 - 40 o c to +85 o c ame8810cegt adkyww 2.8v sot-223 - 40 o c to +85 o c ame8810cegtz adkyww 2.8v sot-223 - 40 o c to +85 o c ame8810degt adlyww 2.5v sot-223 - 40 o c to +85 o c ame8810degtz adlyww 2.5v sot-223 - 40 o c to +85 o c ame8810eegt admyww 3.8v sot-223 - 40 o c to +85 o c AME8810EEGTZ admyww 3.8v sot-223 - 40 o c to +85 o c ame8810fegt adnyww 3.6v sot-223 - 40 o c to +85 o c ame8810fegtz adnyww 3.6v sot-223 - 40 o c to +85 o c ame8810gegt adoyww 3.5v sot-223 - 40 o c to +85 o c ame8810gegtz adoyww 3.5v sot-223 - 40 o c to +85 o c ame8810hegt aekyww 2.7v sot-223 - 40 o c to +85 o c ame8810hegtz aekyww 2.7v sot-223 - 40 o c to +85 o c ame8810iegt aesyww 3.4v sot-223 - 40 o c to +85 o c ame8810iegtz aesyww 3.4v sot-223 - 40 o c to +85 o c ame8810jegt agvyww 2.85v sot-223 - 40 o c to +85 o c ame8810jegtz agvyww 2.85v sot-223 - 40 o c to +85 o c
ame 4 600ma cmos ldo ame8810 rev.a.05 n ordering information (contd.) part number marking* output voltage package operating ambient temperature range ame8810kegt ahxyww 3.7v sot-223 - 40 o c to +85 o c ame8810kegtz ahxyww 3.7v sot-223 - 40 o c to +85 o c ame8810legt ajfyww 1.5v sot-223 - 40 o c to +85 o c ame8810legtz ajfyww 1.5v sot-223 - 40 o c to +85 o c ame8810megt ajgyww 1.8v sot-223 - 40 o c to +85 o c ame8810megtz ajgyww 1.8v sot-223 - 40 o c to +85 o c ame8810negt akwyww 2.9v sot-223 - 40 o c to +85 o c ame8810negtz akwyww 2.9v sot-223 - 40 o c to +85 o c ame8810oegt akxyww 3.1v sot-223 - 40 o c to +85 o c ame8810oegtz akxyww 3.1v sot-223 - 40 o c to +85 o c
ame 5 ame8810 600ma cmos ldo rev.a.05 n absolute maximum ratings n recommended operating conditions caution: stress above the listed absolute maximum rating may cause permanent damage to the device. *hbm b:2000v~3999v parameter maximum unit input voltage 8 v output current 1 a input, output voltage gnd - 0.3 to v in + 0.3 v esd classification b* n thermal information parameter package die attach symbol maximum unit thermal resistance* (junction to case) non-conductive epoxy q jc 31 o c / w thermal resistance (junction to ambient) non-conductive epoxy q ja 135 o c / w internal power dissipation non-conductive epoxy p d 800 mw 150 o c 350 o c maximum junction temperature solder iron(10 sec)** sot-223 * measure q jc on backside center of tab. ** mil-std-202g 210f parameter symbol rating unit ambient temperature range t a - 40 to +85 o c junction temperature range t j - 40 to +125 o c
ame 6 600ma cmos ldo ame8810 rev.a.05 parameter symbol min typ max units input voltage v in note 1 7 v output voltage accuracy v o -1.5 1.5 % 1.3v<=v o(nom) <=1.4v 1900 1.4v= 4.0v -0.4 0.2 0.4 load regulation reg load 0.2 1 % over temperature shutdown ots 150 o c over temperature hysterisis oth 30 o c v o temperature coefficient tc 30 ppm/ o c f =100hz 60 f =1khz 50 f =10khz 20 see chart mv line regulation reg line i o =1ma v in =v o +1 to v o +2 % i o =1ma to 600ma v o >1.2v v o >1.2v v o <0.8v db psrr 30 m vrms i o =0ma test condition i o =1ma dropout voltage v dropout i o =600ma v o =v o(nom) -2.0% i o =1ma to 600ma power supply rejection output voltage noise en i o =100ma c o =2.2 m f f=10hz to 100khz i o =10ma,c byp =0 m f co=2.2 m f n electrical specifications ta = 25 o c unless otherwise noted note1: v in(min) =v out +v dropout note2: to prevent the short circuit current protection feature from being prematurely activated, the input voltage must be applied before a current source load is applied.
ame 7 ame8810 600ma cmos ldo rev.a.05 the ame8810 of cmos regulators contains a pmos pass transistor, voltage reference, error amplifier, over- current protection, and thermal shutdown. the p-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal pro- tection circuits. during normal operation, the error ampli- fier compares the output voltage to a precision reference. over-current and thermal shutdown circuits become ac- tive when the junction temperature exceeds 150 o c, or the current exceeds 600ma. during thermal shutdown, the output voltage remains low. normal operation is re- stored when the junction temperature drops below 120 o c. the ame8810 switches from voltage mode to current mode when the load exceeds the rated output current. this prevents over-stress. the ame8810 also incorpo- rates current foldback to reduce power dissipation when the output is short circuited. this feature becomes ac- tive when the output drops below 0.8 volts, and reduces the current flow by 65%. full current is restored when the voltage exceeds 0.8 volts. n detailed description n external capacitors the ame8810 is stable with an output capacitor to ground of 2.2 m f or greater. ceramic capacitors have the lowest esr, and will offer the best ac performance. con- versely, aluminum electrolytic capacitors exhibit the high- est esr, resulting in the poorest ac response. unfortu- nately, large value ceramic capacitors are comparatively expensive. one option is to parallel a 0.1 m f ceramic ca- pacitor with a 10 m f aluminum electrolytic. the benefit is low esr, high capacitance, and low overall cost. a second capacitor is recommended between the in- put and ground to stabilize vin. the input capacitor should be at least 0.1 m f to have a beneficial effect. all capacitors should be placed in close proximity to the pins. a "quiet" ground termination is desirable. this can be achieved with a "star" connection.
ame 8 600ma cmos ldo ame8810 rev.a.05 ground current vs. input voltage load step (1ma-600ma) drop out voltage vs. output voltage power supply rejection ratio line transient response safe operating area time (2ms/div) v o ( 1 m v / d i v ) v i n ( 1 v / d i v ) v indc =5.0v c l =2.2 m f p s r r ( d b ) 100ma 10ma 1ma 100 m a 100ma 100 m a c l =2.2 m f tantalum c byp =0 -80 -70 -60 -50 -40 -30 -20 -10 0 10 1k 100k frequency (hz) 10m g r o u n d c u r r e n t ( m a ) input voltage (v) 0 5 10 15 20 25 30 35 40 45 0 1 2 3 4 5 6 7 8 85 o c 25 o c tantalum time(20ms/div) c l =2.2 m f c in =2.2 m f output i load 0 i l ( 2 0 0 m a / d i v ) v o ( 5 m v / d i v ) output voltage (v) 1400 1200 1000 800 600 400 200 1 2 3 4 5 6 top to bottom i load =600ma i load =500ma i load =400ma i load =300ma i load =200ma i load =100ma d r o p o u t v o l t a g e ( m v ) 0 10 100 600 0 . 1 1 . 0 8 . 0 o u t p u t c u r r e n t ( m a ) input - output voltage differential ( v ) sot - 223 n characterization curve(for reference only)
ame 9 ame8810 600ma cmos ldo rev.a.05 short circuit response overtemperature shutdown current limit response noise measurement time (2ms/div) c load =2.2 m f c in =1 m f r load <100m w v o u t ( 1 v / d i v ) i o u t ( 2 0 0 m v / d i v ) i o u t ( 2 0 0 m a / d i v ) v o u t ( 1 v / d i v ) time (2ms/div) c load =2.2 m f c in =1.0 m f r load =3.3 w v outnom =3.3v v o u t ( 1 v / d i v ) i o u t ( 2 0 0 m a / d i v ) time (0.5sec/div) 0 0 r load =6.6 w time (20ms/div) v o ( 1 m v d i v ) c l =2.2 m f no filter n characterization curve(for reference only)
ame 10 600ma cmos ldo ame8810 rev.a.05 package carrier width (w) pitch (p) part per full reel reel size sot-223 12.00.1 mm 4.00.1 mm 2500pcs 3301 mm n tape and reel dimension carrier tape, number of components per reel and reel size sot-223 w p pin 1 ame ame
ame 11 ame8810 600ma cmos ldo rev.a.05 n package dimension sot-223 min max min max a 1 0.01 0.10 0.0004 0.0039 b 0.60 0.84 0.0236 0.0330 b 1 2.90 3.15 0.1140 0.1240 c 0.24 0.38 0.0094 0.0150 d 6.30 6.71 0.2480 0.2640 e 3.30 3.71 0.1299 0.1460 e f 1.40 1.80 0.0551 0.0709 h 6.70 7.30 0.2638 0.2874 q 0 o 10 o 0 o 10 o 2.30 bsc 0.0906 bsc millimeters inches symbols c 13 o ( 4 x ) top view side view c d b 1 h e e a 1 b 13 o ( 4 x ) front view f pin 1
life support policy: these products of ame, inc. are not authorized for use as critical components in life-support devices or systems, without the express written approval of the president of ame, inc. ame, inc. reserves the right to make changes in the circuitry and specifications of its devices and advises its customers to obtain the latest version of relevant information. ? ame, inc. , november 2008 document: 2006/2095-ds8810-a.05 corporate headquarter ame, inc. 2f, 302 rui-guang road, nei-hu district taipei 114, taiwan. tel : 886 2 2627-8687 fax: 886 2 2659-2989 www.ame.com.tw e-mail: sales@ame.com.tw


▲Up To Search▲   

 
Price & Availability of AME8810EEGTZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X