3 interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? round conductor flat cable 1.0 mm 28 awg stranded, pvc 3625 series ? 28 awg stranded conductors on 1 mm wire spacing is designed for mass termination to metric connectors ? stranded wire provides fexibility and extended product life ? zippable for branching or discrete termination ? see regulatory information appendix (ria) for chemical compliance information (ria e1 & c1 apply) date modifed: may 13, 2009 ts-0452-b sheet 1 of 2 physical insulation: material: polyvinyl chloride (pvc) color: gray marking: standard: none canadian option: awm 2651 105c 300v vw1 3m nu c awm ia 105c 300v ft1 eu <50v conductors: 28 awg, 7 36 awg [ 7 ? 0.127 ] tinned stranded copper electrical voltage rating: usa: 300v canada: 300v eu: <50v insulation resistance: (primary cable) > 1 10 10 /10 ft. [ 3 m ] characteristic impedance: unbalanced balanced 89 146 capacitance: 54.5 pf/m [ 16.6 pf/ft ] 32.2 pf/m [ 9.8 pf/ft ] inductance: 0.43 h/m [ 0.14 h/ft ] 0.68 h/m [ 0.21 h/ft ] propagation delay: 4.86 ns/m [ 1.48 ns/ft ] 4.69 ns/m [ 1.43 ns/ft ] velocity of propagation: 69% 71% note: unbalanced is measured between ground-signal-ground conductors. balanced is measured between signal conductors within a pair. environmental temperature rating: -20c to +105c flammability rating: usa: vw-1 canada: ft1 ul file no.: e42769, style no: 2651
3 interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? round conductor flat cable 1.0 mm 28 awg stranded, pvc 3625 series ts-0452-b sheet 2 of 2 ordering information 3625 / xx xx mm [inch] tolerance unless noted .0 .00 .000 inch .3 .13 [ ] dimensions for reference only note: available in standard 30 m or 100 m rolls, please specify when ordering. contact 3m for availability of additional conductor counts and/or custom roll lengths. note: red marking on one edge of cable designates wire #1. number of conductors (see table) blank = standard sf = splice free number of conductors 3m part number dimension a dimension b 06 3625/06 6.00 0.20 [ .236 ] 5.00 0.18 [ .197 ] 08 3625/08 8.00 0.20 [ .315 ] 7.00 0.18 [ .276 ] 10 3625/10 10.00 0.20 [ .394 ] 9.00 0.18 [ .354 ] 12 3625/12 12.00 0.20 [ .472 ] 11.00 0.18 [ .433 ] 14 3625/14 14.00 0.20 [ .551 ] 13.00 0.18 [ .512 ] 16 3625/16 16.00 0.22 [ .630 ] 15.00 0.20 [ .591 ] 18 3625/18 18.00 0.22 [ .709 ] 17.00 0.20 [ .669 ] 20 3625/20 20.00 0.22 [ .787 ] 19.00 0.20 [ .748 ] 22 3625/22 22.00 0.22 [ .866 ] 21.00 0.20 [ .827 ] 24 3625/24 24.00 0.22 [ .945 ] 23.00 0.20 [ .906 ] 26 3625/26 26.00 0.22 [ 1.024 ] 25.00 0.20 [ .984 ] 28 3625/28 28.00 0.22 [ 1.102 ] 27.00 0.20 [ 1.063 ] 30 3625/30 30.00 0.25 [ 1.181 ] 29.00 0.23 [ 1.142 ] 32 3625/32 32.00 0.25 [ 1.260 ] 31.00 0.23 [ 1.220 ] 34 3625/34 34.00 0.25 [ 1.339 ] 33.00 0.23 [ 1.299 ] 36 3625/36 36.00 0.25 [ 1.417 ] 35.00 0.23 [ 1.378 ] 38 3625/38 38.00 0.25 [ 1.496 ] 37.00 0.23 [ 1.457 ] 40 3625/40 40.00 0.25 [ 1.575 ] 39.00 0.23 [ 1.535 ] 42 3625/42 42.00 0.25 [ 1.654 ] 41.00 0.23 [ 1.614 ] 44 3625/44 44.00 0.25 [ 1.732 ] 43.00 0.23 [ 1.693 ] 46 3625/46 46.00 0.25 [ 1.811 ] 45.00 0.23 [ 1.772 ] 48 3625/48 48.00 0.25 [ 1.890 ] 47.00 0.23 [ 1.850 ] 50 3625/50 50.00 0.25 [ 1.969 ] 49.00 0.23 [ 1.929 ] a b 0 . 8 9 0 . 0 8 [ . 0 35 ] 1 . 00 0 . 0 5 [ . 03 9 ] 0 . 50 0 . 1 5 [ . 020 ] pv c in su la tio n 28 awg 7 36 awg [ 7 ? 0 . 127 ] tin n e d s t rand e d c o ppe r co n duct o r s c blank = standard c = canadian certifed version (optional)
regulatory information appendix 3m electronic solutions division/interconnect europe appendix e1: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment, as amended by eu commission decision 2005/618/ec. this product is rohs compliant 2005/95/ec. rohs compliant 2005/95/ec means that the product or part (product) does not contain any of the substances in excess of the maximum concentration values in eu directive 2002/95/ec, as amended by commission decision 2005/618/ec, unless the substance is in an application that is exempt under eu rohs. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix e2: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment, as amended by eu commission decision 2005/618/ec. this product contains lead in the compliant pin area in excess of the maximum concentration value allowed but is compliant by exemption under eu commission decision 2005/747/ec. rohs compliant 2005/95/ec means that the product or part (product) does not contain any of the substances in excess of the maximum concentration values in eu directive 2002/95/ec, as amended by commission decision 2005/618/ec, unless the substance is in an application that is exempt under eu rohs. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix e3: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment as amended by commission decision 2005/618/ec. this product contains lead in the solder tail area in excess of the maximum concentration value allowed . unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix e4: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment, as amended by eu commission decision 2005/618/ec, as amended by eu commission decision 2005/717/ec, as amended by eu court of justice decision 2008/c 116/04 this product contains decabde in the insulating material in excess of the maximum concentration allowed for fnished products subject to eu rohs that are placed on the eu market after june 30, 2008. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. ria-2217b-e
appendix e5: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical and electronic equipment, as amended by eu commission decision 2005/618/ec. this product contains lead in excess of the maximum concentration value allowed but is compliant by exemption under item 6 of the annex to the directive. rohs compliant 2005/95/ec means that the product or part (product) does not contain any of the substances in excess of the maximum concentration values in eu directive 2002/95/ec, as amended by commission decision 2005/618/ec, unless the substance is in an application that is exempt under eu rohs. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. china appendix c1: china rohs electronic industry standard of the peoples republic of china, sj/t11363-2006, requirements for concentration limits for certain hazardous substances in electronic information products. this symbol, per marking for the control of pollution caused by electronic information products, sj/t11364-2006, means that the product or part does not contain any of the following substances in excess of the following maximum concentration values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated diphenyl ethers (excluding decabde); or (b) 0.01% (by weight) for cadmium. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix c2: china rohs electronic industry standard of the peoples republic of china, sj/t11363-2006, requirements for concentration limits for certain hazardous substances in electronic information products. this symbol, per marking for the control of pollution caused by electronic information products, sj/t11364-2006, means that the product or part does contain a substance, as detailed in the chart below, in excess of the following maximum concentration values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated diphenyl ethers (excluding decabde); or (b) 0.01% (by weight) for cadmium. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. the numerical reference in the symbol above should not be construed as a representation regarding the products life or an extension of a product warranty. the product warranty is stated below. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the product warranty stated below. ria-2217b-e
important notice all statements, technical information, and recommendations related to 3ms products are based on information believed to be reliable, but the accuracy or completeness is not guaranteed. before using this product, you must evaluate it and determine if it is suitable for your intended application. you assume all risks and liability associated with such use. any statements related to the product which are not contained in 3ms current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized offcer of 3m. warranty; limited remedy; limited liability. this product will be free from defects in material and manufacture for a period of one (1) year from the time of purchase. 3m makes no other warranties including, but not limited to, any implied warranty of merchantability or fitness for a particular purpose. if this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3ms option, to replace or repair the 3m product or refund the purchase price of the 3m product. except where prohibited by law, 3m will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3m product, regardless of the legal theory asserted. please recycle. printed in usa. ? 3m 2008. all rights reserved. ria-2217b-e 3 3m electronics solutions division 6801 river place blvd. austin, tx 78726-9000 u.s.a. 1-800-225-5373 www.3m.com/interconnects 3m is a trademark of 3m company. appendix c3: china rohs electronic industry standard of the peoples republic of china, sj/t11363-2006, requirements for concentration limits for certain hazardous substances in electronic information products. this symbol, per marking for the control of pollution caused by electronic information products, sj/t11364-2006, means that the product or part does contain a substance, as detailed in the chart below, in excess of the following maximum concentration values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated diphenyl ethers (excluding decabde); or (b) 0.01% (by weight) for cadmium. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. the numerical reference in the symbol above should not be construed as a representation regarding the products life or an extension of a product warranty. the product warranty is stated below. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the product warranty stated below.
|