Part Number Hot Search : 
DU2880U LT1397CS DP126 01118 LN524OKS MBR16100 08140 CXOMKHG
Product Description
Full Text Search
 

To Download 336SAK100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3757 w. touhy ave., lincolnwood, il 60712 (847)675-1760 fax (847) 675-2850 www.illcap.com sak +85c low profile radial lead aluminum electrolytic capacitors features ? standard case sizes ? multiple case sizes ? lead free leads ? low profile applications ? bypass ? filtering ? coupling ? de-coupling specifications operating temperature range -40c to +85c capacitance tolerance + 20% at 120 hz, 20c wvdc 6.3 10 16 25 35 50 63 100 160 200 250 400 surge voltage svdc 7.9 13 20 32 44 63 79 125 200 250 300 450 wvdc 6.3 10 16 25 35 50 63 100 160 200 250 400 tan .28 .24 .2 .16 .14 .12 .1 .08 .2 .2 .2 .25 dissipation factor add .02 for every 1000uf above 1000uf < 100 wvdc < 100 wvdc 160 to 400 wvdc 1 minutes 2 minutes 1 minutes leakage current .03cv or 4ua, whichever is greater .01cv or 3ua, whichever is greater .04cv or 100ua wvdc 6.3 10 16 25 35 50 63 100 160 200 250 400 -25c to +20c 5 4 3 2 2 2 2 2 4 4 4 4 low temperature stability impedance ratio (120 hz) -40c to +20c 12 10 8 5 4 3 3 3 15 15 15 10 2000 hours at 85c with rated wvdc and ripple current applied capacitance change < 20% of initial measured value dissipation factor < 200% of maximum specified value load life leakage current > 100% of maximum specified value 1000 hours at 105c with no voltage applied capacitance change < 20% initial measured value dissipation factor < 200% of maximum specified value shelf life leakage current > 100% of maximum specified value frequency (hz) temperature (c) wvdc capacitance (uf) 50 120 300 1k 10k +85 +70 +60 6.3 to 100v c< 47 .75 1.0 1.35 1.57 2.0 1.0 1.3 1.5 6.3 to 100v 47470 .85 1.0 1.1 1.13 1.15 1.0 1.3 1.5 ripple current multipliers 160 to 400v all .8 1.0 1.25 1.40 1.60 1.0 1.4 1.8 d 5 6.3 8 10 12.5 16 18 s 2.0 2.5 3.5 5.0 5.0 7.5 7.5 d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 l 1 =l+1.5mm max. mm d 1 =d+0.5mm max. s 1 =s+0.5 mm
sak +85c, low profile, 2000 hours capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (ma) 120 hz, +105c dims dxl (mm) 1 50 105sak050m 198.944 13 5x9 1 100 105sak100m 132.629 21 5x9 2.2 50 225sak050m 90.429 26 5x9 2.2 100 225sak100m 6.029 30 5x9 3.3 50 335sak050m 60.286 35 5x9 3.3 100 335sak100m 40.191 40 5x9 4.7 50 475sak050m 42.328 40 5x9 4.7 100 475sak100m 28.219 50 5x9 10 63 106sak063m 16.579 70 5x9 10 100 106sak100m 13.263 80 6.3x9 10 400 106sak400m 41.447 140 16x15 22 50 226sak050m 9.043 90 5x9 22 63 226sak063m 7.536 110 6.3x9 22 100 226sak100m 6.029 135 8x9 22 250 226sak250m 15.071 280 16x15 22 400 226sak400m 18.839 280 18x15 33 35 336sak035m 7.033 100 5x9 33 50 336sak050m 6.029 120 6.3x9 33 63 336sak063m 5.024 135 6.3x9 33 100 336SAK100M 4.019 170 10x9 33 200 336sak200m 10.048 350 16x15 33 250 336sak250m 10.048 350 18x15 33 400 336sak400m 12.56 350 18x20 47 25 476sak025m 5.644 110 5x9 47 50 476sak050m 4.233 140 6.3x9 47 63 476sak063m 3.527 175 8x9 47 100 476sak100m 2.822 230 10x12.5 47 160 476sak160m 7.055 420 16x15 47 200 476sak200m 7.055 420 18x15 47 250 476sak250m 7.055 420 18x20 47 400 476sak400m 8.818 420 18x25 68 160 686sak160m 4.876 490 18x15 68 250 686sak250m 4.876 490 18x20 100 10 107sak010m 3.979 135 5x9 100 25 107sak025m 2.653 180 6.3x9 100 35 107sak035m 2.321 210 8x9 100 50 107sak050m 1.989 240 10x9 100 63 107sak063m 1.658 300 10x12.5 100 100 107sak100m 1.326 370 12.5x15 100 160 107sak160m 3.316 590 18x20 100 250 107sak250m 3.316 590 18x25 150 200 157sak200m 2.21 710 18x25 220 10 227sak010m 1.809 220 6.3x7 capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (ma) 120 hz, +105c dims dxl (mm) 220 16 227sak016m 1.507 270 8x9 220 35 227sak035m 1.055 330 10x9 220 63 227sak063m 0.754 470 12.5x12.5 220 100 227sak100m 0.603 620 16x15 330 6.3 337sak6r3m 1.407 250 6.3x9 330 10 337sak010m 1.206 300 8x9 330 25 337sak025m 0.804 370 10x9 330 35 337sak035m 0.703 460 10x12.5 330 50 337sak050m 0.603 520 12.5x12.5 330 63 337sak063m 0.502 600 12.5x15 330 100 337sak100m 0.402 830 18x20 470 10 477sak010m 0.847 360 8x9 470 16 477sak016m 0.706 400 10x9 470 25 477sak025m 0.564 520 10x12.5 470 35 477sak035m 0.494 570 12.5x12.5 470 50 477sak050m 0.423 730 16x15 470 63 477sak063m 0.353 840 18x15 470 100 477sak100m 0.282 1080 18x25 1000 6.3 108sak6r3m 0.464 490 10x9 1000 10 108sak010m 0.398 620 10x12.5 1000 16 108sak016m 0.332 700 12.5x12.5 1000 25 108sak025m 0.265 820 12.5x15 1000 35 108sak035m 0.232 990 16x15 1000 50 108sak050m 0.199 1180 18x20 1000 63 108sak063m 0.166 1410 18x25 2200 10 228sak010m 0.211 950 12.5x15 2200 16 228sak016m 0.181 1170 16x15 2200 25 228sak025m 0.151 1350 18x15 2200 35 228sak035m 0.136 1520 18x20 2200 50 228sak050m 0.121 1750 18x25 3300 10 338sak010m 0.151 1270 16x15 3300 16 338sak016m 0.131 1430 18x15 3300 25 338sak025m 0.111 1660 18x20 4700 6.3 478sak6r3m 0.12 1380 16x15 4700 10 478sak010m 0.113 1530 18x15 4700 16 478sak016m 0.099 1740 18x20 4700 25 478sak025m 0.085 2060 18x25 6800 6.3 688sak6r3m 0.1 1640 18x15 6800 10 688sak010m 0.09 1830 18x20 6800 16 688sak016m 0.08 2120 18x25 10000 6.3 109sak6r3m 0.08 1950 18x20 10000 10 109sak010m 0.07 2230 18x25


▲Up To Search▲   

 
Price & Availability of 336SAK100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X